Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LDM12-08-600 Datasheet(PDF) 3 Page - MicroPower Direct, LLC

Part # LDM12-08-600
Description  Constant Current Output
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPD [MicroPower Direct, LLC]
Direct Link  http://www.micropowerdirect.com
Logo MPD - MicroPower Direct, LLC

LDM12-08-600 Datasheet(HTML) 3 Page - MicroPower Direct, LLC

  LDM12-08-600 Datasheet HTML 1Page - MicroPower Direct, LLC LDM12-08-600 Datasheet HTML 2Page - MicroPower Direct, LLC LDM12-08-600 Datasheet HTML 3Page - MicroPower Direct, LLC LDM12-08-600 Datasheet HTML 4Page - MicroPower Direct, LLC  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
MicroPower Direct 292 Page Street Ste D Stoughton, MA 02072 TEL: (781) 344-8226 FAX: (781) 344-8481 E-Mail: sales@micropowerdirect.com
www.micropowerdirect.com
PWM Output Current Control
An LED operates at its maximum efficiency when
operated at the rated drive current specified by
the manufacturer. Operating an LED at lower than
its rated forward current not only decreases the
system efficiency; but may cause color (or wave-
length) shifting. In illumination applications, this
could cause visible changes to lighting.
A preferred method is using pulse width modula-
tion (PWM). As shown at left, the output current
is adjusted by applying a PWM signal to the VADJ
input. By varying the signal duty cycle the average
output current is adjusted up or down. To avoid
visible flicker, the PWM signal should be greater
than 200 Hz.
For duty cycles (DPWM) between 0.1 and 1, the
output current is derived by the formula:
II
X D
NOM
MAX
PWM
=
The VADJ input may be driven via an open collec-
tor transistor (as shown). The diode and resistor
suppress high amplitude negative spikes that may
be caused by the drain-source capacitance of the
transistor. Negative spikes on the control input of
the unit could cause errors in output current or
erratic operation.
The VADJ input can also be driven by the open drain
output of a microcontroller. Again, any high amplitude
negative spikes that may be caused by the drain-
source capacitance of the FET must be supressed.
PWM Control Signals
PWM Dimming Application
A simple method of achieving digital (or PWM) dimming is by using a 555 timer
to apply a series of pulses to the VADJ input, as illustrated above. The 555 oper-
ates over a supply voltage range of 4.5 VDC to 18VDC. Here it is connected
to the 15 VDC output of the SR7805 switching regulator (this is also the VIN
of the LED driver). Care should be taken to minimize ripple at the VCC input.
Excess ripple could cause timing errors.
The timer is connected for astable (free run) operation. The frequency is set
by R1, R2 and C4. The timing capacitor (C4) charges through R1 and D2. When
it reaches the level of 2/3 VCC, the discharge pin (pin 7) goes low and C4 will
discharge through D1 and R2 to the internal discharge transistor. When the C4
voltage drops to 1/3 VCC, the discharge pin goes high and C4 begins to charge
again. The formulas for calculating the frequency and duty cycle are included
in the MPD application note “Driving LEDs”.
The diodes (D1 and D2) allow duty cycles below 50% to be set. Diode D1
bypasses R2 while C4 is charging. Diode D2 is optional (but recommended),
essentially blocking R2 during the charge period. Theoretically, this circuit will
allow for duty cycles over a range of approximately 5% to 95%. If manual
adjustment is desired, a potentiometer may be substituted for R2 (with some
adjustment of the circuit).
The size of C4 is generally not critical, but it should be as low leakage as pos-
sible. In order to avoid excessive current flow through the internal discharge
transistor, it is recommended that R1 be at least 5 k .


Similar Part No. - LDM12-08-600

ManufacturerPart #DatasheetDescription
logo
MicroPower Direct, LLC
LDM12-08-600 MPD-LDM12-08-600 Datasheet
590Kb / 4P
   Miniature, Wide Input Constant Current DC/DC LED Drivers
More results

Similar Description - LDM12-08-600

ManufacturerPart #DatasheetDescription
logo
XP Power Limited
LDU4860S250 XPPOWER-LDU4860S250 Datasheet
339Kb / 4P
   Constant Current Output
logo
MicroPower Direct, LLC
LD48-09-150W(A) MPD-LD48-09-150W(A) Datasheet
639Kb / 4P
   Constant Current Output
LDM24-14-500 MPD-LDM24-14-500 Datasheet
607Kb / 4P
   Constant Current Output
LD24-08-350W(A) MPD-LD24-08-350W(A) Datasheet
614Kb / 4P
   Constant Current Output
LD24-04-150 MPD-LD24-04-150 Datasheet
632Kb / 4P
   Constant Current Output
LDB24-07-150 MPD-LDB24-07-150 Datasheet
325Kb / 2P
   Constant Current Output
logo
XP Power Limited
LDU2430S1000 XPPOWER-LDU2430S1000 Datasheet
339Kb / 4P
   Constant Current Output
LDU56 XPPOWER-LDU56 Datasheet
85Kb / 2P
   Constant Current Output
logo
MicroPower Direct, LLC
LD48-09-150 MPD-LD48-09-150 Datasheet
632Kb / 4P
   Constant Current Output
logo
Mean Well Enterprises C...
HBG-240P MEANWELL-HBG-240P Datasheet
173Kb / 7P
   CONSTANT VOLTAGECONSTANT CURRENT MODE OUTPUT
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com