Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LSR7810-02W Datasheet(PDF) 2 Page - MicroPower Direct, LLC

Part # LSR7810-02W
Description  Effi ciency to 93%
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPD [MicroPower Direct, LLC]
Direct Link  http://www.micropowerdirect.com
Logo MPD - MicroPower Direct, LLC

LSR7810-02W Datasheet(HTML) 2 Page - MicroPower Direct, LLC

  LSR7810-02W Datasheet HTML 1Page - MicroPower Direct, LLC LSR7810-02W Datasheet HTML 2Page - MicroPower Direct, LLC  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
www.micropowerdirect.com
MicroPower Direct
We Power Your Success - For Less!
292 Page Street Ste D Stoughton, MA 02072
TEL: (781) 344-8226
FAX: (781) 344-8481
E-Mail: sales@micropowerdirect.com
Notes:
1. Measured at an internal IC junction.
2. If the control pin (pin 10) is left open, the unit operates. If the
control pin is grounded, the unit is off.
3. This regulator is not designed to be used in parallel with another
unit to increase output power.
4. The input should not exceed the range given in the model
selection chart. Exceeding this limit could damage the unit.
5. If the output voltage is adjusted, the input/output relationship
must meet: VIN - VOUT = >2V. Attempting to operate below this
differential could damage the unit.
Model Selection Guide
Notes:
All dimensions are typical in inches (mm)
Tolerance x.xx = ±0.02 (±0.50)
Pin 1 is marked by a “dot” or indentation on the side of the unit
Model
Number
Input
Output
Efficiency (%, Max)
Voltage (VDC)
Current
(mA)
Voltage (VDC)
Current
(A)
Min VIN
Max VIN
Nom.
Range
Nom.
Adj Range
LSR7810-015W
12
4.75 - 15.0
165
1.5
Fixed
1.0
76
74
LSR7810-018W
12
4.75 - 15.0
190
1.8
1.5 - 3.6
1.0
79
77
LSR7810-02W
12
5.0 - 18.0
245
2.5
1.5 - 3.9
1.0
83
81
LSR7810-03W
12
5.0 - 18.0
320
3.3
1.8 - 5.5
1.0
84
84
LSR7810-05W
12
7.0 - 18.0
460
5.0
2.5 - 6.5
1.0
90
88
LSR7810-06W
12
8.5 - 18.0
580
6.5
Fixed
1.0
93
91
Mechanical Dimensions
Pin Function
Pin Function
1
+VIN
7
Gnd
5
+VOUT
9
Gnd
6
VADJ
10
Control
Pin Connection
Solder Layout
Derating Curve
www.micropowerdirect.com
www.micropowerdirect.com
The figure at above shows a typical connection of the LSR7810. Some notes on this connection are:
1. C1 & C2 are low ESR ceramic capacitors used to minimize noise at the regulator. A tantalum or low ESR
electrolytic capacitor may also be used. These capacitors are required and should be mounted as close
to the regulator pins as possible.
2. R1 & R2 are used to adjust the regulator output. If this is not required, the VADJ pin (pin 6) should be connected
to ground through 470 pF ceramic capacitor. For more information on adjusting the output, please contact
the factory.
3. A simple LC network may be used to improve the output ripple of the unit. This is illustrated by LOUT and COUT.
Typical Application Circuits


Similar Part No. - LSR7810-02W

ManufacturerPart #DatasheetDescription
logo
MicroPower Direct, LLC
LSR7805 MPD-LSR7805 Datasheet
389Kb / 2P
   Low Cost, Miniature 500 mA Surface Mount POL Switching Regulators
LSR7805-03W MPD-LSR7805-03W Datasheet
389Kb / 2P
   Low Cost, Miniature 500 mA Surface Mount POL Switching Regulators
LSR7805-05W MPD-LSR7805-05W Datasheet
389Kb / 2P
   Low Cost, Miniature 500 mA Surface Mount POL Switching Regulators
LSR7805-09W MPD-LSR7805-09W Datasheet
389Kb / 2P
   Low Cost, Miniature 500 mA Surface Mount POL Switching Regulators
LSR7805-12W MPD-LSR7805-12W Datasheet
389Kb / 2P
   Low Cost, Miniature 500 mA Surface Mount POL Switching Regulators
More results

Similar Description - LSR7810-02W

ManufacturerPart #DatasheetDescription
logo
MicroPower Direct, LLC
MSR7805WUP MPD-MSR7805WUP Datasheet
1Mb / 4P
   Effi ciency to 95%
logo
Semtech Corporation
SC4539 SEMTECH-SC4539 Datasheet
245Kb / 14P
   High Effi ciency Boost Converter for up to 6 LEDS
SC4540 SEMTECH-SC4540 Datasheet
282Kb / 15P
   High Effi ciency Boost Converter for up to 10 LEDs
SC4538 SEMTECH-SC4538_08 Datasheet
252Kb / 14P
   High Effi ciency Boost Converter for up to 10 LEDs
SC4539 SEMTECH-SC4539_08 Datasheet
249Kb / 14P
   High Effi ciency Boost Converter for up to 6 LEDS
logo
Linear Technology
LTM4600 LINER-LTM4600_06 Datasheet
343Kb / 24P
   10A High Effi ciency DC/DC 關Module
LTC4009 LINER-LTC4009 Datasheet
305Kb / 28P
   High Effi ciency, Multi-Chemistry Battery Charger
logo
Semtech Corporation
SC4538 SEMTECH-SC4538 Datasheet
235Kb / 14P
   High Effi ciency Boost Converter for up to 10 LEDs
logo
Linear Technology
LTM4600 LINER-LTM4600 Datasheet
356Kb / 24P
   10A High Effi ciency DC/DC 關Module
LTM4602 LINER-LTM4602 Datasheet
327Kb / 24P
   6A High Effi ciency DC/DC 關Module
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com