Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FA24NP02A822JNU0 Datasheet(PDF) 1 Page - TDK Electronics

Part # FA24NP02A822JNU0
Description  MLCC with Dipped Radial Lead Halogen-free, Automotive Grade, High Temperature Application
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TDK [TDK Electronics]
Direct Link  http://www.tdk.com
Logo TDK - TDK Electronics

FA24NP02A822JNU0 Datasheet(HTML) 1 Page - TDK Electronics

  FA24NP02A822JNU0 Datasheet HTML 1Page - TDK Electronics FA24NP02A822JNU0 Datasheet HTML 2Page - TDK Electronics FA24NP02A822JNU0 Datasheet HTML 3Page - TDK Electronics FA24NP02A822JNU0 Datasheet HTML 4Page - TDK Electronics FA24NP02A822JNU0 Datasheet HTML 5Page - TDK Electronics FA24NP02A822JNU0 Datasheet HTML 6Page - TDK Electronics FA24NP02A822JNU0 Datasheet HTML 7Page - TDK Electronics FA24NP02A822JNU0 Datasheet HTML 8Page - TDK Electronics FA24NP02A822JNU0 Datasheet HTML 9Page - TDK Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 26 page
background image
July 2015
CA P A C I TO R S
Type:
Lead pitch
5.0 mm
FA28 [4.0x5.5 mm]
FA24 [4.5x5.5 mm]
FA26 [5.5x6.0 mm]
FA20 [5.5x7.0 mm]
FA22 [7.5x8.5 mm]
Lead pitch
2.5 mm
FA18 [4.0x5.5 mm]
FA14 [4.5x5.5 mm]
FA16 [5.5x6.0 mm]
FA11 [5.5x7.0 mm]
MLCC with Dipped Radial Lead
Halogen-free, Automotive Grade, High Temperature Application
FA Series (NP0, X8R)


Similar Part No. - FA24NP02A822JNU0

ManufacturerPart #DatasheetDescription
logo
Coilcraft lnc.
FA2443-AL COILCRAFT-FA2443-AL Datasheet
134Kb / 1P
   Flyback Transformer
FA2443-AL COILCRAFT-FA2443-AL Datasheet
48Kb / 1P
   Flyback Transformer
FA2443 COILCRAFT-FA2443_13 Datasheet
48Kb / 1P
   Flyback Transformer
FA2469-AL COILCRAFT-FA2469-AL Datasheet
174Kb / 1P
   Flyback Transformers
FA2469-AL COILCRAFT-FA2469-AL Datasheet
99Kb / 1P
   Flyback Transformers
More results

Similar Description - FA24NP02A822JNU0

ManufacturerPart #DatasheetDescription
logo
TDK Electronics
FA11C0G2A473JNU00 TDK-FA11C0G2A473JNU00 Datasheet
259Kb / 30P
   MLCC with Dipped Radial Lead (Halogen-free, Automotive Grade)
FG11X7R1E475KNT00 TDK-FG11X7R1E475KNT00 Datasheet
267Kb / 31P
   MLCC with Dipped Radial Lead (Halogen-free, Commercial Grade)
FK26X7R2J222K TDK-FK26X7R2J222K Datasheet
139Kb / 11P
   MLCC with Dipped Radial Lead Commercial Grade
FK20X7R2E104K TDK-FK20X7R2E104K Datasheet
139Kb / 11P
   MLCC with Dipped Radial Lead Commercial Grade
FA14C0G1H223JNU00 TDK-FA14C0G1H223JNU00 Datasheet
136Kb / 2P
   MLCC with Dipped Radial Lead
FA14C0G2A153JRU00 TDK-FA14C0G2A153JRU00 Datasheet
134Kb / 2P
   MLCC with Dipped Radial Lead
FA14X7R1H225KRU00 TDK-FA14X7R1H225KRU00 Datasheet
142Kb / 2P
   MLCC with Dipped Radial Lead
FA14X7R1H334KNU06 TDK-FA14X7R1H334KNU06 Datasheet
146Kb / 2P
   MLCC with Dipped Radial Lead
FA14X7S2A154KRU00 TDK-FA14X7S2A154KRU00 Datasheet
145Kb / 2P
   MLCC with Dipped Radial Lead
FA16C0G1H683JNU06 TDK-FA16C0G1H683JNU06 Datasheet
135Kb / 2P
   MLCC with Dipped Radial Lead
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com