Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PJ-047BH Datasheet(PDF) 2 Page - CUI INC

Part # PJ-047BH
Description  DC POWER JACK
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CUI [CUI INC]
Direct Link  http://www.cui.com
Logo CUI - CUI INC

PJ-047BH Datasheet(HTML) 2 Page - CUI INC

  PJ-047BH Datasheet HTML 1Page - CUI INC PJ-047BH Datasheet HTML 2Page - CUI INC PJ-047BH Datasheet HTML 3Page - CUI INC  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
cui.com
CUI Inc
│ MODEL: PJ-047BH │ DESCRIPTION: DC POWER JACK
date 04/14/2016
│ page 2 of 3
6.00 0.236
3.3 0.130
3.3 0.130
7.40.291
2
31
(TYP)
0.276
7.0
0.374
9.5
0.236
6.00
0.106
(TYP)
2.7
1.500.059
2.500.098
0.087
2.2
7.40.291
10.3 0.406
11.5 0.453
1.800.071
(2 PLCS)
7.40.291
4.00 0.157
10.3 0.406
7.40.291
2.20.087
3.30.130
3.30.130
2.40 0.094
3
2
PCB LAYOUT
TOP VIEW
(3 PLCS)
1.00X2.00
0.80X2.40
(2 PLCS)
1
4.00 0.157
1.50X1.50
3
2
1
MECHANICAL DRAWING
MATERIAL
PLATING
center pin
copper
nickel
terminal 1
brass
silver
terminal 2
copper alloy
silver
terminal 3
brass
silver
shield
brass
nickel
plastic
PBT
units: mm[inches]
tolerance:
X.X ±0.2mm
X.XX ±0.1mm
X.XXX ±0.05mm
Note:
1. All specifications measured at 10~35°C, humidity at 45~85%, under standard atmospheric pressure, unless otherwise noted.
SCHEMATIC
Model
PJ-047BH
Center Pin
Ø2.5 mm
MATING PLUG
Jack Insertion Depth: 8.3 mm
For more information, please visit the product page
|
For information on related products, view External Power Supplies


Similar Part No. - PJ-047BH

ManufacturerPart #DatasheetDescription
logo
CUI INC
PJ-047B CUI-PJ-047B Datasheet
331Kb / 3P
   DC POWER JACK
More results

Similar Description - PJ-047BH

ManufacturerPart #DatasheetDescription
logo
CUI INC
PJ-032BH CUI-PJ-032BH Datasheet
154Kb / 3P
   DC POWER JACK
logo
Adam Technologies, Inc.
ADC-H-026-X ADAM-TECH-ADC-H-026-X Datasheet
87Kb / 1P
   DC POWER JACK
ADC-37A-X ADAM-TECH-ADC-37A-X Datasheet
83Kb / 1P
   DC POWER JACK
ADC-055-9-HT ADAM-TECH-ADC-055-9-HT Datasheet
79Kb / 1P
   DC POWER JACK
ADC-086-X ADAM-TECH-ADC-086-X Datasheet
106Kb / 1P
   DC POWER JACK
logo
CUI INC
PJ1-023 CUI-PJ1-023 Datasheet
245Kb / 3P
   DC POWER JACK
PJ-003A CUI-PJ-003A Datasheet
331Kb / 3P
   DC POWER JACK
PJ-006B CUI-PJ-006B Datasheet
60Kb / 1P
   DC POWER JACK
PJ-029C CUI-PJ-029C Datasheet
271Kb / 3P
   DC POWER JACK
PJ-014CH-SMT CUI-PJ-014CH-SMT Datasheet
128Kb / 3P
   DC POWER JACK
PJ-028-SMT CUI-PJ-028-SMT Datasheet
155Kb / 3P
   DC POWER JACK
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com