Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PJ-064B Datasheet(PDF) 3 Page - CUI INC

Part # PJ-064B
Description  DC POWER JACK
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CUI [CUI INC]
Direct Link  http://www.cui.com
Logo CUI - CUI INC

PJ-064B Datasheet(HTML) 3 Page - CUI INC

  PJ-064B Datasheet HTML 1Page - CUI INC PJ-064B Datasheet HTML 2Page - CUI INC PJ-064B Datasheet HTML 3Page - CUI INC  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
CUI Inc
│ SERIES: PJ-064X │ DESCRIPTION: DC POWER JACK
date
12/19/2012 │ page 3 of 3
CUI offers a one (1) year limited warranty. Complete warranty information is listed on our website.
CUI reserves the right to make changes to the product at any time without notice. Information provided by CUI is believed to be accurate and reliable. However, no responsibility is
assumed by CUI for its use, nor for any infringements of patents or other rights of third parties which may result from its use.
CUI products are not authorized or warranted for use as critical components in equipment that requires an extremely high level of reliability. A critical
component is any component of a life support device or system whose failure to perform can be reasonably expected to cause the failure of the life support device or system, or to
affect its safety or effectiveness.
Headquarters
20050 SW 112th Ave.
Tualatin, OR 97062
800.275.4899
Fax 503.612.2383
cui.com
techsupport@cui.com
rev.
description
date
1.0
initial release
08/03/2010
1.01
new template applied
06/14/2012
1.02
updated voltage and current rating
12/19/2012
The revision history provided is for informational purposes only and is believed to be accurate.
REVISION HISTORY
For more information, please visit the product page
|
For information on related products, view External Power Supplies


Similar Part No. - PJ-064B

ManufacturerPart #DatasheetDescription
logo
CUI INC
PJ-060A CUI-PJ-060A Datasheet
24Kb / 1P
   DC POWER JACK
PJ-060B CUI-PJ-060B Datasheet
23Kb / 1P
   DC POWER JACK
PJ-063AH CUI-PJ-063AH Datasheet
318Kb / 3P
   DC POWER JACK
PJ-063BH CUI-PJ-063BH Datasheet
22Kb / 1P
   CONTACT RESISTANCE: 50m OHMS MAX
PJ-065A CUI-PJ-065A Datasheet
150Kb / 3P
   DC POWER JACK
More results

Similar Description - PJ-064B

ManufacturerPart #DatasheetDescription
logo
CUI INC
PJ-032BH CUI-PJ-032BH Datasheet
154Kb / 3P
   DC POWER JACK
logo
Adam Technologies, Inc.
ADC-H-026-X ADAM-TECH-ADC-H-026-X Datasheet
87Kb / 1P
   DC POWER JACK
ADC-37A-X ADAM-TECH-ADC-37A-X Datasheet
83Kb / 1P
   DC POWER JACK
ADC-055-9-HT ADAM-TECH-ADC-055-9-HT Datasheet
79Kb / 1P
   DC POWER JACK
ADC-086-X ADAM-TECH-ADC-086-X Datasheet
106Kb / 1P
   DC POWER JACK
logo
CUI INC
PJ1-023 CUI-PJ1-023 Datasheet
245Kb / 3P
   DC POWER JACK
PJ-003A CUI-PJ-003A Datasheet
331Kb / 3P
   DC POWER JACK
PJ-006B CUI-PJ-006B Datasheet
60Kb / 1P
   DC POWER JACK
PJ-029C CUI-PJ-029C Datasheet
271Kb / 3P
   DC POWER JACK
PJ-014CH-SMT CUI-PJ-014CH-SMT Datasheet
128Kb / 3P
   DC POWER JACK
PJ-028-SMT CUI-PJ-028-SMT Datasheet
155Kb / 3P
   DC POWER JACK
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com