Electronic Components Datasheet Search |
|
FA18NP01H391JNU0 Datasheet(PDF) 3 Page - TDK Electronics |
|
FA18NP01H391JNU0 Datasheet(HTML) 3 Page - TDK Electronics |
3 / 26 page (3/26) 20150731 / leadmlcc_halogenfree_fa150_en.fm Please be sure to request delivery specifications that provide further details on the features and specifications of the products for proper and safe use. Please note that the contents may change without any prior notice due to reasons such as upgrading. CAPACITORS MLCC with Dipped Radial Lead Halogen-free, Automotive Grade, High Temperature Application FEATURES A lineup with a rated voltage of 25V to 100V. Compatible with a wide capacitance range of 10pF to 4.7μF. For guaranteed applications withstanding rigorous temperature environments of up to 150°C. The FA series for automotive use is AEC-Q200 compliant. APPLICATION Noise reduction measures for various motors for automotive use Resonant circuits in areas such as keyless entry systems Bypass capacitors such as for switching power sources, smoothing capacitors, etc. Snubber circuits PFC input filters PART NUMBER CONSTRUCTION Applicable capacitance range: Max. 10 pF for D, over 10 pF for J and K. Applied to the TDK’s standard specification products. OPERATING TEMPERATURE RANGE The Storage temperature range is for after the circuit board is mounted. Overview of the FA Series FA 2 8 NP0 1H 100 D □□□ □ Series name Lead pitch (mm) LxWxT Dimensions (mm) Capacitance temperature characteristics Rated voltage (V) Nominal capacitance Capacitance tolerance Internal code Packaging Style 1 2.5 8 4.0x5.5x2.5 NP0 0±30ppm/°C 1E 25 100 10pF D ±0.5pF 0 Bulk 2 5.0 4 4.5x5.5x3.0 X8R ±15% 1H 50 101 100pF J ±5% 6 Taping 6 5.5x6.0x3.5 2A 100 102 1,000pF K ±10% 0 5.5x7.0x4.0 105 1uF 1 5.5x7.0x4.0 2 7.5x8.5x4.5 Capacitance temperature characteristics Operating temperature range Operating temperature Storage temperature (°C) (°C) NP0, X8R –55 to +150 –55 to +150 Product compatible with RoHS directive Halogen-free RoHS Directive Compliant Product: See the following for more details related to RoHS Directive compliant products. http://product.tdk.com/en/environment/rohs/ Halogen-free: Indicates that Cl content is less than 900ppm, Br content is less than 900ppm, and that the total Cl and Br content is less than 1500ppm. |
Similar Part No. - FA18NP01H391JNU0 |
|
Similar Description - FA18NP01H391JNU0 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |