Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BTX18-500 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # BTX18-500
Description  SILICON THYRISTORS
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

BTX18-500 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  BTX18-500 Datasheet HTML 1Page - List of Unclassifed Manufacturers BTX18-500 Datasheet HTML 2Page - List of Unclassifed Manufacturers BTX18-500 Datasheet HTML 3Page - List of Unclassifed Manufacturers BTX18-500 Datasheet HTML 4Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
COMSET SEMICONDUCTORS
1/4
BTX18-100/BTX18-200/BTX18-300
BTX18-400/BTX18-500
RATINGS
Limiting values in accordance with the Absolute Maximum System (IEC 134)
Anode to Cathode - Ratings
Voltage
1)
Symbol
Ratings
BTX18-
100
BTX18-
200
BTX18-
300
BTX18-
400
BTX18-
500
VR
Continuous Reverse Voltage
100
200
300
400
500
V
VRWM
Crest Working Reverse Voltage
100
200
300
400
500
V
VRRM
Repetitive Peak Reverse Voltage
(
δ = 0.01 ; f=50Hz)
120
240
350
500
600
V
VRSM
Non-repetitive
peak
reverse
voltage
(t<10ms)
120
240
350
500
600
V
VDWM
Crest Working off-state Voltage
100
200
300
400
500
V
VD
Continuous off-state Voltage
100
200
300
400
500
V
VDRM
Repetitive peak off-state voltage
(
δ = 0.01 ; f=50Hz)
120
240
350
500
600
V²)
VDSM
Non-repetitive peak off-state voltage
(t<10ms)
120
240
350
500
600
V²)
Currents
Symbol
Ratings
BTX18-
100
BTX18-
200
BTX18-
300
BTX18-
400
BTX18-
500
TCASE=105°C
Max : 1.0
A
IT(AV)
Average on-state current
(averaged over any 20
ms period)
TAMB=60°C, in
free air
Max : 250
mA
IT
On-state Current (D.C.)
TCASE=100°C
Max : 1.6
A
IT(RMS)
RMS on-state Current
Max : 1.6
A
SILICON THYRISTORS
The BTX18 series is a range of p-gate reverse blocking thyristors, in a
TO-39 metal enveloppe, intended for use in general low power
applications up to a A average on-state current.


Similar Part No. - BTX18-500

ManufacturerPart #DatasheetDescription
logo
New Jersey Semi-Conduct...
BTX18-500 NJSEMI-BTX18-500 Datasheet
119Kb / 3P
   SILICON THYRISTORS
More results

Similar Description - BTX18-500

ManufacturerPart #DatasheetDescription
logo
Comset Semiconductor
2N2322 COMSET-2N2322 Datasheet
80Kb / 3P
   SILICON THYRISTORS
logo
New Jersey Semi-Conduct...
BTX18-100 NJSEMI-BTX18-100 Datasheet
119Kb / 3P
   SILICON THYRISTORS
logo
SiPower Inc.
SPJT16J SIPOWER-SPJT16J Datasheet
399Kb / 2P
   Silicon Thyristors
logo
Comset Semiconductor
2N2327 COMSET-2N2327 Datasheet
80Kb / 3P
   SILICON THYRISTORS
logo
SiPower Inc.
SPJT8J SIPOWER-SPJT8J Datasheet
403Kb / 2P
   Silicon Thyristors
logo
ON Semiconductor
2N6344 ONSEMI-2N6344 Datasheet
87Kb / 8P
   Silicon Bidirectional Thyristors
March, 2000 ??Rev. 1
MAC223A6 ONSEMI-MAC223A6 Datasheet
162Kb / 5P
   Silicon Bidirectional Thyristors
August, 2006 ??Rev. 2
logo
Kersemi Electronic Co.,...
MAC4DSM KERSEMI-MAC4DSM Datasheet
466Kb / 8P
   Silicon Bidirectional Thyristors
logo
ON Semiconductor
BTA30-600CW3G ONSEMI-BTA30-600CW3G Datasheet
109Kb / 6P
   Silicon Bidirectional Thyristors
March, 2009 ??Rev. 0
logo
Digitron Semiconductors
MAC223 DIGITRON-MAC223 Datasheet
173Kb / 3P
   SILICON BIDIRECTIONAL THYRISTORS
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com