Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CLC021 Datasheet(PDF) 8 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # CLC021
Description  SMPTE 259M Digital Video Serializer with EDH Generation and Insertion
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

CLC021 Datasheet(HTML) 8 Page - National Semiconductor (TI)

Back Button CLC021 Datasheet HTML 4Page - National Semiconductor (TI) CLC021 Datasheet HTML 5Page - National Semiconductor (TI) CLC021 Datasheet HTML 6Page - National Semiconductor (TI) CLC021 Datasheet HTML 7Page - National Semiconductor (TI) CLC021 Datasheet HTML 8Page - National Semiconductor (TI) CLC021 Datasheet HTML 9Page - National Semiconductor (TI) CLC021 Datasheet HTML 10Page - National Semiconductor (TI) CLC021 Datasheet HTML 11Page - National Semiconductor (TI) CLC021 Datasheet HTML 12Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 18 page
background image
Timing Diagram
Device Operation
The CLC021 SMPTE 259M Serial Digital Video Serializer is
used in digital video signal origination equipment: cameras,
video tape recorders, telecines and video test and other
equipment. It converts parallel component or composite digi-
tal video signals into serial format. Logic levels within this
equipment are normally TTL-compatible as produced by
CMOS or bipolar logic devices. The encoder produces ECL-
compatible serial digital video (SDV) signals conforming to
SMPTE 259M-1997. The CLC021 operates at all standard
SMPTE and ITU-R parallel data rates. In addition, the
CLC021 can serialize other 8- and 10-bit data.
VIDEO DATA PROCESSING CIRCUITS
The input data register accepts 8- or 10-bit parallel data
and clock signals having HCMOS/LSTTL-compatible signal
levels. Parallel data may conform to any of several stan-
dards: SMPTE 125M, SMPTE 267M, SMPTE 244M or
ITU-R BT.601. If the data is 8-bit, it is converted to a 10-bit
representation according to the type of data being input:
component 4:2:2 per SMPTE 259M paragraph 7.1.1, com-
posite NTSC per paragraph 8.1.1 or composite PAL per
paragraph 9.1.1. Eight-bit video data corresponds to the
upper 8 bits of the 10-bit video data word and is MSB-
aligned. Output from this register feeds the TRS (sync)
character detector, SMPTE polynomial generator/serializer
and the EDH polynomial generators/serializers and control
system. All parallel data and clock inputs have internal pull-
down devices.
The sync detector or TRS character detector receives data
from the input register. The detection function is controlled
by Sync Detect Enable, a low-true, TTL-compatible, external
signal. Synchronization words, the timing reference signals
(TRS), start-of-active-video (SAV) and end-of-active-video
(EAV) are defined in SMPTE 125M and 244M. The sync
detector supplies control signals to the SMPTE polynomial
generator to identify the presence of valid video data, and to
the EDH control block. In SMPTE mode, TRS character
LSB-clipping as prescribed in ITU-R BT.601 is enabled. LSB-
clipping causes all TRS characters with a value between
000h and 003h to be forced to 000h and all TRS characters
with a value between 3FCh and 3FFh to be forced to 3FFh.
Clipping is done prior to encoding or EDH character genera-
tion. This function is disabled in non-SMPTE mode opera-
tion.
Outputs from the sync detector are:
1.
H, V, and F or Line/Field ID — For component video,
these are registered outputs corresponding to input TRS
data bits 6, 7 and 8, respectively. These outputs are
disabled in non-SMPTE mode. The outputs are active
HIGH-true. For composite video, these outputs corre-
spond to the line and field ID encoded as input parallel
data bits 2 (MSB) through 0. These outputs are regis-
tered for the duration of the applicable field.
2.
NSP — New Sync Position: A function and output indi-
cating that a new or out-of-place TRS character has
been detected. This output remains active for at least
one horizontal line period (reset by EAV) or unless re-
activated by a subsequent new or out-of-place TRS.
Activation of this function flushes the existing state of the
machine reseting the EDH generator, SMPTE polyno-
mial generator, serializer and NRZ-NRZI converter. This
function is disabled in non-SMPTE mode operation. The
output is active HIGH-true.
3.
ANC — Ancilliary data location output: Indicates that the
ancilliary data header (component) or flag (composite)
has been detected. The output is a pulse having a
duration of one P
CLK period. The output is active HIGH-
true.
SMPTE POLYNOMIAL GENERATOR AND CONTROLS
The SMPTE Mode input allows the CLC021 to function both
as a full SMPTE 259M encoder or general-purpose 8- or
10-bit serializer. SMPTE mode is enabled when this input is
LOW. Non-SMPTE mode is enabled when this pin is HIGH.
This pin is pulled internally to V
SS when unconnected. When
in SMPTE mode, the SMPTE polynomial generator; TRS
sync detection circuitry; EDH control circuitry; H, V, F and
NSP outputs and TRS clipping are enabled.
The SMPTE polynomial generator accepts the parallel
video data and encodes it using the polynomial X
9 +X4 +1
as specified in SMPTE 259M (1997 rev.), paragraph 5 and
Annex C. The transmission bit order is LSB-first, per para-
graph 6.
10136805
FIGURE 3. Setup and Hold Timing
www.national.com
8


Similar Part No. - CLC021

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CLC021 TI1-CLC021 Datasheet
655Kb / 25P
[Old version datasheet]   SMPTE 259M Digital Video Serializer with EDH Generation and Insertion
CLC021AVGZ-3.3 TI1-CLC021AVGZ-3.3 Datasheet
655Kb / 25P
[Old version datasheet]   SMPTE 259M Digital Video Serializer with EDH Generation and Insertion
CLC021AVGZ-3.3/NOPB TI1-CLC021AVGZ-3.3/NOPB Datasheet
655Kb / 25P
[Old version datasheet]   SMPTE 259M Digital Video Serializer with EDH Generation and Insertion
CLC021AVGZ-5.0/NOPB TI1-CLC021AVGZ-5.0/NOPB Datasheet
655Kb / 25P
[Old version datasheet]   SMPTE 259M Digital Video Serializer with EDH Generation and Insertion
CLC021 TI1-CLC021_14 Datasheet
655Kb / 25P
[Old version datasheet]   SMPTE 259M Digital Video Serializer with EDH Generation and Insertion
More results

Similar Description - CLC021

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CLC021 TI1-CLC021_14 Datasheet
655Kb / 25P
[Old version datasheet]   SMPTE 259M Digital Video Serializer with EDH Generation and Insertion
logo
National Semiconductor ...
CLC020 NSC-CLC020 Datasheet
362Kb / 15P
   SMPTE 259M Digital Video Serializer with Integrated Cable Driver
logo
Texas Instruments
CLC020 TI1-CLC020 Datasheet
753Kb / 20P
[Old version datasheet]   CLC020 SMPTE 259M Digital Video Serializer with Integrated Cable Driver
logo
National Semiconductor ...
LMH0030_0608 NSC-LMH0030_0608 Datasheet
733Kb / 29P
   SMPTE 292M/259M Digital Video Serializer with Video and Ancillary Data FIFOs and Integrated Cable Driver
CLC030 NSC-CLC030 Datasheet
329Kb / 29P
   SMPTE 292M/259M Digital Video Serializer with Video and Ancilliary Data FIFOs and Integrated Cable Driver
LMH0030 NSC-LMH0030 Datasheet
732Kb / 29P
   SMPTE 292M/259M Digital Video Serializer with Video and Ancillary Data FIFOs and Integrated Cable Driver
logo
Texas Instruments
LMH0030 TI1-LMH0030_14 Datasheet
370Kb / 38P
[Old version datasheet]   SMPTE 292M/259M Digital Video Serializer with Video and Ancillary Data FIFOs and Integrated Cable Driver
logo
National Semiconductor ...
CLC030 NSC-CLC030_06 Datasheet
733Kb / 29P
   SMPTE 292M/259M Digital Video Serializer with Video and Ancillary Data FIFOs and Integrated Cable Driver
logo
Gennum Corporation
GS1572 GENNUM-GS1572 Datasheet
1Mb / 64P
   EDH packet generation and insertion
logo
Texas Instruments
LMH0031 TI1-LMH0031 Datasheet
375Kb / 39P
[Old version datasheet]   SMPTE 292M/259M Digital Video Deserializer / Descrambler
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com