Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FA16NP01H473JNU0 Datasheet(PDF) 8 Page - TDK Electronics

Part # FA16NP01H473JNU0
Description  MLCC with Dipped Radial Lead Halogen-free, Automotive Grade, High Temperature Application
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TDK [TDK Electronics]
Direct Link  http://www.tdk.com
Logo TDK - TDK Electronics

FA16NP01H473JNU0 Datasheet(HTML) 8 Page - TDK Electronics

Back Button FA16NP01H473JNU0 Datasheet HTML 4Page - TDK Electronics FA16NP01H473JNU0 Datasheet HTML 5Page - TDK Electronics FA16NP01H473JNU0 Datasheet HTML 6Page - TDK Electronics FA16NP01H473JNU0 Datasheet HTML 7Page - TDK Electronics FA16NP01H473JNU0 Datasheet HTML 8Page - TDK Electronics FA16NP01H473JNU0 Datasheet HTML 9Page - TDK Electronics FA16NP01H473JNU0 Datasheet HTML 10Page - TDK Electronics FA16NP01H473JNU0 Datasheet HTML 11Page - TDK Electronics FA16NP01H473JNU0 Datasheet HTML 12Page - TDK Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 26 page
background image
(8/26)
20150731 / leadmlcc_halogenfree_fa150_en.fm
Please be sure to request delivery specifications that provide further details on the features and specifications of the products for proper and safe use.
Please note that the contents may change without any prior notice due to reasons such as upgrading.
CAPACITORS
FA28 Type
ELECTRICAL CHARACTERISTICS
CHARACTERISTICS SPECIFICATION TABLE
CLASS 2 (TEMPERATURE STABLE)
* The part numbers are TDK’s standard specification products.
The " □ " of the Part Number contains the packaging symbol, 0 (Bulk packaging) or 6 (Taping packaging).
Temperature
characteristics
Capacitance
Tolerance
Rated voltage
Edc (V)
Part No.
X8R
68nF
±10
25
FA28X8R1E683KNU0
X8R
100nF
±10
25
FA28X8R1E104KNU0
X8R
150nF
±10
25
FA28X8R1E154KRU0
X8R
220nF
±10
25
FA28X8R1E224KRU0
X8R
1nF
±10
50
FA28X8R1H102KNU0
X8R
1.5nF
±10
50
FA28X8R1H152KNU0
X8R
2.2nF
±10
50
FA28X8R1H222KNU0
X8R
3.3nF
±10
50
FA28X8R1H332KNU0
X8R
4.7nF
±10
50
FA28X8R1H472KNU0
X8R
6.8nF
±10
50
FA28X8R1H682KNU0
X8R
10nF
±10
50
FA28X8R1H103KNU0
X8R
15nF
±10
50
FA28X8R1H153KNU0
X8R
22nF
±10
50
FA28X8R1H223KNU0
X8R
33nF
±10
50
FA28X8R1H333KNU0
X8R
47nF
±10
50
FA28X8R1H473KNU0
X8R
68nF
±10
50
FA28X8R1H683KRU0
X8R
100nF
±10
50
FA28X8R1H104KRU0
X8R
1nF
±10
100
FA28X8R2A102KNU0
X8R
1.5nF
±10
100
FA28X8R2A152KNU0
X8R
2.2nF
±10
100
FA28X8R2A222KNU0
X8R
3.3nF
±10
100
FA28X8R2A332KNU0
X8R
4.7nF
±10
100
FA28X8R2A472KNU0
X8R
6.8nF
±10
100
FA28X8R2A682KNU0
X8R
10nF
±10
100
FA28X8R2A103KNU0
X8R
15nF
±10
100
FA28X8R2A153KNU0
X8R
22nF
±10
100
FA28X8R2A223KRU0
X8R
33nF
±10
100
FA28X8R2A333KRU0


Similar Part No. - FA16NP01H473JNU0

ManufacturerPart #DatasheetDescription
logo
Epson Company
FA1612AS EPSON-FA1612AS Datasheet
411Kb / 2P
   MHz RANGE CRYSTAL UNIT Built-in thermistor
logo
Littelfuse
FA165 LITTELFUSE-FA165 Datasheet
365Kb / 2P
   Tower and Obstruction Lighting Controls
Rev: 1-A-062316
FA165-2 LITTELFUSE-FA165-2 Datasheet
365Kb / 2P
   Tower and Obstruction Lighting Controls
Rev: 1-A-062316
logo
Ledil, Inc.
FA16662 LEDIL-FA16662 Datasheet
2Mb / 4P
   ~60째 batwing beam. Assembly with black holder and installation tape.
FA16986 LEDIL-FA16986 Datasheet
2Mb / 4P
   ~20째 spot beam. Assembly with installation tape.
More results

Similar Description - FA16NP01H473JNU0

ManufacturerPart #DatasheetDescription
logo
TDK Electronics
FA11C0G2A473JNU00 TDK-FA11C0G2A473JNU00 Datasheet
259Kb / 30P
   MLCC with Dipped Radial Lead (Halogen-free, Automotive Grade)
FG11X7R1E475KNT00 TDK-FG11X7R1E475KNT00 Datasheet
267Kb / 31P
   MLCC with Dipped Radial Lead (Halogen-free, Commercial Grade)
FK26X7R2J222K TDK-FK26X7R2J222K Datasheet
139Kb / 11P
   MLCC with Dipped Radial Lead Commercial Grade
FK20X7R2E104K TDK-FK20X7R2E104K Datasheet
139Kb / 11P
   MLCC with Dipped Radial Lead Commercial Grade
FA14C0G1H223JNU00 TDK-FA14C0G1H223JNU00 Datasheet
136Kb / 2P
   MLCC with Dipped Radial Lead
FA14C0G2A153JRU00 TDK-FA14C0G2A153JRU00 Datasheet
134Kb / 2P
   MLCC with Dipped Radial Lead
FA14X7R1H225KRU00 TDK-FA14X7R1H225KRU00 Datasheet
142Kb / 2P
   MLCC with Dipped Radial Lead
FA14X7R1H334KNU06 TDK-FA14X7R1H334KNU06 Datasheet
146Kb / 2P
   MLCC with Dipped Radial Lead
FA14X7S2A154KRU00 TDK-FA14X7S2A154KRU00 Datasheet
145Kb / 2P
   MLCC with Dipped Radial Lead
FA16C0G1H683JNU06 TDK-FA16C0G1H683JNU06 Datasheet
135Kb / 2P
   MLCC with Dipped Radial Lead
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com