Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FQD60N03L Datasheet(PDF) 10 Page - Fairchild Semiconductor

Part # FQD60N03L
Description  N-Channel Logic Level MOSFETs 30V, 30A, 0.023ohm
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FQD60N03L Datasheet(HTML) 10 Page - Fairchild Semiconductor

Back Button FQD60N03L Datasheet HTML 3Page - Fairchild Semiconductor FQD60N03L Datasheet HTML 4Page - Fairchild Semiconductor FQD60N03L Datasheet HTML 5Page - Fairchild Semiconductor FQD60N03L Datasheet HTML 6Page - Fairchild Semiconductor FQD60N03L Datasheet HTML 7Page - Fairchild Semiconductor FQD60N03L Datasheet HTML 8Page - Fairchild Semiconductor FQD60N03L Datasheet HTML 9Page - Fairchild Semiconductor FQD60N03L Datasheet HTML 10Page - Fairchild Semiconductor FQD60N03L Datasheet HTML 11Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 10 / 11 page
background image
©2004 Fairchild Semiconductor Corporation
FQD60N03L Rev. B1
SPICE Thermal Model
REV June 2002
FQD60N03LT
CTHERM1 th 6 1.3e-3
CTHERM2 6 5 1.5e-3
CTHERM3 5 4 1.6e-3
CTHERM4 4 3 1.7e-3
CTHERM5 3 2 5.8e-3
CTHERM6 2 tl 4.0e-2
RTHERM1 th 6 2.7e-3
RTHERM2 6 5 3.7e-3
RTHERM3 5 4 5.3e-2
RTHERM4 4 3 6.3e-1
RTHERM5 3 2 7.4e-1
RTHERM6 2 tl 7.6e-1
SABER Thermal Model
SABER thermal model FQD60N03LT
template thermal_model th tl
thermal_c th, tl
{
ctherm.ctherm1 th 6 = 1.3e-3
ctherm.ctherm2 6 5 = 1.5e-3
ctherm.ctherm3 5 4 = 1.6e-3
ctherm.ctherm4 4 3 = 1.7e-3
ctherm.ctherm5 3 2 = 5.8e-3
ctherm.ctherm6 2 tl = 4.0e-2
rtherm.rtherm1 th 6 = 2.7e-3
rtherm.rtherm2 6 5 = 3.7e-3
rtherm.rtherm3 5 4 = 5.3e-2
rtherm.rtherm4 4 3 = 6.3e-1
rtherm.rtherm5 3 2 = 7.4e-1
rtherm.rtherm6 2 tl = 7.6e-1
}
RTHERM4
RTHERM6
RTHERM5
RTHERM3
RTHERM2
RTHERM1
CTHERM4
CTHERM6
CTHERM5
CTHERM3
CTHERM2
CTHERM1
tl
2
3
4
5
6
th
JUNCTION
CASE


Similar Part No. - FQD60N03L

ManufacturerPart #DatasheetDescription
logo
Inchange Semiconductor ...
FQD60N03L ISC-FQD60N03L Datasheet
305Kb / 2P
   isc N-Channel MOSFET Transistor
2023-10-08
More results

Similar Description - FQD60N03L

ManufacturerPart #DatasheetDescription
logo
Kersemi Electronic Co.,...
KSMD60N03L KERSEMI-KSMD60N03L Datasheet
1Mb / 6P
   N-Channel Logic Level MOSFETs
logo
Fairchild Semiconductor
HPLR3103 FAIRCHILD-HPLR3103 Datasheet
117Kb / 7P
   52A, 30V, 0.019 Ohm, N-Channel Logic Level, Power MOSFETs
ISL9N304AP3 FAIRCHILD-ISL9N304AP3 Datasheet
195Kb / 11P
   N-Channel Logic Level UltraFET Trench MOSFETs 30V, 75A, 4.5m?
logo
Intersil Corporation
RFP45N03L INTERSIL-RFP45N03L Datasheet
100Kb / 7P
   45A, 30V, 0.022 Ohm, Logic Level, N-Channel Power MOSFETs
HPLR3103 INTERSIL-HPLR3103 Datasheet
71Kb / 6P
   52A, 30V, 0.019 Ohm, N-Channel Logic Level, Power MOSFETs
RFD16N03L INTERSIL-RFD16N03L Datasheet
107Kb / 8P
   16A, 30V, 0.025 Ohm, Logic Level, N-Channel Power MOSFETs
logo
Fairchild Semiconductor
ISL9N303AP3 FAIRCHILD-ISL9N303AP3 Datasheet
269Kb / 11P
   N-Channel Logic Level UltraFET Trench MOSFETs 30V, 75A, 3.2m?
ISL9N308AP3 FAIRCHILD-ISL9N308AP3 Datasheet
140Kb / 11P
   N-Channel Logic Level UltraFET Trench MOSFETs 30V, 75A, 8m ?
logo
Intersil Corporation
HUF76121D3 INTERSIL-HUF76121D3 Datasheet
361Kb / 10P
   20A, 30V, 0.023 Ohm, N-Channel, Logic Level UltraFET Power MOSFETs
HUF76137P3 INTERSIL-HUF76137P3 Datasheet
108Kb / 10P
   75A, 30V, 0.009 Ohm, N-Channel, Logic Level UltraFET Power MOSFETs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com