Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TSF-30 Datasheet(PDF) 8 Page - TDK Electronics

Part # TSF-30
Description  Ultra High Voltage Ceramic Capacitors
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TDK [TDK Electronics]
Direct Link  http://www.tdk.com
Logo TDK - TDK Electronics

TSF-30 Datasheet(HTML) 8 Page - TDK Electronics

Back Button TSF-30 Datasheet HTML 2Page - TDK Electronics TSF-30 Datasheet HTML 3Page - TDK Electronics TSF-30 Datasheet HTML 4Page - TDK Electronics TSF-30 Datasheet HTML 5Page - TDK Electronics TSF-30 Datasheet HTML 6Page - TDK Electronics TSF-30 Datasheet HTML 7Page - TDK Electronics TSF-30 Datasheet HTML 8Page - TDK Electronics TSF-30 Datasheet HTML 9Page - TDK Electronics TSF-30 Datasheet HTML 10Page - TDK Electronics  
Zoom Inzoom in Zoom Outzoom out
 8 / 10 page
background image
(8/10)
001-01 / 20140507 / uhv_tsf-h-ga_en.fm
• All specifications are subject to change without notice.
CAPACITORS
H/GA series 
H-11, GA-14
ELECTRICAL CHARACTERISTICS
CHARACTERISTICS SPECIFICATION TABLE
Class 2 (Temperature Stable)
Temperature Characteristics:Z5T(+10 to +85°C, +22/–33%)
PC:Pico coulomb.
Part No.
Rated voltage
Capacitance
Withstanding
voltage
Dissipation factor
(tan
G)
Insulation
resistance
AC Corona starting
voltage
(kV)
(pF)±10%
(kV)
(%) max.
(M
:) min.
(kV) min.
[3PC ]
H-11
8
2900
16
0.2
100000
8
GA-14
10
1700
20
0.2
100000
10


Similar Part No. - TSF-30

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
TSF-6522 ETC2-TSF-6522 Datasheet
29Kb / 3P
   No-Clean Tacky Soldering Flux
logo
Adam Technologies, Inc.
TSF-XX ADAM-TECH-TSF-XX Datasheet
101Kb / 1P
   TERMINAL BLOCK
More results

Similar Description - TSF-30

ManufacturerPart #DatasheetDescription
logo
TDK Electronics
FD-10AU TDK-FD-10AU_14 Datasheet
92Kb / 8P
   Ultra High Voltage Ceramic Capacitors
UHV-10A TDK-UHV-10A_14 Datasheet
80Kb / 6P
   Ultra High Voltage Ceramic Capacitors
FHV-10AN TDK-FHV-10AN_14 Datasheet
81Kb / 6P
   Ultra High Voltage Ceramic Capacitors
UHV TDK-UHV Datasheet
121Kb / 4P
   Ultra high voltage ceramic capacitors For high voltage power supplies/lasers
CK45-B3AD101KYGNA TDK-CK45-B3AD101KYGNA Datasheet
183Kb / 11P
   High Voltage Ceramic Capacitors
logo
Murata Manufacturing Co...
DE1E3KX222MA4BL01 MURATA-DE1E3KX222MA4BL01 Datasheet
1Mb / 66P
   High Voltage Ceramic Capacitors
DE2E3KH332MA3B MURATA-DE2E3KH332MA3B Datasheet
1Mb / 83P
   High Voltage Ceramic Capacitors
DE1E3KX472MN5AA01 MURATA-DE1E3KX472MN5AA01 Datasheet
1Mb / 72P
   High Voltage Ceramic Capacitors
DE2E3KY472MN2AM01 MURATA-DE2E3KY472MN2AM01 Datasheet
1Mb / 83P
   High Voltage Ceramic Capacitors
logo
TDK Electronics
CC45SL3AD100JYGNA TDK-CC45SL3AD100JYGNA Datasheet
157Kb / 9P
   High Voltage Ceramic Capacitors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com