Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPL1183427 Datasheet(PDF) 2 Page - TDK Electronics

Part # TPL1183427
Description  Transponder Coils
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TDK [TDK Electronics]
Direct Link  http://www.tdk.com
Logo TDK - TDK Electronics

TPL1183427 Datasheet(HTML) 2 Page - TDK Electronics

  TPL1183427 Datasheet HTML 1Page - TDK Electronics TPL1183427 Datasheet HTML 2Page - TDK Electronics TPL1183427 Datasheet HTML 3Page - TDK Electronics TPL1183427 Datasheet HTML 4Page - TDK Electronics TPL1183427 Datasheet HTML 5Page - TDK Electronics TPL1183427 Datasheet HTML 6Page - TDK Electronics TPL1183427 Datasheet HTML 7Page - TDK Electronics TPL1183427 Datasheet HTML 8Page - TDK Electronics TPL1183427 Datasheet HTML 9Page - TDK Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 13 page
background image
(2/13)
001-01 / 20131101 / e541_tpl.fm
• All specifications are subject to change without notice.
INDUC
T
O
RS
REMINDERS FOR USING THESE PRODUCTS
Before using these products, be sure to request the delivery specifications.
SAFETY REMINDERS
Please pay sufficient attention to the warnings for safe designing when using these products.
The storage period is less than 12 months. Be sure to follow the storage conditions (Temperature: 5 to 40°C, Humidity: 10 to 75% RH
or less).
If the storage period elapses, the soldering of the terminal electrodes may deteriorate.
Do not use or store in locations where there are conditions such as gas corrosion (salt, acid, alkali, etc.).
Before soldering, be sure to preheat components.
The preheating temperature should be set so that the temperature difference between the solder temperature and chip temperature
does not exceed 150°C.
Soldering corrections after mounting should be within the range of the conditions determined in the specifications.
If overheated, a short circuit, performance deterioration, or lifespan shortening may occur.
When embedding a printed circuit board where a chip is mounted to a set, be sure that residual stress is not given to the chip due to
the overall distortion of the printed circuit board and partial distortion such as at screw tightening portions.
Self heating (temperature increase) occurs when the power is turned ON, so the tolerance should be sufficient for the set thermal
design.
Use a wrist band to discharge static electricity in your body through the grounding wire.
Do not expose the products to magnets or magnetic fields.
Do not use for a purpose outside of the contents regulated in the delivery specifications.
If an ultrasonic process is used, thoroughly check the condition setting in order to prevent disconnection.
Do not clean the products with solvents. If a potting resin or a moisture-proof coat containing a solvent such as acetone, toluene or
xylene is used, consult with us in advance.
The products listed on this catalog are intended for use in general electronic equipment (AV equipment, telecommunications
equipment, home appliances, amusement equipment, computer equipment, personal equipment, office equipment, measurement
equipment, industrial robots) under a normal operation and use condition.
The products are not designed or warranted to meet the requirements of the applications listed below, whose performance and/or
quality require a more stringent level of safety or reliability, or whose failure, malfunction or trouble could cause serious damage to
society, person or property.
If you intend to use the products in the applications listed below or if you have special requirements exceeding the range or conditions
set forth in the each catalog, please contact us.
(1) Aerospace/Aviation equipment
(2) Transportation equipment (electric trains, ships, etc.)
(3) Medical equipment
(4) Power-generation control equipment
(5) Atomic energy-related equipment
(6) Seabed equipment
(7) Transportation control equipment
(8) Public information-processing equipment
(9) Military equipment
(10) Electric heating apparatus, burning equipment
(11) Disaster prevention/crime prevention equipment
(12) Safety equipment
(13) Other applications that are not considered general-purpose
applications
When designing your equipment even for general-purpose applications, you are kindly requested to take into consideration securing
protection circuit/device or providing backup circuits in your equipment.
REMINDERS


Similar Part No. - TPL1183427

ManufacturerPart #DatasheetDescription
logo
Copal Electronics
TPL1-01 COPAL-TPL1-01 Datasheet
346Kb / 5P
   Ultra-Miniature Pushbutton Switches
TPL1-01-L2 COPAL-TPL1-01-L2 Datasheet
346Kb / 5P
   Ultra-Miniature Pushbutton Switches
TPL1-01-L5 COPAL-TPL1-01-L5 Datasheet
346Kb / 5P
   Ultra-Miniature Pushbutton Switches
TPL1-01-L8 COPAL-TPL1-01-L8 Datasheet
346Kb / 5P
   Ultra-Miniature Pushbutton Switches
TPL1-01G COPAL-TPL1-01G Datasheet
346Kb / 5P
   Ultra-Miniature Pushbutton Switches
More results

Similar Description - TPL1183427

ManufacturerPart #DatasheetDescription
logo
TDK Electronics
B82450H2364A000 TDK-B82450H2364A000 Datasheet
305Kb / 6P
   Transponder coils
TPLC553030 TDK-TPLC553030 Datasheet
157Kb / 4P
   Transponder coils
20210217
logo
Coilcraft lnc.
4308RV COILCRAFT-4308RV Datasheet
106Kb / 2P
   RFID Transponder Coils
logo
Frontier Electronics.
STC1120 FRONTIER-STC1120 Datasheet
125Kb / 1P
   RFID Transponder Coils
logo
TDK Electronics
B82450A1004A000 TDK-B82450A1004A000 Datasheet
156Kb / 6P
   Inductors Transponder coils
logo
Central Technologies
CTTC4308F CT-CTTC4308F Datasheet
433Kb / 1P
   RFID Transponder Coils
logo
Coilcraft lnc.
4308TC COILCRAFT-4308TC Datasheet
118Kb / 2P
   RFID Transponder Coils
logo
TOKO, Inc
STA8121 TOKO-STA8121_16 Datasheet
260Kb / 1P
   Transponder Coils (Transmitter)
logo
Coilcraft lnc.
5315TC COILCRAFT-5315TC Datasheet
106Kb / 2P
   RFID Transponder Coils
logo
Central Technologies
CTTC1103F CT-CTTC1103F Datasheet
411Kb / 1P
   RFID Transponder Coils
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com