Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

1682749 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # 1682749
Description  24 AWG solid bare copper conductors, twisted pair, PVC insulation
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

1682749 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  1682749 Datasheet HTML 1Page - List of Unclassifed Manufacturers 1682749 Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
For more Information
please call
1-800-Belden1
General Description:
24 AWG solid bare copper conductors, twisted pair, PVC insulation.
Usage (Overall)
Suitable Applications:
Cross-Connect, Interconnect
Physical Characteristics (Overall)
Conductor
AWG:
# Pairs AWG Stranding Conductor Material
1
24
Solid
BC - Bare Copper
Total Number of Conductors:
2
Insulation
Insulation Material:
Insulation Material
PVC - Polyvinyl Chloride
Overall Cable
Overall Nominal Diameter:
0.036 x 0.072 in.
Pair
Pair Color Code Chart:
Number Color
1
Blue + White/Blue
Mechanical Characteristics (Overall)
UL Temperature Rating:
60°C
Bulk Cable Weight:
5 lbs/1000 ft.
Min. Bend Radius/Minor Axis:
1 in.
Min. Bend/Installation:
1 in.
Applicable Specifications and Agency Compliance (Overall)
Applicable Standards & Environmental Programs
NEC/(UL) Specification:
UL444
EU Directive 2000/53/EC (ELV):
Yes
EU Directive 2002/95/EC (RoHS):
Yes
EU RoHS Compliance Date (mm/dd/yyyy):
08/19/2005
EU Directive 2002/96/EC (WEEE):
Yes
EU Directive 2003/11/EC (BFR):
Yes
CA Prop 65 (CJ for Wire & Cable):
Yes
MII Order #39 (China RoHS):
Yes
Other Specification:
Meets Category 5 NEXT performance requirements as specified by TIA/EIA
568 B-2
Page 1 of 2
12-30-2012
Detailed Specifications & Technical Data
ENGLISH MEASUREMENT VERSION
XCB1 Multi-Conductor - B-Plus Cross-Connect Wire


Similar Part No. - 1682749

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1682744 PHOENIX-1682744 Datasheet
584Kb / 18P
   SAC-5P-M12MS/ 3,0-PUR SH - Sensor/actuator cable
logo
List of Unclassifed Man...
1682745 ETC2-1682745 Datasheet
101Kb / 3P
   18 AWG pairs stranded (19x30) tinned copper conductors, twisted pairs
1682746 ETC2-1682746 Datasheet
91Kb / 2P
   1 meter (3.3 ft.), Unshielded with solid conductors (ref: Belden Bonded-Pair Cable
logo
Cornell Dubilier Electr...
168274J63C-F CDE-168274J63C-F Datasheet
584Kb / 4P
   Type 168/185 Metallized Polyester Radial Lead Capacitors
168274K63C-F CDE-168274K63C-F Datasheet
584Kb / 4P
   Type 168/185 Metallized Polyester Radial Lead Capacitors
More results

Similar Description - 1682749

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
5542FE ETC2-5542FE Datasheet
97Kb / 3P
   22 AWG bare copper conductors, PVC insulation, conductors twisted into pairs
1347877 ETC2-1347877 Datasheet
99Kb / 3P
   24 AWG solid bare copper conductors, twisted pairs, non-plenum, Polyolefin insulation
1300SB ETC2-1300SB Datasheet
109Kb / 3P
   24 AWG solid bare copper conductors, polypropylene insulation
1344803 ETC2-1344803 Datasheet
109Kb / 4P
   24 AWG Solid Bare Copper Conductors, Polyolefin Insulation
1345263 ETC2-1345263 Datasheet
106Kb / 4P
   24 AWG Solid Bare Copper Conductors, Polyolefin Insulation
7930A ETC2-7930A Datasheet
108Kb / 4P
   24 AWG stranded (7x32) bare copper conductors, twisted pairs, polyolefin insulation
1300A ETC2-1300A Datasheet
109Kb / 4P
   4 twisted pairs shielded, 24 AWG solid bare copper conductors, riser rated, polyolefin insulation
1347101 ETC2-1347101 Datasheet
98Kb / 3P
   16 AWG pairs stranded (7x24) bare copper conductors, twisted pairs, PVC insulation
1348168 ETC2-1348168 Datasheet
102Kb / 3P
   18 AWG pairs stranded (7x26) bare copper conductors, twisted pairs, PVC insulation
1533P ETC2-1533P Datasheet
108Kb / 4P
   24 AWG solid bare copper conductors, plenum, FEP Teflon insulation
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com