Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ICL3217IAZ Datasheet(PDF) 3 Page - Intersil Corporation

Part # ICL3217IAZ
Description  Low Power, 3V to 5.5V, 250kbps, RS-232 Transmitters/Receivers
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ICL3217IAZ Datasheet(HTML) 3 Page - Intersil Corporation

  ICL3217IAZ Datasheet HTML 1Page - Intersil Corporation ICL3217IAZ Datasheet HTML 2Page - Intersil Corporation ICL3217IAZ Datasheet HTML 3Page - Intersil Corporation ICL3217IAZ Datasheet HTML 4Page - Intersil Corporation ICL3217IAZ Datasheet HTML 5Page - Intersil Corporation ICL3217IAZ Datasheet HTML 6Page - Intersil Corporation ICL3217IAZ Datasheet HTML 7Page - Intersil Corporation ICL3217IAZ Datasheet HTML 8Page - Intersil Corporation ICL3217IAZ Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
3
Typical Operating Circuit
ICL32X7
9
VCC
T1OUT
T2OUT
T3OUT
T1IN
T2IN
T3IN
T1
T2
T3
+
+
7
6
2
3
18
1
10
12
11
15
V+
V-
C1+
C1-
C2+
C2-
+
13
14
R1OUT
R1IN
4
5k
R2OUT
R2IN
23
22
5k
R3OUT
R3IN
16
17
5k
5
C1
C2
+
C3
C4
GND
VCC
+
0.1
µF
8
TTL/CMOS
LOGIC LEVELS
RS-232
LEVELS
RS-232
LEVELS
R1
R2
R3
T4OUT
T5OUT
T4IN
T5IN
T5
19
24
21
20
T4
- FOR V
CC = 3.3V, C1 - C4 = 0.1µF or 0.22µF
FOR VCC = 5V, C1 - C4 = 0.1µF OR 1µF
C3 (OPTIONAL CONNECTION)
ICL3207, ICL3217


Similar Part No. - ICL3217IAZ

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ICL3217IAZ INTERSIL-ICL3217IAZ Datasheet
240Kb / 11P
   Low Power, 3V to 5.5V, 250kbps, RS-232 Transmitters/Receivers
logo
Renesas Technology Corp
ICL3217IAZ RENESAS-ICL3217IAZ Datasheet
624Kb / 12P
   Low Power, 3V to 5.5V, 250kbps, RS-232 Transmitters/Receivers
More results

Similar Description - ICL3217IAZ

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ICL3207 RENESAS-ICL3207 Datasheet
624Kb / 12P
   Low Power, 3V to 5.5V, 250kbps, RS-232 Transmitters/Receivers
logo
Intersil Corporation
ICL3207 INTERSIL-ICL3207_05 Datasheet
240Kb / 11P
   Low Power, 3V to 5.5V, 250kbps, RS-232 Transmitters/Receivers
logo
Renesas Technology Corp
ICL3207E RENESAS-ICL3207E Datasheet
657Kb / 13P
   /- 15kV ESD Protected, 3V to 5.5V, Low Power, 250kbps, RS-232 Transmitters/Receivers
logo
Intersil Corporation
ICL3207E INTERSIL-ICL3207E Datasheet
329Kb / 12P
   /- 15kV ESD Protected, 3V to 5.5V, Low Power, 250kbps, RS-232 Transmitters/Receivers
ISL83220E INTERSIL-ISL83220E_06 Datasheet
194Kb / 10P
   짹15kV ESD Protected, 3V to 5.5V, 1Microamp, 250kbps, RS-232 Transmitters/Receivers
ICL3232IBNZ-T INTERSIL-ICL3232IBNZ-T Datasheet
662Kb / 28P
   One Microamp Supply-Current, 3V to 5.5V, 250kbps, RS-232 Transmitters/Receivers
ISL83220E INTERSIL-ISL83220E Datasheet
267Kb / 11P
   /-15kV ESD Protected, 3V to 5.5V, 1Microamp, 250kbps, RS-232 Transmitters/Receivers
ICL3232CV-T INTERSIL-ICL3232CV-T Datasheet
662Kb / 28P
   One Microamp Supply-Current, 3V to 5.5V, 250kbps, RS-232 Transmitters/Receivers
RS-232 INTERSIL-RS-232 Datasheet
750Kb / 33P
   ±15kV ESD Protected, 3V to 5.5V, 1µA, 250kbps, RS-232 Transmitters/Receivers
December 9, 2015
ICL3221 INTERSIL-ICL3221 Datasheet
662Kb / 28P
   One Microamp Supply-Current, 3V to 5.5V, 250kbps, RS-232 Transmitters/Receivers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com