Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SJ-3566BN Datasheet(PDF) 2 Page - CUI INC

Part # SJ-3566BN
Description  3.5 MM AUDIO JACKS
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CUI [CUI INC]
Direct Link  http://www.cui.com
Logo CUI - CUI INC

SJ-3566BN Datasheet(HTML) 2 Page - CUI INC

  SJ-3566BN Datasheet HTML 1Page - CUI INC SJ-3566BN Datasheet HTML 2Page - CUI INC SJ-3566BN Datasheet HTML 3Page - CUI INC  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
SERIES: SJ-356XN
3.5 MM AUDIO JACKS
DESCRIPTION:
date 04/05/2016 page 2 of 3
CUI Inc
cui.com
MECHANICAL DRAWING
MATERIAL
PLATING
terminal 1
copper alloy
tin
terminal 2
stainless steel
silver
terminal 3
copper alloy
tin
terminal 4
brass
silver
terminal 5
brass
silver
terminal 6
brass
silver
terminal 10
brass
tin
terminal 11
brass
tin
bushing
brass
nickel
plastic
PA66
contact clip
C5210
silver
Model No.
SJ-3566AN
SJ-3566BN
SJ-3567AN
SJ-3567BN
SJ-3568N
Schematic
3
1
2
3
4
5
6
4
6
5
Plug
Plug
Not
Inserted
Inserted
1
2
10
4
5
6
4
6
5
Plug
Plug
Not
Inserted
Inserted
3
1
2
10
3
4
5
6
4
6
5
Plug
Plug
Not
Inserted
Inserted
3
1
2
11
3
4
5
6
4
6
5
Plug
Plug
Not
Inserted
Inserted
3
1
2
10
11
3
4
5
6
4
6
5
Plug
Plug
Not
Inserted
Inserted
PIN
1
sleeve
sleeve
sleeve
sleeve
sleeve
2
tip
tip
tip
tip
tip
3
ring
NP
ring
ring
ring
10
NP
tip switch
tip switch
NP
tip switch
11
NP
NP
NP
ring switch
ring switch
2.00 0.079
(2 PLCS)
5.0 0.197
(5 PLCS)
4.50.177
(3 PLCS)
10.00.394
(5 PLCS)
10.00.394
5.00.197
1.0 0.039
(3 PLCS)
1.20.047
(7 PLCS)
4.50.177
(3 PLCS)
5.00.197
10.0 0.394
2.00 0.079
(2 PLCS)
10.00.394
(5 PLCS)
5.00.197
(5 PLCS)
1.000 0.039
(TYP)
6.00 0.236
0.472
12.0
0.354
9.0
5.00
0.3 (TYP)
0.197
3.3 0.130
3.600 0.142
PCB LAYOUT
TOP VIEW
10
2
3
11
4
5
6
0.8X1.5
(5 PLCS)
1
18.5
0.3
0.039
1.00
0.118
3.00
0.551
14.0
0.728
1.00 0.039
(TYP)
2
6
5
4
3
11
10
1
PCB EDGE
PCB MATING
SURFACE
14
Ø 3.5 MATING PLUG
Note:
1. All specifications measured at 10~35°C, humidity at 45~85%, under standard atmospheric pressure, unless otherwise noted.
units: mm [inches]
tolerance: X.X=±0.5 mm
X.XX=±0.1 mm
X.XXX=±0.05 mm
For more information, please visit the product page.


Similar Part No. - SJ-3566BN

ManufacturerPart #DatasheetDescription
logo
CUI Devices
SJ-3566AN CUID-SJ-3566AN Datasheet
356Kb / 3P
   AUDIO JACK
06/02/2023
More results

Similar Description - SJ-3566BN

ManufacturerPart #DatasheetDescription
logo
CUI INC
SJ1-353XNS CUI-SJ1-353XNS Datasheet
223Kb / 3P
   3.5 MM AUDIO JACKS
SJ1-355XNG CUI-SJ1-355XNG Datasheet
143Kb / 3P
   3.5 MM AUDIO JACKS
SJ-4351X-SMT CUI-SJ-4351X-SMT_18 Datasheet
487Kb / 4P
   3.5 MM AUDIO JACKS
SJ1-352XN CUI-SJ1-352XN_17 Datasheet
220Kb / 3P
   3.5 MM AUDIO JACKS
logo
Bel Fuse Inc.
SJ1-353XNG BEL-SJ1-353XNG Datasheet
316Kb / 3P
   3.5 MM AUDIO JACKS
logo
CUI INC
SJ1-351X CUI-SJ1-351X Datasheet
240Kb / 3P
   3.5 mm Audio Jacks
SJ1-351X-SMT CUI-SJ1-351X-SMT Datasheet
231Kb / 4P
   3.5 MM AUDIO JACKS
SJ1-353X CUI-SJ1-353X Datasheet
158Kb / 3P
   3.5 MM AUDIO JACKS
SJ1-353XN CUI-SJ1-353XN Datasheet
310Kb / 3P
   3.5 MM AUDIO JACKS
SJ1-351XN-17 CUI-SJ1-351XN-17 Datasheet
331Kb / 3P
   3.5 MM AUDIO JACKS
SJ-352X-SMT CUI-SJ-352X-SMT Datasheet
168Kb / 3P
   3.5 MM AUDIO JACKS
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com