Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SD0771D3W Datasheet(PDF) 1 Page - Shanghai Leiditech Electronic Technology Co., Ltd

Part # SD0771D3W
Description  Mobile Phones and Accessories
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LEIDITECH [Shanghai Leiditech Electronic Technology Co., Ltd]
Direct Link  http://www.leiditech.com
Logo LEIDITECH - Shanghai Leiditech Electronic Technology Co., Ltd

SD0771D3W Datasheet(HTML) 1 Page - Shanghai Leiditech Electronic Technology Co., Ltd

  SD0771D3W Datasheet HTML 1Page - Shanghai Leiditech Electronic Technology Co., Ltd SD0771D3W Datasheet HTML 2Page - Shanghai Leiditech Electronic Technology Co., Ltd SD0771D3W Datasheet HTML 3Page - Shanghai Leiditech Electronic Technology Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Features
Ultra low leakage: nA level
Operating voltage: 7V
Low clamping voltage
Complies with following standards:
– IEC 61000-4-2 (ESD) immunity test
Air discharge: ±30kV
Contact discharge: ±30kV
– IEC61000-4-4 (EFT) 80A (5/50ns)
– IEC61000-4-5 (Lightning) 75A (8/20μs)
RoHS Compliant
Applications
Dimensions SOD-323
Pin Configuration
Mechanical Characteristics
Package: SOD-323
Lead Finish: Lead Free
UL Flammability Classification Rating 94V-0
Quantity Per Reel:3,000pcs
Reel Size:7 inch
Rev : 01.06.2014
1/3
www.leiditech.com
Absolute Maximum Ratings(Tamb=25°C unless otherwise specified)
Parameter
Symbol
Value
Unit
Peak Pulse Power (8/20µs)
Ppp
1500
W
ESD per IEC 61000−4−2 (Air)
VESD
±30
Kv
ESD per IEC 61000−4−2 (Contact)
±30
Operating Temperature Range
TJ
-55 to +125
Storage Temperature Range
TSTJ
-55 to +150
1-Line Uni-directional TVS Diode
SD0771D3W
Mobile Phones and Accessories
Battery Protection
USB VBus
Power Line Protection
Hand Held Portable Applications


Similar Part No. - SD0771D3W

ManufacturerPart #DatasheetDescription
logo
Shanghai Leiditech Elec...
SD0771P6 LEIDITECH-SD0771P6 Datasheet
736Kb / 3P
   Uni-directional TVS for fast charging
SD0771P6W LEIDITECH-SD0771P6W Datasheet
2Mb / 3P
   1-Line Uni-directional TVS Diode
More results

Similar Description - SD0771D3W

ManufacturerPart #DatasheetDescription
logo
Shanghai Leiditech Elec...
SD0581D3W LEIDITECH-SD0581D3W Datasheet
1Mb / 4P
   Mobile Phones and Accessories
SD2471D3W LEIDITECH-SD2471D3W Datasheet
746Kb / 3P
   Mobile Phones and Accessories
SD3671D3W LEIDITECH-SD3671D3W Datasheet
759Kb / 3P
   Mobile Phones and Accessories
SD1271D3W LEIDITECH-SD1271D3W Datasheet
707Kb / 3P
   Mobile Phones and Accessories
SD0371D3W LEIDITECH-SD0371D3W Datasheet
643Kb / 3P
   Mobile Phones and Accessories
SD0571D3W LEIDITECH-SD0571D3W Datasheet
783Kb / 3P
   Mobile Phones and Accessories
SD1571D3W LEIDITECH-SD1571D3W Datasheet
840Kb / 3P
   Mobile Phones and Accessories
SD1871D3W LEIDITECH-SD1871D3W Datasheet
728Kb / 3P
   Mobile Phones and Accessories
logo
OmniVision Technologies...
OV5680 OMNIVISION-OV5680 Datasheet
597Kb / 2P
   Cellular and Mobile Phones
logo
Epson Company
S1F77330B0A EPSON-S1F77330B0A Datasheet
199Kb / 8P
   Mobile communication equipment (mobile phones, cordless phones, and wireless communication devices)
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com