Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX1896 Datasheet(PDF) 2 Page - Maxim Integrated Products

Part # MAX1896
Description  1.4MHz SOT23 Current-Mode Step-Up DC-DC Converter
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX1896 Datasheet(HTML) 2 Page - Maxim Integrated Products

  MAX1896 Datasheet HTML 1Page - Maxim Integrated Products MAX1896 Datasheet HTML 2Page - Maxim Integrated Products MAX1896 Datasheet HTML 3Page - Maxim Integrated Products MAX1896 Datasheet HTML 4Page - Maxim Integrated Products MAX1896 Datasheet HTML 5Page - Maxim Integrated Products MAX1896 Datasheet HTML 6Page - Maxim Integrated Products MAX1896 Datasheet HTML 7Page - Maxim Integrated Products MAX1896 Datasheet HTML 8Page - Maxim Integrated Products MAX1896 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
1.4MHz SOT23 Current-Mode
Step-Up DC-DC Converter
2
_______________________________________________________________________________________
ABSOLUTE MAXIMUM RATINGS
ELECTRICAL CHARACTERISTICS
(VIN = VSHDN = 3V, FB = GND, SS = open, TA = 0°C to +85°C, unless otherwise noted.)
Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are stress ratings only, and functional
operation of the device at these or any other conditions beyond those indicated in the operational sections of the specifications is not implied. Exposure to
absolute maximum rating conditions for extended periods may affect device reliability.
LX to GND ..............................................................-0.3V to +14V
IN, SHDN, FB to GND...............................................-0.3V to +6V
SS to GND ...................................................-0.3V to (VIN + 0.3V)
RMS LX Pin Current ..............................................................0.6A
Continuous Power Dissipation (TA = +70°C) (Note 1)
6-Pin SOT23 (derate 9.1mW/°C above +70°C)...........727mW
Operating Temperature Range ...........................-40°C to +85°C
Junction Temperature ......................................................+150°C
Storage Temperature Range .............................-65°C to +150°C
Lead Temperature (soldering, 10s) .................................+300°C
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
Input Supply Range
VIN
2.6
5.5
V
Output Voltage Adjust Range
VOUT
Circuit of Figure 1
13
V
VIN Undervoltage Lockout
UVLO
VIN rising, 50mV hysteresis
2.25
2.4
2.55
V
VFB = 1.3V, not switching
0.2
0.4
Quiescent Current
IIN
VFB = 1.0V, switching
1
5
mA
V SHDN = 0, TA = +25°C
0.01
0.5
Shutdown Supply Current
V SHDN = 0
0.01
10
µA
ERROR AMPLIFIER
Feedback Regulation Set Point
VFB
1.2
1.24
1.25
V
FB Input Bias Current
IFB
VFB = 1.24V
21
80
nA
Line Regulation
2.6V < VIN < 5.5V
0.05
0.20
%/V
OSCILLATOR
Frequency
fOSC
1000
1400
1800
kHz
Maximum Duty Cycle
DC
82
86
%
POWER SWITCH
Current Limit (Note 2)
ILIM
VFB = 1V, duty cycle = 50%
0.55
0.8
A
On-Resistance
RON
0.7
1
VLX = 12V, TA = +25°C
0.1
1
Leakage Current
ILXOFF
VLX = 12V
10
µA
SOFT-START
Reset Switch Resistance
100
Charge Current
VSS = 1.2V
1.5
4
7.0
µA
CONTROL INPUT
Input Low Voltage
VIL
V SHDN, VIN = 2.6V to 5.5V
0.3
V
Input High Voltage
VIH
V SHDN, VIN = 2.6V to 5.5V
1.0
V
V SHDN = 3V
25
50
SHDN Input Current
ISHDN
V SHDN = 0
0.01
0.1
µA
Note 1: Thermal properties are specified with product mounted on PC board with one square-inch of copper area and still air.


Similar Part No. - MAX1896

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX189 MAXIM-MAX189 Datasheet
177Kb / 20P
   5V, Low-Power, 12-Bit Serial ADCs
19-0196; Rev 0; 10/93
MAX189 MAXIM-MAX189 Datasheet
210Kb / 12P
   Linear Charger for Single-Cell Li Battery
Rev 0; 1/02
MAX1894 MAXIM-MAX1894 Datasheet
308Kb / 16P
   Advanced Li Battery-Pack Protectors
Rev 0; 4/02
MAX1894-MAX1924 MAXIM-MAX1894-MAX1924 Datasheet
308Kb / 16P
   Advanced Li Battery-Pack Protectors
Rev 0; 4/02
MAX1894XEEE MAXIM-MAX1894XEEE Datasheet
308Kb / 16P
   Advanced Li Battery-Pack Protectors
Rev 0; 4/02
More results

Similar Description - MAX1896

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
FP6736 ETC2-FP6736 Datasheet
442Kb / 12P
   1.4MHz SOT23 Current-Mode Step-Up DC/DC Converter
logo
Silicon Standard Corp.
SS6896 SSC-SS6896 Datasheet
481Kb / 12P
   1.4MHz Current-Mode Step-Up DC/DC Converter
logo
Linear Technology
LT1618 LINER-LT1618_1 Datasheet
210Kb / 16P
   Constant-Current/Constant-Voltage 1.4MHz Step-Up DC/DC Converter
LT1618 LINER-LT1618 Datasheet
202Kb / 12P
   Constant-Current/ Constant-Voltage 1.4MHz Step-Up DC/DC Converter
LT1618 LINER-LT1618_15 Datasheet
215Kb / 16P
   Constant-Current/ Constant-Voltage 1.4MHz Step-Up DC/DC Converter
LT1618EMSPBF LINER-LT1618EMSPBF Datasheet
215Kb / 16P
   Constant-Current/ Constant-Voltage 1.4MHz Step-Up DC/DC Converter
LT1618EDDPBF LINER-LT1618EDDPBF Datasheet
215Kb / 16P
   Constant-Current/ Constant-Voltage 1.4MHz Step-Up DC/DC Converter
logo
Shenzhen Huazhimei Semi...
HM6293 HMSEMI-HM6293 Datasheet
229Kb / 4P
   current mode step-up DC-DC converter
logo
Analog Intergrations Co...
AIC1899 AIC-AIC1899 Datasheet
232Kb / 10P
   1.0MHz Current-Mode Step-Up DC/DC Converter
logo
Guangdong Kexin Industr...
RCR2561 KEXIN-RCR2561 Datasheet
227Kb / 3P
   1.0MHz Current-Mode Step-Up DC/DC Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com