Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX189 Datasheet(PDF) 8 Page - Maxim Integrated Products

Part # MAX189
Description  1.4MHz SOT23 Current-Mode Step-Up DC-DC Converter
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX189 Datasheet(HTML) 8 Page - Maxim Integrated Products

Back Button MAX189 Datasheet HTML 2Page - Maxim Integrated Products MAX189 Datasheet HTML 3Page - Maxim Integrated Products MAX189 Datasheet HTML 4Page - Maxim Integrated Products MAX189 Datasheet HTML 5Page - Maxim Integrated Products MAX189 Datasheet HTML 6Page - Maxim Integrated Products MAX189 Datasheet HTML 7Page - Maxim Integrated Products MAX189 Datasheet HTML 8Page - Maxim Integrated Products MAX189 Datasheet HTML 9Page - Maxim Integrated Products MAX189 Datasheet HTML 10Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 8 / 10 page
background image
Application Circuits
1-Cell to 3.3V SEPIC Power Supply
Figure 4 shows the MAX1896 in a single-ended primary
inductance converter (SEPIC) topology. This topology
is useful when the input voltage can be either higher or
lower than the output voltage, such as when converting
a single lithium-ion (Li+) cell to a 3.3V output. L1 and
L2 are two windings on a single inductor or two sepa-
rate inductors. The coupling capacitor between these
two windings must be a low-ESR type to achieve maxi-
mum efficiency, and must also be able to handle high
ripple currents. Ceramic capacitors are best for this
application.
Layout Procedure
Good PC board layout and routing are required in high-
frequency switching power supplies to achieve good
regulation, and stability. It is strongly recommended
that the evaluation kit PC board layouts be followed as
closely as possible. Refer to the MAX1896 EV kit for a
good layout. Place power components as close togeth-
er as possible, keeping their traces short, direct, and
wide. Avoid interconnecting the ground pins of the
power components using vias through an internal
ground plane. Instead, keep the power components
close together and route them in a star ground configu-
ration using component side copper, then connect the
star ground to internal ground using multiple vias.
1.4MHz SOT23 Current-Mode
Step-Up DC-DC Converter
8
_______________________________________________________________________________________
Figure 1. Typical Application Circuit
LX
IN
VIN
2.6V TO 4.5V
GND
VOUT
5V
SHDN
FB
MAX1896
ON/OFF
SS
CSS
33nF
CIN
C1
10µF
10V
C2
0.1µF
L
10µH
SUMIDA
CD43-100
0.1µF
COUT
22µF
16V
R1
36kΩ
R2
12kΩ
NIHON
EC10QSO2L
Chip Information
TRANSISTOR COUNT: 970


Similar Part No. - MAX189

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX189 MAXIM-MAX189 Datasheet
177Kb / 20P
   5V, Low-Power, 12-Bit Serial ADCs
19-0196; Rev 0; 10/93
MAX189 MAXIM-MAX189 Datasheet
210Kb / 12P
   Linear Charger for Single-Cell Li Battery
Rev 0; 1/02
MAX1894 MAXIM-MAX1894 Datasheet
308Kb / 16P
   Advanced Li Battery-Pack Protectors
Rev 0; 4/02
MAX1894-MAX1924 MAXIM-MAX1894-MAX1924 Datasheet
308Kb / 16P
   Advanced Li Battery-Pack Protectors
Rev 0; 4/02
MAX1894XEEE MAXIM-MAX1894XEEE Datasheet
308Kb / 16P
   Advanced Li Battery-Pack Protectors
Rev 0; 4/02
More results

Similar Description - MAX189

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
FP6736 ETC2-FP6736 Datasheet
442Kb / 12P
   1.4MHz SOT23 Current-Mode Step-Up DC/DC Converter
logo
Silicon Standard Corp.
SS6896 SSC-SS6896 Datasheet
481Kb / 12P
   1.4MHz Current-Mode Step-Up DC/DC Converter
logo
Linear Technology
LT1618 LINER-LT1618_1 Datasheet
210Kb / 16P
   Constant-Current/Constant-Voltage 1.4MHz Step-Up DC/DC Converter
LT1618 LINER-LT1618 Datasheet
202Kb / 12P
   Constant-Current/ Constant-Voltage 1.4MHz Step-Up DC/DC Converter
LT1618 LINER-LT1618_15 Datasheet
215Kb / 16P
   Constant-Current/ Constant-Voltage 1.4MHz Step-Up DC/DC Converter
LT1618EMSPBF LINER-LT1618EMSPBF Datasheet
215Kb / 16P
   Constant-Current/ Constant-Voltage 1.4MHz Step-Up DC/DC Converter
LT1618EDDPBF LINER-LT1618EDDPBF Datasheet
215Kb / 16P
   Constant-Current/ Constant-Voltage 1.4MHz Step-Up DC/DC Converter
logo
Shenzhen Huazhimei Semi...
HM6293 HMSEMI-HM6293 Datasheet
229Kb / 4P
   current mode step-up DC-DC converter
logo
Analog Intergrations Co...
AIC1899 AIC-AIC1899 Datasheet
232Kb / 10P
   1.0MHz Current-Mode Step-Up DC/DC Converter
logo
Guangdong Kexin Industr...
RCR2561 KEXIN-RCR2561 Datasheet
227Kb / 3P
   1.0MHz Current-Mode Step-Up DC/DC Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com