Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LT1963AET-1.8 Datasheet(PDF) 10 Page - Linear Technology

Part # LT1963AET-1.8
Description  1.5A, Low Noise, Fast Transient Response LDO Regulators
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1963AET-1.8 Datasheet(HTML) 10 Page - Linear Technology

Back Button LT1963AET-1.8 Datasheet HTML 6Page - Linear Technology LT1963AET-1.8 Datasheet HTML 7Page - Linear Technology LT1963AET-1.8 Datasheet HTML 8Page - Linear Technology LT1963AET-1.8 Datasheet HTML 9Page - Linear Technology LT1963AET-1.8 Datasheet HTML 10Page - Linear Technology LT1963AET-1.8 Datasheet HTML 11Page - Linear Technology LT1963AET-1.8 Datasheet HTML 12Page - Linear Technology LT1963AET-1.8 Datasheet HTML 13Page - Linear Technology LT1963AET-1.8 Datasheet HTML 14Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 20 page
background image
10
LT1963A Series
1963af
Figure 1. Kelvin Sense Connection
IN
SHDN
1963 F01
RP
OUT
VIN
SENSE
GND
LT1963A
RP
+
+
LOAD
PI FU CTIO S
OUT: Output. The output supplies power to the load. A
minimum output capacitor of 10
mF is required to prevent
oscillations. Larger output capacitors will be
required for applications with large transient loads to limit
peak voltage transients. See the Applications Information
section for more information on output capacitance and
reverse output characteristics.
SENSE: Sense. For fixed voltage versions of the LT1963A
(LT1963A-1.5/LT1963A-1.8/LT1963A-2.5/LT1963A-3.3),
the SENSE pin is the input to the error amplifier. Optimum
regulation will be obtained at the point where the SENSE
pin is connected to the OUT pin of the regulator. In critical
applications, small voltage drops are caused by the resis-
tance (RP) of PC traces between the regulator and the load.
These may be eliminated by connecting the SENSE pin to
the output at the load as shown in Figure 1 (Kelvin Sense
Connection). Note that the voltage drop across the exter-
nal PC traces will add to the dropout voltage of the regu-
lator. The SENSE pin bias current is 600
mA at the nominal
rated output voltage. The SENSE pin can be pulled below
ground (as in a dual supply system where the regulator
load is returned to a negative supply) and still allow the
device to start and operate.
ADJ: Adjust. For the adjustable LT1963A, this is the input
to the error amplifier. This pin is internally clamped to
±7V.
It has a bias current of 3
mA which flows into the pin. The
ADJ pin voltage is 1.21V referenced to ground and the
output voltage range is 1.21V to 20V.
SHDN: Shutdown. The SHDN pin is used to put the
LT1963A regulators into a low power shutdown state. The
output will be off when the SHDN pin is pulled low. The
SHDN pin can be driven either by 5V logic or open-
collector logic with a pull-up resistor. The pull-up resistor
is required to supply the pull-up current of the open-
collector gate, normally several microamperes, and the
SHDN pin current, typically 3
mA. If unused, the SHDN pin
must be connected to VIN. The device will be in the low
power shutdown state if the SHDN pin is not connected.
IN: Input. Power is supplied to the device through the IN
pin. A bypass capacitor is required on this pin if the device
is more than six inches away from the main input filter
capacitor. In general, the output impedance of a battery
rises with frequency, so it is advisable to include a bypass
capacitor in battery-powered circuits. A bypass capacitor
in the range of 1
mF to 10mF is sufficient. The LT1963A
regulators are designed to withstand reverse voltages on
the IN pin with respect to ground and the OUT pin. In the
case of a reverse input, which can happen if a battery is
plugged in backwards, the device will act as if there is a
diode in series with its input. There will be no reverse
current flow into the regulator and no reverse voltage will
appear at the load. The device will protect both itself and
the load.


Similar Part No. - LT1963AET-1.8

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1963AET-1.8 LINER-LT1963AET-1.8 Datasheet
777Kb / 28P
   1.5A, Low Noise,Fast Transient Response LDO Regulators
LT1963AET-1.8 LINER-LT1963AET-1.8 Datasheet
370Kb / 28P
   1.5A Low Noise Fast Transient Response LDO Regulators
LT1963AET-1.8 LINER-LT1963AET-1.8 Datasheet
545Kb / 28P
   1.5A, Low Noise, Fast Transient Response
logo
Linear Integrated Syste...
LT1963AET-1.8 LINEAR-LT1963AET-1.8 Datasheet
554Kb / 28P
   1.5A, Low Noise, Fast Transient Response LDO Regulators
LT1963AET-1.8 LINEAR-LT1963AET-1.8 Datasheet
545Kb / 28P
   1.5A, Low Noise, Fast Transient Response LDO Regulators
More results

Similar Description - LT1963AET-1.8

ManufacturerPart #DatasheetDescription
logo
Linear Integrated Syste...
LT1963 LINEAR-LT1963 Datasheet
241Kb / 16P
   1.5A, Low Noise, Fast Transient Response LDO Regulators
logo
Linear Technology
LT1963AES8-PBF LINER-LT1963AES8-PBF Datasheet
787Kb / 28P
   1.5A, Low Noise, Fast Transient Response LDO Regulators
LT1963A LINER-LT1963A_15 Datasheet
545Kb / 28P
   1.5A, Low Noise, Fast Transient Response LDO Regulators
LT1963A_1208 LINER-LT1963A_1208 Datasheet
370Kb / 28P
   1.5A Low Noise Fast Transient Response LDO Regulators
logo
Linear Integrated Syste...
LT1963EFE-3.3 LINEAR-LT1963EFE-3.3 Datasheet
545Kb / 28P
   1.5A, Low Noise, Fast Transient Response LDO Regulators
LT1963AEQ LINEAR-LT1963AEQ Datasheet
554Kb / 28P
   1.5A, Low Noise, Fast Transient Response LDO Regulators
logo
Linear Technology
LT1963 LINER-LT1963 Datasheet
271Kb / 20P
   1.5A, Low Noise, Fast Transient Response LDO Regulators
LT1963A LINER-LT1963A Datasheet
777Kb / 28P
   1.5A, Low Noise,Fast Transient Response LDO Regulators
LT1963 LINER-LT1963_15 Datasheet
276Kb / 20P
   1.5A, Low Noise, Fast Transient Response LDO Regulators
logo
Linear Dimensions Semic...
LT1963AES8 LINEAR_DIMENSIONS-LT1963AES8 Datasheet
787Kb / 28P
   1.5A, Low Noise, Fast Transient Response LDO Regulators
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com