Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MPC506AU Datasheet(PDF) 7 Page - Burr-Brown (TI)

[Old version datasheet] Texas Instruments acquired Burr-Brown Corporation. Click here to check the latest version.
Part # MPC506AU
Description  Single-Ended 16-Channel/Differential 8-Channel CMOS ANALOG MULTIPLEXERS
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BURR-BROWN [Burr-Brown (TI)]
Direct Link  http://www.burr-brown.com
Logo BURR-BROWN - Burr-Brown (TI)

MPC506AU Datasheet(HTML) 7 Page - Burr-Brown (TI)

Back Button MPC506AU Datasheet HTML 3Page - Burr-Brown (TI) MPC506AU Datasheet HTML 4Page - Burr-Brown (TI) MPC506AU Datasheet HTML 5Page - Burr-Brown (TI) MPC506AU Datasheet HTML 6Page - Burr-Brown (TI) MPC506AU Datasheet HTML 7Page - Burr-Brown (TI) MPC506AU Datasheet HTML 8Page - Burr-Brown (TI) MPC506AU Datasheet HTML 9Page - Burr-Brown (TI) MPC506AU Datasheet HTML 10Page - Burr-Brown (TI) MPC506AU Datasheet HTML 11Page - Burr-Brown (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 15 page
background image
MPC506A, MPC507A
7
SBFS018A
www.ti.com
Common-Mode Rejection (MPC507A Only)
The matching properties of the load, multiplexer and source
affect the common-mode rejection (CMR) capability of a
differentially multiplexed system. CMR is the ability of the
multiplexer and input amplifier to reject signals that are
common to both inputs, and to pass on only the signal
difference to the output. For the MPC507A, protection is
provided for common-mode signals of
±20V above the
power supply voltages with no damage to the analog switches.
The CMR of the MPC507A and Burr-Brown's INA110
instrumentation amplifier (G = 100) is 110dB at DC to 10Hz
with a 6dB/octave roll-off to 70dB at 1000Hz. This measure-
ment of CMR is shown in the Typical Performance Curves
and is made with a Burr-Brown INA110 instrumentation
amplifier connected for gains of 500, 100, and 10.
Factors which will degrade multiplexer and system DC
CMR are:
• Amplifier bias current and differential impedance mis-
match
• Load impedance mismatch
• Multiplexer impedance and leakage current mismatch
• Load and source common-mode impedance
AC CMR roll-off is determined by the amount of common-
mode capacitances (absolute and mismatch) from each
signal line to ground. Larger capacitances will limit CMR
at higher frequencies; thus, if good CMR is desired at
higher frequencies, the common-mode capacitances and
unbalance of signal lines and multiplexer to amplifier wiring
must be minimized. Use twisted-shielded pair signal lines
wherever possible.
SWITCHING WAVEFORMS
Typical at +25
°C, unless otherwise noted.
100ns/Div
1 On
16 On
V
A Input
2V/Div
Output
0.5V/Div
V
AM 4.0V
Address Drive
(V
A)
Output
50%
50%
t
OPEN
0V
MPC506A1
GND
In 2 Thru In 15
In 1
In 16
Out
A
3
A
2
A
1
A
0
En
1k
50
+5V
+4.0V
12.5pF
V
A
V
OUT
NOTE: (1) Similar connection for MPC507A.
BREAK-BEFORE-MAKE DELAY (t
OPEN)
ENABLE DELAY (t
ON (EN), tOFF (EN))
100ns/Div
In 1 Thru
In 16 Off
Output
2V/Div
1 On
MPC506A1
GND
In 2 Thru In 16
In 1
Out
A
3
A
2
A
1
A
0
En
1k
+10V
12.5pF
NOTE: (1) Similar connection for MPC507A.
50
V
A
Enable Drive
V
AM = 4.0V
50%
90%
90%
0V
Output
t
ON(EN)
t
OFF(EN)


Similar Part No. - MPC506AU

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
MPC506AU TI-MPC506AU Datasheet
754Kb / 19P
[Old version datasheet]   Single-Ended 16-Channel/Differential 8-Channel CMOS ANALOG MULTIPLEXERS
MPC506AU1K TI-MPC506AU1K Datasheet
754Kb / 19P
[Old version datasheet]   Single-Ended 16-Channel/Differential 8-Channel CMOS ANALOG MULTIPLEXERS
MPC506AU1KG4 TI-MPC506AU1KG4 Datasheet
754Kb / 19P
[Old version datasheet]   Single-Ended 16-Channel/Differential 8-Channel CMOS ANALOG MULTIPLEXERS
MPC506AUG4 TI-MPC506AUG4 Datasheet
754Kb / 19P
[Old version datasheet]   Single-Ended 16-Channel/Differential 8-Channel CMOS ANALOG MULTIPLEXERS
More results

Similar Description - MPC506AU

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
MPC506AUG4 TI-MPC506AUG4 Datasheet
754Kb / 19P
[Old version datasheet]   Single-Ended 16-Channel/Differential 8-Channel CMOS ANALOG MULTIPLEXERS
logo
Intersil Corporation
DG406 INTERSIL-DG406 Datasheet
275Kb / 15P
   Single 16-Channel/Differential 8-Channel, CMOS Analog Multiplexers
June 1999
DG406883 INTERSIL-DG406883 Datasheet
826Kb / 13P
   Single 16-Channel/Differential 8-Channel CMOS Analog Multiplexers
DG406 INTERSIL-DG406_06 Datasheet
552Kb / 13P
   Single 16-Channel/Differential 8-Channel, CMOS Analog Multiplexers
logo
Renesas Technology Corp
DG406 RENESAS-DG406 Datasheet
948Kb / 15P
   Single 16-Channel/Differential 8-Channel, CMOS Analog Multiplexers
logo
Intersil Corporation
DG406DJZ INTERSIL-DG406DJZ Datasheet
604Kb / 15P
   Single 16-Channel/Differential 8-Channel, CMOS Analog Multiplexers
October 1, 2013
logo
Texas Instruments
MPC508A TI1-MPC508A Datasheet
982Kb / 19P
[Old version datasheet]   Single-Ended 8-Channel/Differential 4-Channel CMOS ANALOG MULTIPLEXERS
logo
Burr-Brown (TI)
MPC508A BURR-BROWN-MPC508A_07 Datasheet
478Kb / 18P
   Single-Ended 8-Channel/Differential 4-Channel CMOS ANALOG MULTIPLEXERS
logo
Texas Instruments
HI-509A TI-HI-509A Datasheet
1Mb / 10P
[Old version datasheet]   Single-Ended 8-Channel/Differential 4-Channel CMOS ANALOG MULTIPLEXERS
logo
Burr-Brown (TI)
MPC508A BURR-BROWN-MPC508A Datasheet
423Kb / 16P
   Single-Ended 8-Channel/Differential 4-Channel CMOS ANALOG MULTIPLEXERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com