Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DEA101910DT-6017A1 Datasheet(PDF) 3 Page - TDK Electronics

Part # DEA101910DT-6017A1
Description  Multilayer Phase Shifter (Delay Line)
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TDK [TDK Electronics]
Direct Link  http://www.tdk.com
Logo TDK - TDK Electronics

DEA101910DT-6017A1 Datasheet(HTML) 3 Page - TDK Electronics

  DEA101910DT-6017A1 Datasheet HTML 1Page - TDK Electronics DEA101910DT-6017A1 Datasheet HTML 2Page - TDK Electronics DEA101910DT-6017A1 Datasheet HTML 3Page - TDK Electronics DEA101910DT-6017A1 Datasheet HTML 4Page - TDK Electronics DEA101910DT-6017A1 Datasheet HTML 5Page - TDK Electronics DEA101910DT-6017A1 Datasheet HTML 6Page - TDK Electronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
RF Components
• All specifications are subject to change without notice.
• Before using these products, be sure to request the delivery specifications.
20150419 / rf_phase-shifter_dea101910dt-6017a1_en.fm
20150419 / rf_phase-shifter_dea101910dt-6017a1_en.fm
DEA101910DT-6017A1
ELECTRICAL CHARACTERISTICS
・Ta=25±5°C
TEMPERATURE RANGE
Item
Frequency Range
(MHz)
Min.
Typ.
Max.
Insertion Loss (dB)
1710 to 1910
0.40
Phase Shift (deg.)
1710 to 1910
–55
–35
VSWR
1710 to 1910
1.3
Characteristic Impedance (
:)
50 (Nominal)
Operating temperature
Storage temperature
(°C)
(°C)
–40 to +85
–40 to +85


Similar Part No. - DEA101910DT-6017A1

ManufacturerPart #DatasheetDescription
logo
TDK Electronics
DEA101910DT-6016A1 TDK-DEA101910DT-6016A1 Datasheet
69Kb / 6P
   Multilayer Phase Shifter (Delay Line)
DEA101910DT-6018A1 TDK-DEA101910DT-6018A1 Datasheet
71Kb / 6P
   Multilayer Phase Shifter (Delay Line)
More results

Similar Description - DEA101910DT-6017A1

ManufacturerPart #DatasheetDescription
logo
TDK Electronics
DEA101910DT-6004A1 TDK-DEA101910DT-6004A1 Datasheet
69Kb / 6P
   Multilayer Phase Shifter (Delay Line)
DEA101910DT-6018A1 TDK-DEA101910DT-6018A1 Datasheet
71Kb / 6P
   Multilayer Phase Shifter (Delay Line)
DEA101910DT-6006B1 TDK-DEA101910DT-6006B1 Datasheet
70Kb / 6P
   Multilayer Phase Shifter (Delay Line)
DEA101910DT-6005A2 TDK-DEA101910DT-6005A2 Datasheet
69Kb / 6P
   Multilayer Phase Shifter (Delay Line)
DEA101910DT-6016A1 TDK-DEA101910DT-6016A1 Datasheet
69Kb / 6P
   Multilayer Phase Shifter (Delay Line)
logo
Analog Devices
HMC877LC3 AD-HMC877LC3 Datasheet
972Kb / 14P
   BROADBAND TIME DELAY & PHASE SHIFTER
logo
Hittite Microwave Corpo...
HMC877LC3 HITTITE-HMC877LC3_12 Datasheet
1Mb / 12P
   BROADBAND TIME DELAY & PHASE SHIFTER
HMC877LC3 HITTITE-HMC877LC3 Datasheet
936Kb / 12P
   BROADBAND TIME DELAY & PHASE SHIFTER SMT, 8 - 23 GHz
logo
Merrimac Industries, In...
PSD-2SH-1.9G MERRIMAC-PSD-2SH-1.9G Datasheet
96Kb / 1P
   PHASE SHIFTER
logo
SYNERGY MICROWAVE CORPO...
PS220230B SYNERGY-PS220230B Datasheet
420Kb / 3P
   PHASE SHIFTER
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com