Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SL1935D Datasheet(PDF) 5 Page - Zarlink Semiconductor Inc

Part # SL1935D
Description  Single Chip Synthesized Zero IF Tuner
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZARLINK [Zarlink Semiconductor Inc]
Direct Link  http://www.zarlink.com
Logo ZARLINK - Zarlink Semiconductor Inc

SL1935D Datasheet(HTML) 5 Page - Zarlink Semiconductor Inc

  SL1935D Datasheet HTML 1Page - Zarlink Semiconductor Inc SL1935D Datasheet HTML 2Page - Zarlink Semiconductor Inc SL1935D Datasheet HTML 3Page - Zarlink Semiconductor Inc SL1935D Datasheet HTML 4Page - Zarlink Semiconductor Inc SL1935D Datasheet HTML 5Page - Zarlink Semiconductor Inc SL1935D Datasheet HTML 6Page - Zarlink Semiconductor Inc SL1935D Datasheet HTML 7Page - Zarlink Semiconductor Inc SL1935D Datasheet HTML 8Page - Zarlink Semiconductor Inc SL1935D Datasheet HTML 9Page - Zarlink Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 23 page
background image
5
SL1935
The STOP condition can be generated after any data
byte, if however it occurs during a byte transmission, the
previous byte data is retained. To facilitate smooth fine
tuning, the frequency data bytes are only accepted by
the device after all 15 bits of frequency data have been
received, or after the generation of a STOP condition.
Read mode
When the device is in read mode, the status byte read
from the device takes the form shown in Table 9b.
Synthesiser programmable divider
Reference programmable divider
Baseband filter path select
Local oscillator select
Charge pump current
Test mode
General purpose port, P0
Buffered crystal reference output,
BUFREF
Programmable features
Function as described above
Function as described above.
Function as described above.
Function as described above.
The charge pump current can be programmed by bits C1 & C0 (Table 5).
The test modes are defined by bits T2 - T0 as described in Table 4.
The general purpose port can be programmed by bit P0;
Logic ‘1’ = on
Logic ‘0’ = off (high impedance)
The buffered crystal reference frequency can be switched to the BUFREF
output by bit RE as described in Table 7. The BUFREF output defaults to
the ‘ON’ condition at device power up.
Bit 1 (POR) is the power-on reset indicator, and this is set
to a logic ‘1’ if the Vccd supply to the device has dropped
below 3V (at 25oC),e.g. when the device is initially turned
ON. The POR is reset to ‘0’ when the read sequence is
terminated by a STOP command. When POR is set high
this indicates that the programmed information may
have been corrupted and the device reset to the power
up condition.
Bit 2 (FL) indicates whether the synthesiser is phase
locked, a logic ‘1’ is present if the device is locked, and
a logic ‘0’ if the device is unlocked.
The typical key performance data at Vcc = 5V and +25oC ambient are detailed in Table 1.
Function
Table 2. Programmable Features
R4
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
R3
0
0
0
0
0
0
0
0
1
1
1
1
1
1
1
1
0
0
0
0
0
0
0
0
1
1
1
1
1
1
1
1
R2
0
0
0
0
1
1
1
1
0
0
0
0
1
1
1
1
0
0
0
0
1
1
1
1
0
0
0
0
1
1
1
1
R1
0
0
1
1
0
0
1
1
0
0
1
1
0
0
1
1
0
0
1
1
0
0
1
1
0
0
1
1
0
0
1
1
R0
0
1
0
1
0
1
0
1
0
1
0
1
0
1
0
1
0
1
0
1
0
1
0
1
0
1
0
1
0
1
0
1
Ratio
2
4
8
16
32
64
128
256
Illegal state
5
10
20
40
80
160
320
Illegal state
6
12
24
48
96
192
384
Illegal state
7
14
28
56
112
224
448
Table 3. Reference division ratios


Similar Part No. - SL1935D

ManufacturerPart #DatasheetDescription
logo
Galaxy Semi-Conductor H...
SL19 BILIN-SL19 Datasheet
115Kb / 2P
   SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS
logo
Mitel Networks Corporat...
SL1914 MITEL-SL1914 Datasheet
84Kb / 6P
   Satellite Tuner Front End LNA with AGC
SL1914A MITEL-SL1914A Datasheet
84Kb / 6P
   Satellite Tuner Front End LNA with AGC
logo
Zarlink Semiconductor I...
SL1914AKG ZARLINK-SL1914AKG Datasheet
118Kb / 9P
   SATELLITE TUNER FRONT END LNA WITH AGC
SL1914AMP1S ZARLINK-SL1914AMP1S Datasheet
118Kb / 9P
   SATELLITE TUNER FRONT END LNA WITH AGC
More results

Similar Description - SL1935D

ManufacturerPart #DatasheetDescription
logo
Zarlink Semiconductor I...
ZL10100 ZARLINK-ZL10100 Datasheet
414Kb / 19P
   Single Chip Synthesized Downconverter with IF Amplifier
logo
Mitel Networks Corporat...
SL1925 MITEL-SL1925 Datasheet
524Kb / 20P
   Satellite Zero IF QPSK Tuner IC
logo
Toshiba Semiconductor
TD7104P TOSHIBA-TD7104P Datasheet
254Kb / 6P
   ECL PRESCALER FOR DIGITAL SYNTHESIZED TUNER
TD7103F TOSHIBA-TD7103F Datasheet
148Kb / 4P
   ECL PRESCALER FOR DIGITAL SYNTHESIZED TUNER
TD7103F TOSHIBA-TD7103F_02 Datasheet
282Kb / 5P
   ECL Prescaler For Digital Synthesized Tuner
TD7101F TOSHIBA-TD7101F_02 Datasheet
338Kb / 6P
   ELC Prescaler For Digital Synthesized Tuner
TD7104FG TOSHIBA-TD7104FG Datasheet
398Kb / 6P
   ECL Prescaler for Digital Synthesized Tuner
TD6134AF TOSHIBA-TD6134AF_02 Datasheet
321Kb / 6P
   ECL Prescaler For Digital Synthesized Tuner
logo
Renesas Technology Corp
M61140FP RENESAS-M61140FP Datasheet
760Kb / 28P
   Tuner Single Chip
logo
Hitachi Semiconductor
REJ03F0023_M61140FP HITACHI-REJ03F0023_M61140FP Datasheet
571Kb / 29P
   TUNER SINGLE CHIP
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com