Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

614-99-420-31-012 Datasheet(PDF) 1 Page - Precid-Dip Durtal SA

Part # 614-99-420-31-012
Description  Dual-in-line pin carrier assemblies Low profile / low profile ultra thin Solder tail
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PREDIP [Precid-Dip Durtal SA]
Direct Link  http://www.precidip.com
Logo PREDIP - Precid-Dip Durtal SA

614-99-420-31-012 Datasheet(HTML) 1 Page - Precid-Dip Durtal SA

  614-99-420-31-012 Datasheet HTML 1Page - Precid-Dip Durtal SA  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
66
Series 614
Dual-in-line pin carrier assemblies
Low profile / low profile ultra thin
Solder tail
Pin carrier assemblies as-
sure maximum ventilation
and better visibility for
inspection and repair
Easy mounting due to the
disposable plastic carrier.
No solder or flux wicking
problems
Low profile:
Insertion characteristics:
4-finger standard
Low profile ultra thin:
Requires 1 mm diameter
holes in PCB.
Insertion characteristics:
3-finger
Platings
Sleeve
Clip
Pin
91
5
µm Sn Pb
0.25
µm Au
93
5
µm Sn Pb
0.75
µm Au
99
5
µm Sn Pb
5
µm Sn Pb
Ordering information
For standard versions see table (order codes)
Platings available:
Low profile: 614…-41-001: 91, 93, 99
Ultra thin: 614…-31-012: 91, 93, 99
Replace xx with required plating code
10
614-xx-210-41-001
614-xx-210-31-012
Fig. 1
12.6
5.08
7.6
4
614-xx-304-41-001
614-xx-304-31-012
Fig. 2
5.0
7.62 10.1
6
614-xx-306-41-001
614-xx-306-31-012
Fig. 3
7.6
7.62 10.1
8
614-xx-308-41-001
614-xx-308-31-012
Fig. 4
10.1
7.62 10.1
10
614-xx-310-41-001
614-xx-310-31-012
Fig. 5
12.6
7.62 10.1
12
614-xx-312-41-001
614-xx-312-31-012
aFig. 5a
15.2
7.62 10.1
14
614-xx-314-41-001
614-xx-314-31-012
Fig. 6
17.7
7.62 10.1
16
614-xx-316-41-001
614-xx-316-31-012
Fig. 7
20.3
7.62 10.1
18
614-xx-318-41-001
614-xx-318-31-012
Fig. 8
22.8
7.62 10.1
20
614-xx-320-41-001
614-xx-320-31-012
Fig. 9
25.3
7.62 10.1
22
614-xx-322-41-001
614-xx-322-31-012
Fig. 10
27.8
7.62 10.1
24
614-xx-324-41-001
614-xx-324-31-012
Fig. 11
30.4
7.62 10.1
28
614-xx-328-41-001
614-xx-328-31-012
Fig. 12
35.5
7.62 10.1
20
614-xx-420-41-001
614-xx-420-31-012
aFig. 12a
25.3 10.16 12.6
22
614-xx-422-41-001
614-xx-422-31-012
Fig. 13
27.8 10.16 12.6
24
614-xx-424-41-001
614-xx-424-31-012
Fig. 14
30.4 10.16 12.6
28
614-xx-428-41-001
614-xx-428-31-012
Fig. 15
35.5 10.16 12.6
32
614-xx-432-41-001
614-xx-432-31-012
Fig. 16
40.6 10.16 12.6
10
614-xx-610-41-001
614-xx-610-31-012
aFig. 16a
12.6 15.24 17.7
24
614-xx-624-41-001
614-xx-624-31-012
Fig. 17
30.4 15.24 17.7
28
614-xx-628-41-001
614-xx-628-31-012
Fig. 18
35.5 15.24 17.7
32
614-xx-632-41-001
614-xx-632-31-012
Fig. 19
40.6 15.24 17.7
36
614-xx-636-41-001
614-xx-636-31-012
Fig. 20
45.7 15.24 17.7
40
614-xx-640-41-001
614-xx-640-31-012
Fig. 21
50.6 15.24 17.7
42
614-xx-642-41-001
614-xx-642-31-012
Fig. 22
53.2 15.24 17.7
48
614-xx-648-41-001
614-xx-648-31-012
Fig. 23
60.9 15.24 17.7
50
614-xx-650-41-001
614-xx-650-31-012
Fig. 24
63.4 15.24 17.7
52
614-xx-652-41-001
614-xx-652-31-012
Fig. 25
65.9 15.24 17.7
50
614-xx-950-41-001
614-xx-950-31-012
Fig. 26
63.4 22.86 25.3
52
614-xx-952-41-001
614-xx-952-31-012
Fig. 27
65.9 22.86 25.3
64
614-xx-964-41-001
614-xx-964-31-012
Fig. 28
81.1 22.86 25.3
No.
Order Codes
Insulator
of
dimen-
poles
Platings: see ordering information
sions
Fig. 1
Fig. 2
See
ABC
page 50
Fig. 1
Fig. 2


Similar Part No. - 614-99-420-31-012

ManufacturerPart #DatasheetDescription
logo
Precid-Dip Durtal SA
614-99-108-12-051-101 PREDIP-614-99-108-12-051-101 Datasheet
53Kb / 1P
   Pin grid array sockets Carrier types
614-99-108-12-051-112 PREDIP-614-99-108-12-051-112 Datasheet
53Kb / 1P
   Pin grid array sockets Carrier types
More results

Similar Description - 614-99-420-31-012

ManufacturerPart #DatasheetDescription
logo
Precid-Dip Durtal SA
612-91-210-41-001 PREDIP-612-91-210-41-001 Datasheet
42Kb / 1P
   Dual-in-line pin carrier assemblies Open frame Solder tail
115-91-306-41-003 PREDIP-115-91-306-41-003 Datasheet
38Kb / 1P
   Dual-in-line sockets very low profile / ultra low profile / open frame Solder tail
logo
Mill-Max Mfg. Corp.
315-13-137-41-001000 MILL-MAX-315-13-137-41-001000 Datasheet
122Kb / 3P
   Low Profile Solder Tail Socket Low Profile Solder Tail Socket
315-13-142-41-001000 MILL-MAX-315-13-142-41-001000 Datasheet
122Kb / 3P
   Low Profile Solder Tail Socket Low Profile Solder Tail Socket
315-13-141-41-001000 MILL-MAX-315-13-141-41-001000 Datasheet
122Kb / 3P
   Low Profile Solder Tail Socket Low Profile Solder Tail Socket
315-13-139-41-001000 MILL-MAX-315-13-139-41-001000 Datasheet
122Kb / 3P
   Low Profile Solder Tail Socket Low Profile Solder Tail Socket
315-13-138-41-001000 MILL-MAX-315-13-138-41-001000 Datasheet
122Kb / 3P
   Low Profile Solder Tail Socket Low Profile Solder Tail Socket
315-13-140-41-001000 MILL-MAX-315-13-140-41-001000 Datasheet
122Kb / 3P
   Low Profile Solder Tail Socket Low Profile Solder Tail Socket
315-99-152-41-001000 MILL-MAX-315-99-152-41-001000 Datasheet
120Kb / 3P
   Low Profile Solder Tail Socket
315-11-104-41-001000 MILL-MAX-315-11-104-41-001000 Datasheet
122Kb / 3P
   Interconnect Socket Low Profile Solder Tail Socket
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com