Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

B39141B5235Z810 Datasheet(PDF) 3 Page - TDK Electronics

Part # B39141B5235Z810
Description  SAW Components SAW IF filter
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TDK [TDK Electronics]
Direct Link  http://www.tdk.com
Logo TDK - TDK Electronics

B39141B5235Z810 Datasheet(HTML) 3 Page - TDK Electronics

  B39141B5235Z810 Datasheet HTML 1Page - TDK Electronics B39141B5235Z810 Datasheet HTML 2Page - TDK Electronics B39141B5235Z810 Datasheet HTML 3Page - TDK Electronics B39141B5235Z810 Datasheet HTML 4Page - TDK Electronics B39141B5235Z810 Datasheet HTML 5Page - TDK Electronics B39141B5235Z810 Datasheet HTML 6Page - TDK Electronics B39141B5235Z810 Datasheet HTML 7Page - TDK Electronics B39141B5235Z810 Datasheet HTML 8Page - TDK Electronics B39141B5235Z810 Datasheet HTML 9Page - TDK Electronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
3
Sep 23, 2011
B5235
140.0 MHz
SAW Components
SAW IF filter
Data Sheet
Please read
cautions and warnings and
important notes at the end of this document.
Characteristics
Operating temperature range:
T
=
–40 ˚C to +85 ˚C
Terminating source impedance:
ZS =50 Ω and matching network
Terminating load impedance:
ZL =50 Ω and matching network
min.
typ.
@ 25 ˚C
max.
Nominal frequency
fN
140.0
MHz
Minimum insertion attenuation
α
min
10.8
12.5
dB
(including matching network)
Amplitude ripple (p-p)
∆α
fN ± 20 MHz
2.0
2.5
dB
Group delay ripple (p-p)
∆τ
fN ± 20 MHz
77
100
ns
Absolute group delay
fN ± 20 MHz
τ
0.27
0.5
µs
Absolute attenuation
α
abs
From 10 MHz to 80 MHz
57.0
62.0
dB
From 80 MHz to 110 MHz
50.0
54.0
dB
From 110 MHz to 115 MHz
23.0
45.0
dB
From 170 MHz to 180 MHz
40.0
43.0
dB
From 180 MHz to 200 MHz
47.0
50.0
dB
From 200 MHz to 1
GHz
60.0
65.0
dB
Return loss, input
fN ± 20 MHz
4.0
7.0
dB
Return loss, output
fN ± 20 MHz
4.0
6.0
dB
Temperature coefficient of frequency
TCf
-75
ppm/K


Similar Part No. - B39141B5235Z810

ManufacturerPart #DatasheetDescription
logo
EPCOS
B39141B5233H810 EPCOS-B39141B5233H810 Datasheet
64Kb / 7P
   Low-loss IF filter for GSM applications
logo
TDK Electronics
B39141B5233H810 TDK-B39141B5233H810 Datasheet
146Kb / 7P
   SAW Components SAW IF filter for base stations
More results

Similar Description - B39141B5235Z810

ManufacturerPart #DatasheetDescription
logo
TDK Electronics
B39151B5239H810 TDK-B39151B5239H810 Datasheet
101Kb / 8P
   SAW Components SAW IF filter
B39161B5204H810 TDK-B39161B5204H810 Datasheet
77Kb / 7P
   SAW Components SAW IF filter
B39725B1728H810 TDK-B39725B1728H810 Datasheet
107Kb / 10P
   SAW Components SAW IF filter
B39151B5206H810 TDK-B39151B5206H810 Datasheet
77Kb / 7P
   SAW Components SAW IF filter
B39141B5246H810 TDK-B39141B5246H810 Datasheet
173Kb / 14P
   SAW Components SAW IF filter
B39800X3403H810 TDK-B39800X3403H810 Datasheet
118Kb / 10P
   SAW Components SAW IF filter
B39121B5245H310 TDK-B39121B5245H310 Datasheet
88Kb / 7P
   SAW Components SAW IF filter
B39361B5215H810 TDK-B39361B5215H810 Datasheet
96Kb / 8P
   SAW Components SAW IF filter
B39261B1726H810 TDK-B39261B1726H810 Datasheet
82Kb / 7P
   SAW Components SAW IF filter
B39311B5251H810 TDK-B39311B5251H810 Datasheet
94Kb / 7P
   SAW Components SAW IF filter
B39361B4847U310 TDK-B39361B4847U310 Datasheet
100Kb / 8P
   SAW Components SAW IF filter
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com