Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TDA16846 Datasheet(PDF) 5 Page - Infineon Technologies AG

Part # TDA16846
Description  ICs for Consumer Electronics
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TDA16846 Datasheet(HTML) 5 Page - Infineon Technologies AG

  TDA16846 Datasheet HTML 1Page - Infineon Technologies AG TDA16846 Datasheet HTML 2Page - Infineon Technologies AG TDA16846 Datasheet HTML 3Page - Infineon Technologies AG TDA16846 Datasheet HTML 4Page - Infineon Technologies AG TDA16846 Datasheet HTML 5Page - Infineon Technologies AG TDA16846 Datasheet HTML 6Page - Infineon Technologies AG TDA16846 Datasheet HTML 7Page - Infineon Technologies AG TDA16846 Datasheet HTML 8Page - Infineon Technologies AG TDA16846 Datasheet HTML 9Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 28 page
background image
TDA 16846
TDA 16847
Data Sheet
5
2000-01-14
1.4
Short Description of the Pin Functions
Pin
Function
1
A parallel RC-circuit between this pin and ground determines the ringing
suppression time and the standby-frequency.
2
A capacitor between this pin and ground and a resistor between this pin and
the positive terminal of the primary elcap quantifies the max. possible output
power of the SMPS.
3
This is the input of the error amplifier and the zero crossing input. The output
of a voltage divider between the control winding and ground is connected to
this input. If the pulses at pin 3 exceed a 5 V threshold, the control voltage at
pin 4 is lowered.
4
This is the pin for the control voltage. A capacitor has to be connected
between this pin and ground. The value of this capacitor determines the
duration of the softstart and the speed of the control.
5
If an opto coupler for the control is used, it’s output has to be connected
between this pin and ground. The voltage divider at pin 3 has then to be
changed, so that the pulses at pin 3 are below 5 V.
6
Fault comparator 2: If a voltage > 1.2 V is applied to this pin, the SMPS stops.
7
If fixed frequency mode is wanted, a parallel RC circuit has to be connected
between this pin and ground. The RC-value determines the frequency. If
synchronized mode is wanted, sync pulses have to be fed into this pin.
8
Not connected (TDA 16846). / This is the power measurement output of the
Temporary High Power Circuit. A capacitor and a RC-circuit has to be
connected between this pin and ground (TDA 16847).
9
Output for reference voltage (5 V). With a resistor between this pin and ground
the fault comparator 2 (pin 6) is enabled.
10
Fault comparator 1: If a voltage > 1 V is applied to this pin, the SMPS stops.
11
This is the input of the primary voltage check. The voltage at the anode of the
primary elcap has to be fed to this pin via a voltage divider. If the voltage of
this pin falls below 1 V, the SMPS is switched off. A second function of this pin
is the primary voltage dependent fold back point correction (only active in free
running mode).
12
Common ground.
13
Output signal. This pin has to be connected across a serial resistor with the
gate of the power transistor.
14
Connection for supply voltage and startup capacitor. After startup the supply
voltage is produced by the control winding of the transformer and rectified by
an external diode.


Similar Part No. - TDA16846

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
TDA16846 INFINEON-TDA16846 Datasheet
909Kb / 29P
   Controller for Switch Mode Power Supplies Supporting Low Power Standby and Power Factor
V2.0, 31 July 2003
TDA16846-2 INFINEON-TDA16846-2 Datasheet
909Kb / 29P
   Controller for Switch Mode Power Supplies Supporting Low Power Standby and Power Factor
V2.0, 31 July 2003
TDA16846 INFINEON-TDA16846_03 Datasheet
909Kb / 29P
   Controller for Switch Mode Power Supplies Supporting Low Power Standby and Power Factor
V2.0, 31 July 2003
More results

Similar Description - TDA16846

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
SDA9280 SIEMENS-SDA9280 Datasheet
249Kb / 43P
   ICs for Consumer Electronics
SDA525X-2 SIEMENS-SDA525X-2 Datasheet
147Kb / 23P
   ICs for Consumer Electronics
SDA9270 SIEMENS-SDA9270 Datasheet
599Kb / 33P
   ICs for Consumer Electronics
SDA5275P SIEMENS-SDA5275P Datasheet
142Kb / 30P
   ICs for Consumer Electronics MEGATEXT and MEGATEXT PLUS ICs
logo
Abracon Corporation
ASTMLP ABRACON-ASTMLP Datasheet
5Mb / 13P
   Consumer electronics
06.30.15
logo
Silicon Laboratories
EZR32HG320 SILABS-EZR32HG320 Datasheet
1Mb / 87P
   Consumer electronics
EZR32HG220 SILABS-EZR32HG220 Datasheet
1Mb / 86P
   Consumer electronics
logo
Analog Devices
ADV7613 AD-ADV7613 Datasheet
366Kb / 14P
   Integrated consumer electronics control
logo
Silicon Laboratories
SI4770-77-A20 SILABS-SI4770-77-A20 Datasheet
419Kb / 54P
   HIGH-PERFORMANCE CONSUMER ELECTRONICS
logo
Skyworks Solutions Inc.
SI4704-D50 SKYWORKS-SI4704-D50 Datasheet
385Kb / 33P
   BROADCAST FM RADIO RECEIVER FOR CONSUMER ELECTRONICS
Revision 0.2 to Revision 1.0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com