Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

B39141B5250H810 Datasheet(PDF) 3 Page - TDK Electronics

Part # B39141B5250H810
Description  SAW Components SAW IF filter
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TDK [TDK Electronics]
Direct Link  http://www.tdk.com
Logo TDK - TDK Electronics

B39141B5250H810 Datasheet(HTML) 3 Page - TDK Electronics

  B39141B5250H810 Datasheet HTML 1Page - TDK Electronics B39141B5250H810 Datasheet HTML 2Page - TDK Electronics B39141B5250H810 Datasheet HTML 3Page - TDK Electronics B39141B5250H810 Datasheet HTML 4Page - TDK Electronics B39141B5250H810 Datasheet HTML 5Page - TDK Electronics B39141B5250H810 Datasheet HTML 6Page - TDK Electronics B39141B5250H810 Datasheet HTML 7Page - TDK Electronics B39141B5250H810 Datasheet HTML 8Page - TDK Electronics B39141B5250H810 Datasheet HTML 9Page - TDK Electronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
3
Sep 17, 2012
B5250
140 MHz
SAW Components
SAW IF filter
Data sheet
Please read
cautions and warnings and
important notes at the end of this document.
Characteristics
Operating temperature range:
T = -35˚C to 80 ˚C
Terminating source impedance: ZS = 200 Ω balanced or 50 Ω unbalanced and matching network
Terminating load impedance:
ZL= 200 Ω balanced or 50 Ω unbalanced and matching network
min.
typ.
@ 25 ˚C
max.
Nominal frequency
fN
140.0
MHz
Minimum insertion attenuation
(including matching network)
α
min
10.7
13
dB
Amplitude ripple (p-p)
∆α
fN ± 0.5 MHz
0.4
1.0
dB
fN ± 1.0 MHz
1.7
3.0
dB
Absolute group delay
τ
fN ± 0.5 MHz
0.84
µs
Group delay ripple (p-p)
∆τ
fN ± 0.5 MHz
50
120
ns
Triple transit suppression
35
43
dB
Return loss, input
fN ± 1.0 MHz
12
16
dB
Return loss, output
fN ± 1.0 MHz
12
21
dB
Relative attenuation (relative to
α
min)
α
rel
10.000 MHz
...
135.50 MHz
40
48
dB
135.50 MHz
...
137.50 MHz
28
35
dB
142.50 MHz
...
145.50 MHz
28
35
dB
145.50 MHz
...
152.00 MHz
38
42
dB
152.00 MHz
...
425.00 MHz
45
56
dB
Temperature coefficient of frequency
TCf
-0.036
ppm/K2


Similar Part No. - B39141B5250H810

ManufacturerPart #DatasheetDescription
logo
EPCOS
B39141B5207H310 EPCOS-B39141B5207H310 Datasheet
65Kb / 7P
   SAW IF filter TD-SCDMA
B39141B5209Z510 EPCOS-B39141B5209Z510 Datasheet
61Kb / 7P
   SAW IF filter RadioLink
B39141B5210Z510 EPCOS-B39141B5210Z510 Datasheet
65Kb / 7P
   SAW IF filter Radiolink
B39141B5211Z510 EPCOS-B39141B5211Z510 Datasheet
70Kb / 7P
   SAW IF filter RadioLink
B39141B5227H310 EPCOS-B39141B5227H310 Datasheet
70Kb / 7P
   SAW IF filter TD-SCDMA
More results

Similar Description - B39141B5250H810

ManufacturerPart #DatasheetDescription
logo
TDK Electronics
B39151B5239H810 TDK-B39151B5239H810 Datasheet
101Kb / 8P
   SAW Components SAW IF filter
B39161B5204H810 TDK-B39161B5204H810 Datasheet
77Kb / 7P
   SAW Components SAW IF filter
B39725B1728H810 TDK-B39725B1728H810 Datasheet
107Kb / 10P
   SAW Components SAW IF filter
B39151B5206H810 TDK-B39151B5206H810 Datasheet
77Kb / 7P
   SAW Components SAW IF filter
B39141B5246H810 TDK-B39141B5246H810 Datasheet
173Kb / 14P
   SAW Components SAW IF filter
B39800X3403H810 TDK-B39800X3403H810 Datasheet
118Kb / 10P
   SAW Components SAW IF filter
B39121B5245H310 TDK-B39121B5245H310 Datasheet
88Kb / 7P
   SAW Components SAW IF filter
B39361B5215H810 TDK-B39361B5215H810 Datasheet
96Kb / 8P
   SAW Components SAW IF filter
B39261B1726H810 TDK-B39261B1726H810 Datasheet
82Kb / 7P
   SAW Components SAW IF filter
B39311B5251H810 TDK-B39311B5251H810 Datasheet
94Kb / 7P
   SAW Components SAW IF filter
B39361B4847U310 TDK-B39361B4847U310 Datasheet
100Kb / 8P
   SAW Components SAW IF filter
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com