Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MM5Z9V1 Datasheet(PDF) 2 Page - Sangdest Microelectronic (Nanjing) Co., Ltd

Part # MM5Z9V1
Description  ZENER DIODES
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMC [Sangdest Microelectronic (Nanjing) Co., Ltd]
Direct Link  http://www.smc-diodes.com/
Logo SMC - Sangdest Microelectronic (Nanjing) Co., Ltd

MM5Z9V1 Datasheet(HTML) 2 Page - Sangdest Microelectronic (Nanjing) Co., Ltd

  MM5Z9V1 Datasheet HTML 1Page - Sangdest Microelectronic (Nanjing) Co., Ltd MM5Z9V1 Datasheet HTML 2Page - Sangdest Microelectronic (Nanjing) Co., Ltd MM5Z9V1 Datasheet HTML 3Page - Sangdest Microelectronic (Nanjing) Co., Ltd MM5Z9V1 Datasheet HTML 4Page - Sangdest Microelectronic (Nanjing) Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
SANGDEST
MICROELECTRONICS
Technical Data
Green Products
Data Sheet N0206, Rev. A
• Weiqi Street, Airport Development Zone, Jiangning District, Nanjing, China 211113
(86) 25-87123907
• FAX (86) 25-87123900 • World Wide Web Site - http://www.sangdest.com.cn • E-Mail Address - sales@ sangdest.com.cn •
MM5Z2V4- MM5Z75
Ordering Information:
Device
Package
Shipping
MM5Z2V4-MM5Z75
SOD-523
(Pb-Free)
8000pcs / reel
For information on tape and reel specifications, including part orientation and tape sizes, please refer to our Tape and Reel Packaging
Specification.
Maximum Ratings:
Characteristics
Symbol
Condition
Max.
Units
Max. reverse (working) voltage
VR
@ 30mA Pulse, TJ = 25
°C
5.5
V
* Pulse Width < 300µs, Duty Cycle <2%
Thermal-Mechanical Specifications:
Characteristics
Symbol
Condition
Specification
Units
Max. Junction Temperature
TJ
-
-65 to +150
°C
Max. Storage Temperature
Tstg
-
-65 to +150
°C
Min. Power dissipation
PD
-
250
mW
Case Style
SOD-523


Similar Part No. - MM5Z9V1

ManufacturerPart #DatasheetDescription
logo
EIC discrete Semiconduc...
MM5Z9V1 EIC-MM5Z9V1 Datasheet
109Kb / 2P
   ZENER DIODES
logo
Microdiode Electronics ...
MM5Z9V1 CHENDA-MM5Z9V1 Datasheet
369Kb / 4P
   Zener Voltage Diodes
logo
Shanghai Leiditech Elec...
MM5Z9V1 LEIDITECH-MM5Z9V1 Datasheet
518Kb / 4P
   Standard Zener Breakdown Voltage Range 2.0 V to 75 V
logo
Weitron Technology
MM5Z9V1 WEITRON-MM5Z9V1 Datasheet
439Kb / 3P
   Surface Mount Zener Diodes
logo
Nanjing International G...
MM5Z9V1 DGNJDZ-MM5Z9V1 Datasheet
102Kb / 4P
   SILICON PLANAR ZENER DIODES
More results

Similar Description - MM5Z9V1

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
RZ39A STMICROELECTRONICS-RZ39A Datasheet
555Kb / 3P
   ZENER DIODES DIODES ZENER
logo
Sangdest Microelectroni...
1N5225 SMC-1N5225 Datasheet
205Kb / 5P
   ZENER DIODES Diodes
logo
Hi-Sincerity Mocroelect...
HMBZ5221B HSMC-HMBZ5221B Datasheet
86Kb / 12P
   ZENER DIODES
logo
Vishay Siliconix
1N4728 VISHAY-1N4728 Datasheet
46Kb / 3P
   Zener Diodes
18-Apr-02
logo
General Semiconductor
BZX84 GE-BZX84 Datasheet
396Kb / 9P
   Zener Diodes
logo
Motorola, Inc
1N2804 MOTOROLA-1N2804 Datasheet
145Kb / 4P
   ZENER DIODES
logo
General Semiconductor
1N4681 GE-1N4681 Datasheet
40Kb / 2P
   ZENER DIODES
1N746 GE-1N746 Datasheet
36Kb / 2P
   ZENER DIODES
logo
Vishay Siliconix
BZY97-C3V9 VISHAY-BZY97-C3V9 Datasheet
164Kb / 5P
   Zener Diodes
29-Apr-02
logo
Guangdong Kexin Industr...
1SMA4728 KEXIN-1SMA4728 Datasheet
1Mb / 5P
   Zener Diodes
1SMA5914 KEXIN-1SMA5914 Datasheet
1Mb / 4P
   Zener Diodes
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com