Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MM5Z68 Datasheet(PDF) 3 Page - Sangdest Microelectronic (Nanjing) Co., Ltd

Part # MM5Z68
Description  ZENER DIODES
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMC [Sangdest Microelectronic (Nanjing) Co., Ltd]
Direct Link  http://www.smc-diodes.com/
Logo SMC - Sangdest Microelectronic (Nanjing) Co., Ltd

MM5Z68 Datasheet(HTML) 3 Page - Sangdest Microelectronic (Nanjing) Co., Ltd

  MM5Z68 Datasheet HTML 1Page - Sangdest Microelectronic (Nanjing) Co., Ltd MM5Z68 Datasheet HTML 2Page - Sangdest Microelectronic (Nanjing) Co., Ltd MM5Z68 Datasheet HTML 3Page - Sangdest Microelectronic (Nanjing) Co., Ltd MM5Z68 Datasheet HTML 4Page - Sangdest Microelectronic (Nanjing) Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
SANGDEST
MICROELECTRONICS
Technical Data
Green Products
Data Sheet N0206, Rev. A
• Weiqi Street, Airport Development Zone, Jiangning District, Nanjing, China 211113
(86) 25-87123907
• FAX (86) 25-87123900 • World Wide Web Site - http://www.sangdest.com.cn • E-Mail Address - sales@ sangdest.com.cn •
MM5Z2V4- MM5Z75
Electrical Characteristics(TJ = 25
°C unless otherwise noted, V
F =0.9 V Max. @ I F =10 mA)
Zener voltage(Note 1)
Zener Impedence
Leakage
Current
VZ(volte)
@
IZT
ZZT
@ IZT
ZZK @ IZK
IR @ VR
ΘVz
(Mv/k) @
IZT
C
@
VR=0
f=1M
Hz
Device
Device
markin
g
Min
Nom
Max
mA
mA
uA
Volts
Min
Max
pF
MM5Z2V4
00
2.2
2.4
2.6
5
100
1000
1
50
1
-3.5
0
450
MM5Z2V7
01
2.5
2.7
2.9
5
100
1000
1
20
1
-3.5
0
450
MM5Z3V0
02
2.8
3
3.2
5
100
1000
1
10
1
-3.5
0
450
MM5Z3V3
05
3.1
3.3
3.5
5
95
1000
1
5
1
-3.5
0
450
MM5Z3V6
06
3.4
3.6
3.8
5
90
1000
1
5
1
-3.5
0
450
MM5Z3V9
07
3.7
3.9
4.1
5
90
1000
1
3
1
-3.5
-2.5
450
MM5Z4V3
08
4.0
4.3
4.6
5
90
1000
1
3
1
-3.5
0
450
MM5Z4V7
09
4.4
4.7
5.0
5
80
800
1
3
2
-3.5
0.2
260
MM5Z5V1
0A
4.8
5.1
5.4
5
60
500
1
2
2
-2.7
1.2
225
MM5Z5V6
0C
5.2
5.6
6.0
5
40
200
1
1
2
-2.0
2.5
200
MM5Z6V2
0E
5.8
6.2
6.6
5
10
100
1
3
4
0.4
3.7
185
MM5Z6V8
0F
6.4
6.8
7.2
5
15
160
1
2
4
1.2
4.5
155
MM5Z7V5
0G
7.0
7.5
7.9
5
15
160
1
1
5
2.5
5.3
140
MM5Z8V2
0H
7.7
8.2
8.7
5
15
160
1
0.7
5
3.2
6.2
135
MM5Z9V1
0K
8.5
9.1
9.6
5
15
160
1
0.2
7
3.8
7.0
130
MM5Z10
0L
9.4
10
10.6
5
20
160
1
0.1
8
4.5
8.0
130
MM5Z11
0M
10.4
11
11.6
5
20
160
1
0.1
8
5.4
9.0
130
MM5Z12
0N
11.4
12
12.7
5
25
80
1
0.1
8
6.0
10
130
MM5Z13
0P
12.4
13
14.1
5
30
80
1
0.1
8
7.0
11
120
MM5Z15
0T
14.2
15
15.8
5
30
80
1
0.005
10.5
9.2
13
110
MM5Z16
0U
15.3
16
17.1
5
40
80
1
0.005
11.2
10.4
14
105
MM5Z18
0W
16.8
18
19.1
5
45
80
1
0.005
12.6
12.4
16
100
MM5Z20
0Z
18.8
20
21.2
5
55
100
1
0.005
14
14.4
18
85
MM5Z22
10
20.8
22
23.3
5
55
100
1
0.005
15.4
16.4
20
85
MM5Z24
11
22.8
24
25.6
5
70
120
1
0.005
16.8
18.4
22
80
MM5Z27
12
25.1
27
28.9
2
80
300
1
0.005
18.9
21.4
25.3
70
MM5Z30
14
28
30
32
2
80
300
1
0.005
21
24.4
29.4
70
MM5Z33
18
31
33
35
2
80
300
1
0.005
23.2
27.4
33.4
70
MM5Z36
19
34
36
38
2
90
500
1
0.005
25.2
30.4
37.4
70
MM5Z39
20
37
39
41
2
130
500
1
0.005
27.3
33.4
41.2
45
MM5Z43
21
40
43
46
2
150
500
1
0.005
30.1
37.6
46.6
40
MM5Z47
1A
44
47
50
2
170
500
1
0.005
32.9
42.0
51.8
40
MM5Z51
1C
48
51
54
2
180
500
1
0.005
35.7
46.6
57.2
40
MM5Z56
1D
52
56
60
2
200
500
1
0.005
39.2
52.2
63.8
40
MM5Z62
1E
58
62
66
2
215
500
1
0.005
43.4
58.8
71.6
35
MM5Z68
1F
64
68
72
2
240
500
1
0.005
47.6
65.6
79.8
35
MM5Z75
1G
70
75
79
2
255
500
1
0.005
52.5
73.4
88.6
35


Similar Part No. - MM5Z68

ManufacturerPart #DatasheetDescription
logo
SEMTECH ELECTRONICS LTD...
MM5Z68 SEMTECH_ELEC-MM5Z68 Datasheet
266Kb / 4P
   SILICON PLANAR ZENER DIODES
logo
Shenzhen Jin Yu Semicon...
MM5Z68 HTSEMI-MM5Z68 Datasheet
639Kb / 4P
   SILICON PLANAR ZENER DIODES
logo
Nanjing International G...
MM5Z68 DGNJDZ-MM5Z68 Datasheet
102Kb / 4P
   SILICON PLANAR ZENER DIODES
MM5Z68 DGNJDZ-MM5Z68 Datasheet
115Kb / 4P
   SILICON PLANAR ZENER DIODES
logo
DONGGUAN YOU FENG WEI E...
MM5Z68 YFWDIODE-MM5Z68 Datasheet
370Kb / 3P
   SILICON PLANAR ZENER DIODES
More results

Similar Description - MM5Z68

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
RZ39A STMICROELECTRONICS-RZ39A Datasheet
555Kb / 3P
   ZENER DIODES DIODES ZENER
logo
Sangdest Microelectroni...
1N5225 SMC-1N5225 Datasheet
205Kb / 5P
   ZENER DIODES Diodes
logo
Hi-Sincerity Mocroelect...
HMBZ5221B HSMC-HMBZ5221B Datasheet
86Kb / 12P
   ZENER DIODES
logo
Vishay Siliconix
1N4728 VISHAY-1N4728 Datasheet
46Kb / 3P
   Zener Diodes
18-Apr-02
logo
General Semiconductor
BZX84 GE-BZX84 Datasheet
396Kb / 9P
   Zener Diodes
logo
Motorola, Inc
1N2804 MOTOROLA-1N2804 Datasheet
145Kb / 4P
   ZENER DIODES
logo
General Semiconductor
1N4681 GE-1N4681 Datasheet
40Kb / 2P
   ZENER DIODES
1N746 GE-1N746 Datasheet
36Kb / 2P
   ZENER DIODES
logo
Vishay Siliconix
BZY97-C3V9 VISHAY-BZY97-C3V9 Datasheet
164Kb / 5P
   Zener Diodes
29-Apr-02
logo
Guangdong Kexin Industr...
1SMA4728 KEXIN-1SMA4728 Datasheet
1Mb / 5P
   Zener Diodes
1SMA5914 KEXIN-1SMA5914 Datasheet
1Mb / 4P
   Zener Diodes
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com