Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

B39162B3470H910 Datasheet(PDF) 3 Page - TDK Electronics

Part # B39162B3470H910
Description  SAW Components SAW band-stop filter
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TDK [TDK Electronics]
Direct Link  http://www.tdk.com
Logo TDK - TDK Electronics

B39162B3470H910 Datasheet(HTML) 3 Page - TDK Electronics

  B39162B3470H910 Datasheet HTML 1Page - TDK Electronics B39162B3470H910 Datasheet HTML 2Page - TDK Electronics B39162B3470H910 Datasheet HTML 3Page - TDK Electronics B39162B3470H910 Datasheet HTML 4Page - TDK Electronics B39162B3470H910 Datasheet HTML 5Page - TDK Electronics B39162B3470H910 Datasheet HTML 6Page - TDK Electronics B39162B3470H910 Datasheet HTML 7Page - TDK Electronics B39162B3470H910 Datasheet HTML 8Page - TDK Electronics B39162B3470H910 Datasheet HTML 9Page - TDK Electronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
3
February 14, 2013
B3470
1575.42 MHz
SAW Components
SAW band-stop filter
Data sheet
Please read
cautions and warnings and
important notes at the end of this document.
Characteristics
Temperature range for specification:
T
= –40 ˚C to +85 ˚C
Terminating source impedance:
ZS =50 Ω and matching network
Terminating load impedance:
ZL =50 Ω and matching network
1) incl. loss in matching elements (Q
L= 90 @ 1000 MHz)
min.
typ.
@ 25 ˚C
max.
Center frequency
fC
1575.42
MHz
Maximum insertion attenuation1)
α
max
824.00 ...
960.00 MHz
0.65
0.9
dB
1710.00 ... 1990.00 MHz
1.35
1.7
dB
2110.00 ... 2170.00 MHz
1.9
2.3
dB
Attenuation
α
1572.42 ... 1578.42 MHz
32
35
dB


Similar Part No. - B39162B3470H910

ManufacturerPart #DatasheetDescription
logo
TDK Electronics
B39162B3400U410 TDK-B39162B3400U410 Datasheet
125Kb / 8P
   SAW Components SAW RF filter
B39162B3401B710 TDK-B39162B3401B710 Datasheet
136Kb / 9P
   SAW Components
B39162B3405H910 TDK-B39162B3405H910 Datasheet
187Kb / 12P
   SAW Components
More results

Similar Description - B39162B3470H910

ManufacturerPart #DatasheetDescription
logo
TDK Electronics
B39232B3471H910 TDK-B39232B3471H910 Datasheet
100Kb / 8P
   SAW Components SAW band-stop filter
B39731B3473H910 TDK-B39731B3473H910 Datasheet
116Kb / 9P
   SAW Components SAW band-stop filter
B39831B1671B510 TDK-B39831B1671B510 Datasheet
130Kb / 7P
   SAW Components SAW band-stop filter
B39901B1670B510 TDK-B39901B1670B510 Datasheet
133Kb / 7P
   SAW band-stop filter
B39901B1672B510 TDK-B39901B1672B510 Datasheet
120Kb / 7P
   SAW band-stop filter
logo
EPCOS
LP66A EPCOS-LP66A Datasheet
42Kb / 6P
   SAW band-stop filter
logo
TDK Electronics
B39841B1673B510 TDK-B39841B1673B510 Datasheet
130Kb / 7P
   SAW Components SAW band?뱒top filter
B39831B8747P810 TDK-B39831B8747P810 Datasheet
94Kb / 7P
   SAW Components SAW band?뱒top filter
B39761B8759P810 TDK-B39761B8759P810 Datasheet
84Kb / 7P
   SAW Components SAW band?뱒top filter
B39841B8742P810 TDK-B39841B8742P810 Datasheet
93Kb / 8P
   SAW Components SAW band?뱒top filter
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com