Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPIC2404 Datasheet(PDF) 1 Page - Texas Instruments

Part # TPIC2404
Description  INTELLIGENT-POWER QUAD LOW-SIDE SWITCH
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPIC2404 Datasheet(HTML) 1 Page - Texas Instruments

  TPIC2404 Datasheet HTML 1Page - Texas Instruments TPIC2404 Datasheet HTML 2Page - Texas Instruments TPIC2404 Datasheet HTML 3Page - Texas Instruments TPIC2404 Datasheet HTML 4Page - Texas Instruments TPIC2404 Datasheet HTML 5Page - Texas Instruments TPIC2404 Datasheet HTML 6Page - Texas Instruments TPIC2404 Datasheet HTML 7Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
TPIC2404
INTELLIGENT-POWER QUAD LOW-SIDE SWITCH
SLIS007A – D3299, AUGUST 1989 – REVISED MAY 1993
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
Copyright
© 1993, Texas Instruments Incorporated
2–1
1-A Current Capability Per Channel
45-V Inductive Switching Voltage Capability
Current Sink Inputs Compatible With TTL
or CMOS Devices
Output Clamp Diodes for Inductive
Transient Protection
Independent Thermal Shutdown Protection
Overvoltage Shutdown Protection
Independent Channel Current Limit
Error Sensing
Extended Temperature Range of –40°C
to 125
°C
description
The TPIC2404 is a monolithic high-voltage
high-current quadruple low-side switch especially
designed for driving from low-level logic to peripheral loads such as relays, solenoids, motors, lamps, and other
high-voltage high-current loads. The high-efficiency power switch is optimized for applications where a very
rugged power switch is required. The device tolerates power supply transients and reverse battery conditions
up to 13 V.
The TPIC2404 features four inverting open-collector outputs controlled by a common-enable input. When
ENABLE is low, the outputs are disabled. An error-sensing circuit monitors load and device faults. When an error
is sensed, the FAULT output goes to a low state. In addition, the device features on-board VCC overvoltage and
thermal overload protection circuits, and the outputs are current limit protected.
FUNCTION TABLE
INPUTS
OUTPUTS
ENABLE
A
Y
FAULT
H
H
L
H
Normal operation
H
LH
H
L
XH
H
Open load
H
L
L
L
Open load
H
HL
H
Short to GND
H
L
L
L
Short to GND
H
HL
H
Overvoltage shutdown
H
H
H
L
Overvoltage shutdown
H
LH
H
Thermal shutdown
H
H
H
L
Thermal shutdown
H
LH
H
Short to VCC
H
H
H
L
Short to VCC
H
L
H
H
H = high level,
L = low level,
X = irrelevant
KN PACKAGE
(TOP VIEW)
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
GND
4A
4Y
3, 4 CLAMP
3Y
3A
ENABLE
GND
VCC
2A
2Y
1, 2 CLAMP
1Y
1A
FAULT
The tab is electrically connected to the GND pins.
PRODUCTION DATA information is current as of publication date.
Products conform to specifications per the terms of Texas Instruments
standard warranty. Production processing does not necessarily include
testing of all parameters.


Similar Part No. - TPIC2404

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPIC2404 TI-TPIC2404 Datasheet
90Kb / 7P
[Old version datasheet]   INTELLIGENT-POWER QUAD LOW-SIDE SWITCH
TPIC2404KN TI-TPIC2404KN Datasheet
90Kb / 7P
[Old version datasheet]   INTELLIGENT-POWER QUAD LOW-SIDE SWITCH
More results

Similar Description - TPIC2404

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
L9349 STMICROELECTRONICS-L9349 Datasheet
285Kb / 12P
   QUAD INTELLIGENT POWER LOW SIDE SWITCH
L9332 STMICROELECTRONICS-L9332 Datasheet
255Kb / 17P
   Quad intelligent power low side switch
L9346 STMICROELECTRONICS-L9346 Datasheet
96Kb / 13P
   QUAD INTELLIGENT POWER LOW SIDE SWITCH
logo
Texas Instruments
TPIC2404KN TI-TPIC2404KN Datasheet
90Kb / 7P
[Old version datasheet]   INTELLIGENT-POWER QUAD LOW-SIDE SWITCH
logo
STMicroelectronics
L9349-LF STMICROELECTRONICS-L9349-LF Datasheet
267Kb / 17P
   Quad intelligent power low side switch
IPS4260L STMICROELECTRONICS-IPS4260L Datasheet
834Kb / 29P
   Quad low-side intelligent power switch
Rev 5 - July 2021
L9352 STMICROELECTRONICS-L9352 Datasheet
328Kb / 21P
   INTELLIGENT QUAD 2X5A/2X2.5A LOW-SIDE SWITCH
L9347 STMICROELECTRONICS-L9347 Datasheet
329Kb / 21P
   INTELLIGENT QUAD 2X5A/2X2.5A LOW-SIDE SWITCH
L9352B STMICROELECTRONICS-L9352B Datasheet
611Kb / 21P
   INTELLIGENT QUAD (2X5A/2X2.5A) LOW-SIDE SWITCH
logo
International Rectifier
IPS2041RLPBF IRF-IPS2041RLPBF Datasheet
1Mb / 13P
   INTELLIGENT POWER LOW SIDE SWITCH
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com