Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS79301 Datasheet(PDF) 9 Page - Texas Instruments

Part # TPS79301
Description  ULTRALOW-NOISE, HIGH PSRR, FAST RF 200-mA LOW-DROPOUT LINEAR REGULATORS IN NANOSTAR WAFER CHIP SCALE AND SOT23
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS79301 Datasheet(HTML) 9 Page - Texas Instruments

Back Button TPS79301 Datasheet HTML 5Page - Texas Instruments TPS79301 Datasheet HTML 6Page - Texas Instruments TPS79301 Datasheet HTML 7Page - Texas Instruments TPS79301 Datasheet HTML 8Page - Texas Instruments TPS79301 Datasheet HTML 9Page - Texas Instruments TPS79301 Datasheet HTML 10Page - Texas Instruments TPS79301 Datasheet HTML 11Page - Texas Instruments TPS79301 Datasheet HTML 12Page - Texas Instruments TPS79301 Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 18 page
background image
www.ti.com
APPLICATION INFORMATION
VIN
VOUT
TPS793xx
GND
EN
NR
IN
OUT
V
IN
V
OUT
0.1
µF
0.01
µF
2.2
µF
External Capacitor Requirements
Board Layout Recommendation to Improve PSRR and Noise Performance
TPS79301, TPS79318
TPS79325, TPS79328, TPS793285
TPS79330, TPS79333, TPS793475
SLVS348H – JULY 2001 – REVISED OCTOBER 2004
The TPS793xx family of low-dropout (LDO) regulators has been optimized for use in noise-sensitive
battery-operated equipment. The device features extremely low dropout voltages, high PSRR, ultralow output
noise, low quiescent current (170 µA typically), and enable-input to reduce supply currents to less than 1 µA
when the regulator is turned off.
A typical application circuit is shown in Figure 22.
Figure 22. Typical Application Circuit
A 0.1-µF or larger ceramic input bypass capacitor, connected between IN and GND and located close to the
TPS793xx, is required for stability and improves transient response, noise rejection, and ripple rejection. A
higher-value input capacitor may be necessary if large, fast-rise-time load transients are anticipated or the device
is located several inches from the power source.
Like most low dropout regulators, the TPS793xx requires an output capacitor connected between OUT and GND
to stabilize the internal control loop. The minimum recommended capacitance is 2.2 µF. Any 2.2-µF or larger
ceramic capacitor is suitable, provided the capacitance does not vary significantly over temperature. If load
current is not expected to exceed 100 mA, a 1.0-µF ceramic capacitor can be used.
The internal voltage reference is a key source of noise in an LDO regulator. The TPS793xx has an NR pin which
is connected to the voltage reference through a 250-k
Ω internal resistor. The 250-kΩ internal resistor, in
conjunction with an external bypass capacitor connected to the NR pin, creates a low pass filter to reduce the
voltage reference noise and, therefore, the noise at the regulator output. In order for the regulator to operate
properly, the current flow out of the NR pin must be at a minimum, because any leakage current creates an IR
drop across the internal resistor thus creating an output error. Therefore, the bypass capacitor must have
minimal leakage current. The bypass capacitor should be no more than 0.1-µF to ensure that it is fully charged
during the quickstart time provided by the internal switch shown in the Functional Block Diagrams
As an example, the TPS79328 exhibits only 32 µVRMS of output voltage noise using a 0.1-µF ceramic bypass
capacitor and a 2.2-µF ceramic output capacitor. Note that the output starts up slower as the bypass capacitance
increases due to the RC time constant at the NR pin that is created by the internal 250-k
Ω resistor and external
capacitor.
To improve ac measurements like PSRR, output noise, and transient response, it is recommended that the board
be designed with separate ground planes for VIN and VOUT, with each ground plane connected only at the GND
pin of the device. In addition, the ground connection for the bypass capacitor should connect directly to the GND
pin of the device.
9


Similar Part No. - TPS79301

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS79301 TI1-TPS79301 Datasheet
1Mb / 12P
[Old version datasheet]   Power Management Solutions for Xilinx and Altera FPGAs
TPS79301 TI1-TPS79301 Datasheet
931Kb / 21P
[Old version datasheet]   ULTRALOW-NOISE, HIGH-PSRR, FAST RF 200-mA LOW-DROPOUT LINEAR REGULATORS
TPS79301-EP TI1-TPS79301-EP Datasheet
786Kb / 21P
[Old version datasheet]   ULTRALOW-NOISE, HIGH-PSRR, FAST RF 200-mA LOW-DROPOUT LINEAR REGULATORS
TPS79301-EP TI1-TPS79301-EP Datasheet
931Kb / 21P
[Old version datasheet]   ULTRALOW-NOISE, HIGH-PSRR, FAST RF 200-mA LOW-DROPOUT LINEAR REGULATORS
TPS79301-EP TI1-TPS79301-EP_16 Datasheet
931Kb / 21P
[Old version datasheet]   ULTRALOW-NOISE, HIGH-PSRR, FAST RF 200-mA LOW-DROPOUT LINEAR REGULATORS
More results

Similar Description - TPS79301

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS79328YZQR TI-TPS79328YZQR Datasheet
891Kb / 20P
[Old version datasheet]   ULTRALOW-NOISE, HIGH PSRR, FAST RF 200mA LOW-DROPOUT LINEAR REGULATORS IN NanoStar WAFER CHIP SCALE AND SOT23
TPS793 TI1-TPS793_16 Datasheet
1Mb / 34P
[Old version datasheet]   Low-Noise, High PSRR, RF, 200-mA Low-Dropout Linear Regulators in NanoStar Wafer Chip Scale and SOT-23
TPS793 TI1-TPS793_17 Datasheet
1Mb / 33P
[Old version datasheet]   Low-Noise, High PSRR, RF, 200-mA Low-Dropout Linear Regulators in NanoStar Wafer Chip Scale and SOT-23
TPS793 TI1-TPS793_V01 Datasheet
1Mb / 34P
[Old version datasheet]   TPS793 Low-Noise, High PSRR, RF, 200-mA Low-Dropout Linear Regulators in NanoStar??Wafer Chip Scale and SOT-23
TPS79333 TI-TPS79333_15 Datasheet
918Kb / 28P
[Old version datasheet]   TPS793 Low-Noise, High PSRR, RF, 200-mA Low-Dropout Linear Regulators in NanoStar??Wafer Chip Scale and SOT-23
TPS793 TI-TPS793_15 Datasheet
918Kb / 28P
[Old version datasheet]   TPS793 Low-Noise, High PSRR, RF, 200-mA Low-Dropout Linear Regulators in NanoStar??Wafer Chip Scale and SOT-23
TPS79301-Q1 TI-TPS79301-Q1 Datasheet
308Kb / 16P
[Old version datasheet]   ULTRALOW-NOISE HIGH-PSRR FAST-RF 200-mA LOW-DROPOUT LINEAR REGULATORS
TPS79301-EP TI1-TPS79301-EP_16 Datasheet
931Kb / 21P
[Old version datasheet]   ULTRALOW-NOISE, HIGH-PSRR, FAST RF 200-mA LOW-DROPOUT LINEAR REGULATORS
TPS793-Q1 TI1-TPS793-Q1 Datasheet
1Mb / 29P
[Old version datasheet]   Ultralow-Noise, High-PSRR, Fast RF 200-mA Low-Dropout Linear Regulators
TPS79301DBVRG4Q1 TI-TPS79301DBVRG4Q1 Datasheet
879Kb / 21P
[Old version datasheet]   ULTRALOW-NOISE, HIGH-PSRR, FAST RF 200-mA LOW-DROPOUT LINEAR REGULATORS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com