Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS79328 Datasheet(PDF) 10 Page - Texas Instruments

Part # TPS79328
Description  ULTRALOW-NOISE, HIGH PSRR, FAST RF 200-mA LOW-DROPOUT LINEAR REGULATORS IN NANOSTAR WAFER CHIP SCALE AND SOT23
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS79328 Datasheet(HTML) 10 Page - Texas Instruments

Back Button TPS79328 Datasheet HTML 6Page - Texas Instruments TPS79328 Datasheet HTML 7Page - Texas Instruments TPS79328 Datasheet HTML 8Page - Texas Instruments TPS79328 Datasheet HTML 9Page - Texas Instruments TPS79328 Datasheet HTML 10Page - Texas Instruments TPS79328 Datasheet HTML 11Page - Texas Instruments TPS79328 Datasheet HTML 12Page - Texas Instruments TPS79328 Datasheet HTML 13Page - Texas Instruments TPS79328 Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 18 page
background image
www.ti.com
Power Dissipation and Junction Temperature
P
D(max) +
T
J max
*TA
R
Q
JA
(1)
P
D
+ VIN*VOUT
I
OUT
(2)
Programming the TPS79301 Adjustable LDO Regulator
V
OUT
+ VREF
1 )
R
1
R
2
(3)
R
1
+
V
OUT
V
ref
* 1
R
2
(4)
C
1
+
(3 x 10*7) x (R
1
) R2)
(R
1 x R2)
(5)
TPS79301, TPS79318
TPS79325, TPS79328, TPS793285
TPS79330, TPS79333, TPS793475
SLVS348H – JULY 2001 – REVISED OCTOBER 2004
APPLICATION INFORMATION (continued)
Specified regulator operation is assured to a junction temperature of 125
°C; the maximum junction temperature
should be restricted to 125
°C under normal operating conditions. This restriction limits the power dissipation the
regulator can handle in any given application. To ensure the junction temperature is within acceptable limits,
calculate the maximum allowable dissipation, PD(max), and the actual dissipation, PD, which must be less than or
equal to PD(max).
The maximum power dissipation limit is determined using Equation 1:
Where:
• T
Jmax is the maximum allowable junction temperature.
• Rθ
JA is the thermal resistance junction-to-ambient for the package (see the Dissipation Ratings Table).
• T
A is the ambient temperature.
The regulator dissipation is calculated using Equation 2:
Power dissipation resulting from quiescent current is negligible. Excessive power dissipation triggers the thermal
protection circuit.
The output voltage of the TPS79301 adjustable regulator is programmed using an external resistor divider as
shown in Figure 23. The output voltage is calculated using Equation 3:
Where:
• V
REF = 1.2246 V typ (the internal reference voltage)
Resistors R1 and R2 should be chosen for approximately 50-µA divider current. Lower value resistors can be
used for improved noise performance, but the solution consumes more power. Higher resistor values should be
avoided as leakage current into/out of FB across R1/R2 creates an offset voltage that artificially in-
creases/decreases the feedback voltage and thus erroneously decreases/increases VOUT. The recommended
design procedure is to choose R2 = 30.1 k
Ω to set the divider current at 50 µA, C1 = 15 pF for stability, and then
calculate R1 using Equation 4:
In order to improve the stability of the adjustable version, it is suggested that a small compensation capacitor be
placed between OUT and FB. For voltages <1.8 V, the value of this capacitor should be 100 pF. For voltages
>1.8 V, the approximate value of this capacitor can be calculated as shown in Equation 5:
The suggested value of this capacitor for several resistor ratios is shown in the table below. If this capacitor is
not used (such as in a unity-gain configuration) or if an output voltage <1.8 V is chosen, then the minimum
recommended output capacitor is 4.7 µF instead of 2.2 µF.
10


Similar Part No. - TPS79328

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS79328 TI1-TPS79328 Datasheet
931Kb / 21P
[Old version datasheet]   ULTRALOW-NOISE, HIGH-PSRR, FAST RF 200-mA LOW-DROPOUT LINEAR REGULATORS
TPS79328-EP TI1-TPS79328-EP Datasheet
931Kb / 21P
[Old version datasheet]   ULTRALOW-NOISE, HIGH-PSRR, FAST RF 200-mA LOW-DROPOUT LINEAR REGULATORS
TPS79328-Q1 TI-TPS79328-Q1 Datasheet
308Kb / 16P
[Old version datasheet]   ULTRALOW-NOISE HIGH-PSRR FAST-RF 200-mA LOW-DROPOUT LINEAR REGULATORS
TPS79328-Q1 TI-TPS79328-Q1 Datasheet
879Kb / 21P
[Old version datasheet]   ULTRALOW-NOISE, HIGH-PSRR, FAST RF 200-mA LOW-DROPOUT LINEAR REGULATORS
TPS793285 TI1-TPS793285 Datasheet
931Kb / 21P
[Old version datasheet]   ULTRALOW-NOISE, HIGH-PSRR, FAST RF 200-mA LOW-DROPOUT LINEAR REGULATORS
More results

Similar Description - TPS79328

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS79328YZQR TI-TPS79328YZQR Datasheet
891Kb / 20P
[Old version datasheet]   ULTRALOW-NOISE, HIGH PSRR, FAST RF 200mA LOW-DROPOUT LINEAR REGULATORS IN NanoStar WAFER CHIP SCALE AND SOT23
TPS793 TI1-TPS793_16 Datasheet
1Mb / 34P
[Old version datasheet]   Low-Noise, High PSRR, RF, 200-mA Low-Dropout Linear Regulators in NanoStar Wafer Chip Scale and SOT-23
TPS793 TI1-TPS793_17 Datasheet
1Mb / 33P
[Old version datasheet]   Low-Noise, High PSRR, RF, 200-mA Low-Dropout Linear Regulators in NanoStar Wafer Chip Scale and SOT-23
TPS793 TI1-TPS793_V01 Datasheet
1Mb / 34P
[Old version datasheet]   TPS793 Low-Noise, High PSRR, RF, 200-mA Low-Dropout Linear Regulators in NanoStar??Wafer Chip Scale and SOT-23
TPS79333 TI-TPS79333_15 Datasheet
918Kb / 28P
[Old version datasheet]   TPS793 Low-Noise, High PSRR, RF, 200-mA Low-Dropout Linear Regulators in NanoStar??Wafer Chip Scale and SOT-23
TPS793 TI-TPS793_15 Datasheet
918Kb / 28P
[Old version datasheet]   TPS793 Low-Noise, High PSRR, RF, 200-mA Low-Dropout Linear Regulators in NanoStar??Wafer Chip Scale and SOT-23
TPS79301-Q1 TI-TPS79301-Q1 Datasheet
308Kb / 16P
[Old version datasheet]   ULTRALOW-NOISE HIGH-PSRR FAST-RF 200-mA LOW-DROPOUT LINEAR REGULATORS
TPS79301-EP TI1-TPS79301-EP_16 Datasheet
931Kb / 21P
[Old version datasheet]   ULTRALOW-NOISE, HIGH-PSRR, FAST RF 200-mA LOW-DROPOUT LINEAR REGULATORS
TPS793-Q1 TI1-TPS793-Q1 Datasheet
1Mb / 29P
[Old version datasheet]   Ultralow-Noise, High-PSRR, Fast RF 200-mA Low-Dropout Linear Regulators
TPS79301DBVRG4Q1 TI-TPS79301DBVRG4Q1 Datasheet
879Kb / 21P
[Old version datasheet]   ULTRALOW-NOISE, HIGH-PSRR, FAST RF 200-mA LOW-DROPOUT LINEAR REGULATORS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com