Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SMDA15C-8 Datasheet(PDF) 1 Page - Shanghai Leiditech Electronic Technology Co., Ltd

Part # SMDA15C-8
Description  USB 2.0 power and data line
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LEIDITECH [Shanghai Leiditech Electronic Technology Co., Ltd]
Direct Link  http://www.leiditech.com
Logo LEIDITECH - Shanghai Leiditech Electronic Technology Co., Ltd

SMDA15C-8 Datasheet(HTML) 1 Page - Shanghai Leiditech Electronic Technology Co., Ltd

  SMDA15C-8 Datasheet HTML 1Page - Shanghai Leiditech Electronic Technology Co., Ltd SMDA15C-8 Datasheet HTML 2Page - Shanghai Leiditech Electronic Technology Co., Ltd SMDA15C-8 Datasheet HTML 3Page - Shanghai Leiditech Electronic Technology Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
SMDA15C-8
Bidirectional TVS Array for Protection of Eight Lines
Features
Ultra low leakage: nA level
Operating voltage: 15V
Low clamping voltage
Complies with following standards:
– IEC 61000-4-2 (ESD) immunity test
Air discharge: ±15kV
Contact discharge: ±8kV
– IEC61000-4-4 (EFT) 40A (5/50ns)
– IEC61000-4-5 (Lightning) 12A (8/20μs)
RoHS Compliant
Applications
USB 2.0 power and data line
Set-top box and digital TV
Digital video interface (DVI)
Notebook Computers
SIM Ports
10/100 Ethernet
Dimensions SO-14
Pin Configuration
Mechanical Characteristics
Package: SO-14
Lead Finish: Lead Free
UL Flammability Classification Rating 94V-0
Quantity Per Reel:500pcs
Reel Size:7 inch
Rev : 01.06.2014
1/3
www.leiditech.com
Absolute Maximum Ratings(Tamb=25°C unless otherwise specified)
Parameter
Symbol
Value
Unit
Peak Pulse Power (8/20µs)
Ppp
300
W
ESD per IEC 61000−4−2 (Air)
VESD
±15
Kv
ESD per IEC 61000−4−2 (Contact)
±8
Operating Temperature Range
TJ
-55 to +125
Storage Temperature Range
TSTJ
-55 to +150


Similar Part No. - SMDA15C-8

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
SMDA15C-8 SEMTECH-SMDA15C-8 Datasheet
175Kb / 7P
   Bidirectional TVS Array for Protection of Eight Lines????
logo
General Semiconductor
SMDA15C-8 GE-SMDA15C-8 Datasheet
40Kb / 2P
   SURFACE MOUNT DIODE ARRAY TRANSIENT VOLTAGE SUPPRESSOR
logo
Microsemi Corporation
SMDA15C-8 MICROSEMI-SMDA15C-8 Datasheet
227Kb / 2P
   TVSarray Series
logo
Socay Electornics Co., ...
SMDA15C-8 SOCAY-SMDA15C-8 Datasheet
269Kb / 3P
   Transient Voltage Suppressors Array for ESD Protection
logo
UN Semiconducctor INC
SMDA15C-8 UNSEMI-SMDA15C-8 Datasheet
2Mb / 4P
   Transient Voltage Suppressors for ESD Protection
Revision March 1,2022
More results

Similar Description - SMDA15C-8

ManufacturerPart #DatasheetDescription
logo
Shanghai Leiditech Elec...
SMD05A LEIDITECH-SMD05A Datasheet
253Kb / 3P
   USB 2.0 power and data line
SMD24A LEIDITECH-SMD24A Datasheet
252Kb / 3P
   USB 2.0 power and data line
SMDA24C-8 LEIDITECH-SMDA24C-8 Datasheet
246Kb / 3P
   USB 2.0 power and data line
SM08 LEIDITECH-SM08 Datasheet
133Kb / 3P
   USB 2.0 power and data line
ESD9D5V LEIDITECH-ESD9D5V Datasheet
121Kb / 3P
   USB 2.0 power and data line
LC03CI LEIDITECH-LC03CI Datasheet
259Kb / 3P
   USB 2.0 power and data line
LC0511CCW LEIDITECH-LC0511CCW Datasheet
405Kb / 4P
   USB 2.0 power and data line
SMC36 LEIDITECH-SMC36 Datasheet
129Kb / 3P
   USB 2.0 power and data line
SD05 LEIDITECH-SD05 Datasheet
140Kb / 3P
   USB 2.0 power and data line
SD24C LEIDITECH-SD24C Datasheet
131Kb / 3P
   USB 2.0 power and data line
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com