Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

B39162B4313P810 Datasheet(PDF) 2 Page - TDK Electronics

Part # B39162B4313P810
Description  SAW Components SAW RF filter
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TDK [TDK Electronics]
Direct Link  http://www.tdk.com
Logo TDK - TDK Electronics

B39162B4313P810 Datasheet(HTML) 2 Page - TDK Electronics

  B39162B4313P810 Datasheet HTML 1Page - TDK Electronics B39162B4313P810 Datasheet HTML 2Page - TDK Electronics B39162B4313P810 Datasheet HTML 3Page - TDK Electronics B39162B4313P810 Datasheet HTML 4Page - TDK Electronics B39162B4313P810 Datasheet HTML 5Page - TDK Electronics B39162B4313P810 Datasheet HTML 6Page - TDK Electronics B39162B4313P810 Datasheet HTML 7Page - TDK Electronics B39162B4313P810 Datasheet HTML 8Page - TDK Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
2
April 10, 2012
B4313
1588.655 MHz
Please read
cautions and warnings and
important notes at the end of this document.
SAW Components
SAW RF filter
Data sheet
Application
s
Low-loss RF filter for automotive telematics applica-
tions
s
Low insertion attenuation
s
Low amplitude ripple
s
Unbalanced to balanced operation
Features
s
Package size 1.4 x 1.1 x 0.4 mm3
s
Package code QCS5P
s
RoHS compatible
s
Approximate weight 0.003 g
s
Package for Surface Mount Technology
(SMT)
s
Ni, gold-plated terminals
s
AEC-Q200 qualified component family (operable
temperature range –40˚C to +85˚C)
s
Electrostatic Sensitive Device (ESD)
5
4
3
2
0.25
0.5
0.5
1.4
bottom view
side view
top view
Pin configuration
s
1
Input
s
3,4
Output, balanced
s
2,5
to be grounded


Similar Part No. - B39162B4313P810

ManufacturerPart #DatasheetDescription
logo
EPCOS
B39162B4313P810 EPCOS-B39162B4313P810 Datasheet
76Kb / 8P
   Low insertion attenuation
More results

Similar Description - B39162B4313P810

ManufacturerPart #DatasheetDescription
logo
TDK Electronics
B39152B1647U510 TDK-B39152B1647U510 Datasheet
82Kb / 8P
   SAW Components SAW RF filter
B39162B3528U510 TDK-B39162B3528U510 Datasheet
92Kb / 8P
   SAW Components SAW RF filter
B39771B5117U410 TDK-B39771B5117U410 Datasheet
64Kb / 7P
   SAW Components SAW RF filter
B39162B4050U510 TDK-B39162B4050U510 Datasheet
90Kb / 7P
   SAW Components SAW RF filter
B39451B3907U410 TDK-B39451B3907U410 Datasheet
96Kb / 8P
   SAW Components SAW RF filter
B39761B3928U510 TDK-B39761B3928U510 Datasheet
157Kb / 8P
   SAW Components SAW RF filter
B39421B5324Z810 TDK-B39421B5324Z810 Datasheet
159Kb / 8P
   SAW Components SAW RF filter
B39431B3790Z810 TDK-B39431B3790Z810 Datasheet
112Kb / 10P
   SAW Components SAW RF filter
B39232B3404U410 TDK-B39232B3404U410 Datasheet
155Kb / 8P
   SAW Components SAW RF filter
B39351B3408U410 TDK-B39351B3408U410 Datasheet
152Kb / 8P
   SAW Components SAW RF filter
B39361B5074Z810 TDK-B39361B5074Z810 Datasheet
72Kb / 7P
   SAW Components SAW RF filter
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com