Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SKY73022-11 Datasheet(PDF) 2 Page - Skyworks Solutions Inc.

Part # SKY73022-11
Description  700 ??1000 MHz High Gain and Linearity Diversity Downconversion Mixer
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SKYWORKS [Skyworks Solutions Inc.]
Direct Link  http://www.skyworksinc.com
Logo SKYWORKS - Skyworks Solutions Inc.

SKY73022-11 Datasheet(HTML) 2 Page - Skyworks Solutions Inc.

  SKY73022-11_09 Datasheet HTML 1Page - Skyworks Solutions Inc. SKY73022-11_09 Datasheet HTML 2Page - Skyworks Solutions Inc. SKY73022-11_09 Datasheet HTML 3Page - Skyworks Solutions Inc. SKY73022-11_09 Datasheet HTML 4Page - Skyworks Solutions Inc. SKY73022-11_09 Datasheet HTML 5Page - Skyworks Solutions Inc. SKY73022-11_09 Datasheet HTML 6Page - Skyworks Solutions Inc. SKY73022-11_09 Datasheet HTML 7Page - Skyworks Solutions Inc. SKY73022-11_09 Datasheet HTML 8Page - Skyworks Solutions Inc. SKY73022-11_09 Datasheet HTML 9Page - Skyworks Solutions Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 17 page
background image
DATA SHEET • SKY73022-11 DOWNCONVERSION MIXER
Skyworks Solutions, Inc. • Phone [781] 376-3000 • Fax [781] 376-3100 • sales@skyworksinc.com • www.skyworksinc.com
2
August 24, 2009 • Skyworks Proprietary Information • Products and Product Information are Subject to Change Without Notice • 200518G
S646
27
26
25
24
23
22
21
20
19
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
36
35
34
33
32
31
30
29
28
NC
RFA
VCC_LO
GND
VCC_LO
GND
NC
RFB
GND
GND
LO2
GND
GND
GND
LO_SEL
GND
LO1
VCC_LO
Figure 2. SKY73022-11 Pinout – 36-Pin MCM
Table 1. SKY73022-11 Signal Descriptions
Pin #
Name
Description
Pin #
Name
Description
1
RFA
Channel A RF input
19
LO1
Local oscillator 1 input
2
NC
No connect
20
GND
Ground
3
GND
Ground
21
VCC_LO
DC supply, +5 V
4
VCC_LO
DC supply, +5 V
22
GND
Ground
5
GND
Ground
23
LO_SEL
Local oscillator select switch control
6
VCC_LO
DC supply, +5 V
24
GND
Ground
7
GND
Ground
25
GND
Ground
8
NC
No connect
26
GND
Ground
9
RFB
Channel B RF input
27
LO2
Local oscillator 2 input
10
VCC_RFB
Channel B RF DC supply, +5 V
28
NC
No connect
11
NC
No connect
29
RIFA
Channel A IF bias adjust
12
GND
Ground
30
VCC_IFA
Channel A IF DC supply, +5 V
13
IFB+
Positive channel B IF output
31
NC
No connect
14
IFB–
Negative channel B IF output
32
IFA+
Positive channel A IF output
15
NC
No connect
33
IFA–
Negative channel A IF output
16
VCC_IFB
Channel B IF DC supply, +5 V
34
GND
Ground
17
RIFB
Channel B IF bias adjust
35
NC
No connect
18
NC
No connect
36
VCC_RFA
Channel A RF DC supply, +5 V


Similar Part No. - SKY73022-11_09

ManufacturerPart #DatasheetDescription
logo
Skyworks Solutions Inc.
SKY73022-11 SKYWORKS-SKY73022-11 Datasheet
303Kb / 12P
   700 - 1000 MHz High Gain and Linearity Diversity Downconversion Mixer for 2G/3G Base Station Applications
More results

Similar Description - SKY73022-11_09

ManufacturerPart #DatasheetDescription
logo
Skyworks Solutions Inc.
SKY73032-11 SKYWORKS-SKY73032-11_09 Datasheet
229Kb / 14P
   700 ??1000 MHz High Gain and Linearity Single Downconversion Mixer
SKY73022-11 SKYWORKS-SKY73022-11 Datasheet
303Kb / 12P
   700 - 1000 MHz High Gain and Linearity Diversity Downconversion Mixer for 2G/3G Base Station Applications
SKY73086 SKYWORKS-SKY73086 Datasheet
380Kb / 12P
   650 - 900 MHz High Gain and Linearity Diversity Downconversion Mixer
SKY73084-11 SKYWORKS-SKY73084-11 Datasheet
362Kb / 16P
   300 - 500 MHz High Gain and Linearity Diversity Downconversion Mixer
SKY73020 SKYWORKS-SKY73020 Datasheet
509Kb / 17P
   700 - 1000 MHz High Gain and Linearity Diversity Downconversion Mixer for 2G/3G Base Station Transceiver Applications
SKY73020-11 SKYWORKS-SKY73020-11_15 Datasheet
493Kb / 20P
   700 to 1000 MHz High-Gain and High-Linearity Diversity Downconversion Mixer for 2G/3G Base Station Transceiver Applications
SKY73070 SKYWORKS-SKY73070 Datasheet
230Kb / 13P
   700 - 1000 MHz High Gain and Linearity Single
SKY73032 SKYWORKS-SKY73032 Datasheet
431Kb / 11P
   700 - 1000 MHz High Gain and Linearity Single Downconversion Mixer for 2G/3G Base Station Transceiver Applications
SKY73023 SKYWORKS-SKY73023 Datasheet
281Kb / 10P
   1700 -2200 MHz High Gain and Linearity Diversity Downconversion Mixer for 2G/3G Base Station Applications
SKY73085-11 SKYWORKS-SKY73085-11 Datasheet
1Mb / 16P
   390 - 500 MHz High Gain and Linearity Diversity Downconversion Mixer for 2G/3G Base Station Transceiver Applications
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com