Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SKY73033-11 Datasheet(PDF) 9 Page - Skyworks Solutions Inc.

Part # SKY73033-11
Description  1700 ??2200 MHz High Gain and Linearity Single Downconversion Mixer for 2G/3G Base Station Applications
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SKYWORKS [Skyworks Solutions Inc.]
Direct Link  http://www.skyworksinc.com
Logo SKYWORKS - Skyworks Solutions Inc.

SKY73033-11 Datasheet(HTML) 9 Page - Skyworks Solutions Inc.

Back Button SKY73033-11_09 Datasheet HTML 5Page - Skyworks Solutions Inc. SKY73033-11_09 Datasheet HTML 6Page - Skyworks Solutions Inc. SKY73033-11_09 Datasheet HTML 7Page - Skyworks Solutions Inc. SKY73033-11_09 Datasheet HTML 8Page - Skyworks Solutions Inc. SKY73033-11_09 Datasheet HTML 9Page - Skyworks Solutions Inc. SKY73033-11_09 Datasheet HTML 10Page - Skyworks Solutions Inc. SKY73033-11_09 Datasheet HTML 11Page - Skyworks Solutions Inc. SKY73033-11_09 Datasheet HTML 12Page - Skyworks Solutions Inc. SKY73033-11_09 Datasheet HTML 13Page - Skyworks Solutions Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 14 page
background image
DATA SHEET • SKY73033-11 DOWNCONVERSION MIXER
Skyworks Solutions, Inc. • Phone [781] 376-3000 • Fax [781] 376-3100 • sales@skyworksinc.com • www.skyworksinc.com
200635D • Skyworks Proprietary Information • Products and Product Information are Subject to Change Without Notice • September 30, 2009
9
S1214
J3
J8
J4
J1
J5
J9
Note: This Evaluation Board is used for several different Skyworks devices.
Components C3, C4, C6, C8, C9, C13, C15 through C19, R5, and L3 are not used for the
device described by this Data Sheet.
C17
C19
C20
C3
C2
C1
C5
C6
C8
C9
C4
C18
L3
L2
R5
R4
R3
L5
C16 C15
C13 C14
C11
C10
C7
R7
R8
R2
R1
U1
C12
R6
T2
L4
L1
J2
Figure 21. SKY73033-11 Evaluation Board Assembly Diagram


Similar Part No. - SKY73033-11_09

ManufacturerPart #DatasheetDescription
logo
Skyworks Solutions Inc.
SKY73033-11 SKYWORKS-SKY73033-11 Datasheet
429Kb / 11P
   1700 - 2200 MHz High Gain and Linearity Single Downconversion Mixer for 2G/3G Base Station Applications
More results

Similar Description - SKY73033-11_09

ManufacturerPart #DatasheetDescription
logo
Skyworks Solutions Inc.
SKY73033 SKYWORKS-SKY73033 Datasheet
429Kb / 11P
   1700 - 2200 MHz High Gain and Linearity Single Downconversion Mixer for 2G/3G Base Station Applications
SKY73023 SKYWORKS-SKY73023 Datasheet
281Kb / 10P
   1700 -2200 MHz High Gain and Linearity Diversity Downconversion Mixer for 2G/3G Base Station Applications
SKY73021 SKYWORKS-SKY73021_08 Datasheet
367Kb / 18P
   1700 ??2200 MHz High Gain and Linearity Diversity Downconversion Mixer for 2G/3G Base Station Transceiver Applications
SKY73021 SKYWORKS-SKY73021 Datasheet
501Kb / 15P
   1700 - 2200 MHz High Gain and Linearity Diversity Downconversion Mixer for 2G/3G Base Station Transceiver Applications
SKY73035 SKYWORKS-SKY73035 Datasheet
413Kb / 10P
   2300 - 2700 MHz High Gain and Linearity Single Downconversion Mixer for 2G/3G Base Station Applications
SKY73022-11 SKYWORKS-SKY73022-11 Datasheet
303Kb / 12P
   700 - 1000 MHz High Gain and Linearity Diversity Downconversion Mixer for 2G/3G Base Station Applications
SKY73032 SKYWORKS-SKY73032 Datasheet
431Kb / 11P
   700 - 1000 MHz High Gain and Linearity Single Downconversion Mixer for 2G/3G Base Station Transceiver Applications
SKY73085-11 SKYWORKS-SKY73085-11 Datasheet
1Mb / 16P
   390 - 500 MHz High Gain and Linearity Diversity Downconversion Mixer for 2G/3G Base Station Transceiver Applications
SKY73020 SKYWORKS-SKY73020 Datasheet
509Kb / 17P
   700 - 1000 MHz High Gain and Linearity Diversity Downconversion Mixer for 2G/3G Base Station Transceiver Applications
SKY73020-11 SKYWORKS-SKY73020-11_15 Datasheet
493Kb / 20P
   700 to 1000 MHz High-Gain and High-Linearity Diversity Downconversion Mixer for 2G/3G Base Station Transceiver Applications
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com