Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS79325DBVRG4 Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # TPS79325DBVRG4
Description  ULTRALOW-NOISE, HIGH PSRR, FAST RF 200-mA LOW-DROPOUT LINEAR REGULATORS IN NANOSTAR WAFER CHIP SCALE AND SOT23
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS79325DBVRG4 Datasheet(HTML) 1 Page - Texas Instruments

  TPS79325DBVRG4 Datasheet HTML 1Page - Texas Instruments TPS79325DBVRG4 Datasheet HTML 2Page - Texas Instruments TPS79325DBVRG4 Datasheet HTML 3Page - Texas Instruments TPS79325DBVRG4 Datasheet HTML 4Page - Texas Instruments TPS79325DBVRG4 Datasheet HTML 5Page - Texas Instruments TPS79325DBVRG4 Datasheet HTML 6Page - Texas Instruments TPS79325DBVRG4 Datasheet HTML 7Page - Texas Instruments TPS79325DBVRG4 Datasheet HTML 8Page - Texas Instruments TPS79325DBVRG4 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 18 page
background image
DBV 5
DBV 6
YEQ
www.ti.com
FEATURES
DESCRIPTION
APPLICATIONS
3
2
4
5
DBV PACKAGE
(TOP VIEW)
1
IN
GND
EN
OUT
NR
Fixed Option
3
2
4
6
DBV PACKAGE
(TOP VIEW)
1
IN
GND
EN
OUT
NR
5
FB
Adjustable Option
TPS79328
RIPPLE REJECTION
vs
FREQUENCY
IN
EN
OUT
NR
GND
YEQ
PACKAGE
(TOP VIEW)
10
100
1 k
10 k
10
40
80
100 k
1 M
10 M
Frequency (Hz)
IOUT = 10 mA
50
0
VIN = 3.8 V
COUT = 10 µF
CNR = 0.01 µF
IOUT = 200 mA
20
30
60
70
90
100
A3
A1
C3
C1
B2
0
0.05
0.10
0.15
0.20
0.25
0.30
100
1 k
10 k
100 k
Frequency (Hz)
IOUT = 1 mA
VIN = 3.8 V
COUT = 2.2 µF
CNR = 0.1 µF
IOUT = 200 mA
TPS79328
OUTPUT SPECTRAL NOISE DENSITY
vs
FREQUENCY
TPS79301, TPS79318
TPS79325, TPS79328, TPS793285
TPS79330, TPS79333, TPS793475
SLVS348H – JULY 2001 – REVISED OCTOBER 2004
ULTRALOW-NOISE, HIGH PSRR, FAST RF 200-mA LOW-DROPOUT LINEAR
REGULATORS IN NanoStar™ WAFER CHIP SCALE AND SOT23
200-mA RF Low-Dropout Regulator
The
TPS793xx
family
of
low-dropout
(LDO)
With Enable
low-power linear voltage regulators features high
power-supply rejection ratio (PSRR), ultralow-noise,
Available in 1.8-V, 2.5-V, 2.8-V, 2.85-V, 3-V,
fast start-up, and excellent line and load transient
3.3-V, 4.75-V, and Adjustable (1.22-V to 5.5-V)
responses in NanoStar wafer chip scale and SOT23
High PSRR (70 dB at 10 kHz)
packages. NanoStar packaging gives an ultrasmall
Ultralow-Noise (32 µVRMS, TPS79328)
footprint as well as an ultralow profile and package
weight, making it ideal for portable applications such
Fast Start-Up Time (50 µs)
as handsets and PDAs. Each device in the family is
Stable With a 2.2-µF Ceramic Capacitor
stable, with a small 2.2-µF ceramic capacitor on the
Excellent Load/Line Transient Response
output. The TPS793xx family uses an advanced,
proprietary BiCMOS fabrication process to yield ex-
Very Low Dropout Voltage (112 mV at Full
tremely low dropout voltages (e.g., 112 mV at
Load, TPS79330)
200 mA, TPS79330). Each device achieves fast
5- and 6-Pin SOT23 (DBV) and NanoStar Wafer
start-up times (approximately 50 µs with a 0.001-µF
Chip Scale (YEQ) Packages
bypass capacitor) while consuming very low quiesc-
ent current (170 µA typical). Moreover, when the
device is placed in standby mode, the supply current
RF: VCOs, Receivers, ADCs
is reduced to less than 1 µA. The TPS79328 exhibits
approximately 32 µVRMS of output voltage noise at
Audio
2.8-V output with a 0.1-µF bypass capacitor. Appli-
Cellular and Cordless Telephones
cations
with
analog
components
that
are
Bluetooth™, Wireless LAN
noise-sensitive, such as portable RF electronics,
Handheld Organizers, PDAs
benefit from the high PSRR and low-noise features
as well as the fast response time.
Figure 1.
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of Texas
Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
Bluetooth is a trademark of Bluetooth Sig, Inc.
NanoStar is a trademark of Texas Instruments.
UNLESS OTHERWISE NOTED this document contains PRO-
Copyright © 2001–2004, Texas Instruments Incorporated
DUCTION DATA information current as of publication date. Prod-
ucts conform to specifications per the terms of Texas Instruments
standard warranty. Production processing does not necessarily
include testing of all parameters.


Similar Part No. - TPS79325DBVRG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS79325DBVRG4 TI1-TPS79325DBVRG4 Datasheet
934Kb / 20P
[Old version datasheet]   ULTRALOW-NOISE, HIGH PSRR, FAST RF 200mA LOW-DROPOUT LINEAR
TPS79325DBVRG4 TI-TPS79325DBVRG4 Datasheet
891Kb / 20P
[Old version datasheet]   ULTRALOW-NOISE, HIGH PSRR, FAST RF 200mA LOW-DROPOUT LINEAR REGULATORS IN NanoStar WAFER CHIP SCALE AND SOT23
TPS79325DBVRG4 TI1-TPS79325DBVRG4 Datasheet
1Mb / 34P
[Old version datasheet]   Low-Noise, High PSRR, RF, 200-mA Low-Dropout Linear Regulators in NanoStar Wafer Chip Scale and SOT-23
TPS79325DBVRG4 TI1-TPS79325DBVRG4 Datasheet
1Mb / 33P
[Old version datasheet]   Low-Noise, High PSRR, RF, 200-mA Low-Dropout Linear Regulators in NanoStar Wafer Chip Scale and SOT-23
TPS79325DBVRG4 TI1-TPS79325DBVRG4 Datasheet
1Mb / 34P
[Old version datasheet]   TPS793 Low-Noise, High PSRR, RF, 200-mA Low-Dropout Linear Regulators in NanoStar??Wafer Chip Scale and SOT-23
More results

Similar Description - TPS79325DBVRG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS79328YZQR TI-TPS79328YZQR Datasheet
891Kb / 20P
[Old version datasheet]   ULTRALOW-NOISE, HIGH PSRR, FAST RF 200mA LOW-DROPOUT LINEAR REGULATORS IN NanoStar WAFER CHIP SCALE AND SOT23
TPS793 TI1-TPS793_16 Datasheet
1Mb / 34P
[Old version datasheet]   Low-Noise, High PSRR, RF, 200-mA Low-Dropout Linear Regulators in NanoStar Wafer Chip Scale and SOT-23
TPS793 TI1-TPS793_17 Datasheet
1Mb / 33P
[Old version datasheet]   Low-Noise, High PSRR, RF, 200-mA Low-Dropout Linear Regulators in NanoStar Wafer Chip Scale and SOT-23
TPS793 TI1-TPS793_V01 Datasheet
1Mb / 34P
[Old version datasheet]   TPS793 Low-Noise, High PSRR, RF, 200-mA Low-Dropout Linear Regulators in NanoStar??Wafer Chip Scale and SOT-23
TPS79333 TI-TPS79333_15 Datasheet
918Kb / 28P
[Old version datasheet]   TPS793 Low-Noise, High PSRR, RF, 200-mA Low-Dropout Linear Regulators in NanoStar??Wafer Chip Scale and SOT-23
TPS793 TI-TPS793_15 Datasheet
918Kb / 28P
[Old version datasheet]   TPS793 Low-Noise, High PSRR, RF, 200-mA Low-Dropout Linear Regulators in NanoStar??Wafer Chip Scale and SOT-23
TPS79301-Q1 TI-TPS79301-Q1 Datasheet
308Kb / 16P
[Old version datasheet]   ULTRALOW-NOISE HIGH-PSRR FAST-RF 200-mA LOW-DROPOUT LINEAR REGULATORS
TPS79301-EP TI1-TPS79301-EP_16 Datasheet
931Kb / 21P
[Old version datasheet]   ULTRALOW-NOISE, HIGH-PSRR, FAST RF 200-mA LOW-DROPOUT LINEAR REGULATORS
TPS793-Q1 TI1-TPS793-Q1 Datasheet
1Mb / 29P
[Old version datasheet]   Ultralow-Noise, High-PSRR, Fast RF 200-mA Low-Dropout Linear Regulators
TPS79301DBVRG4Q1 TI-TPS79301DBVRG4Q1 Datasheet
879Kb / 21P
[Old version datasheet]   ULTRALOW-NOISE, HIGH-PSRR, FAST RF 200-mA LOW-DROPOUT LINEAR REGULATORS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com