Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DEA161910LT-9031A1 Datasheet(PDF) 4 Page - TDK Electronics

Part # DEA161910LT-9031A1
Description  Multilayer Low Pass Filter (2in1)
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TDK [TDK Electronics]
Direct Link  http://www.tdk.com
Logo TDK - TDK Electronics

DEA161910LT-9031A1 Datasheet(HTML) 4 Page - TDK Electronics

  DEA161910LT-9031A1 Datasheet HTML 1Page - TDK Electronics DEA161910LT-9031A1 Datasheet HTML 2Page - TDK Electronics DEA161910LT-9031A1 Datasheet HTML 3Page - TDK Electronics DEA161910LT-9031A1 Datasheet HTML 4Page - TDK Electronics DEA161910LT-9031A1 Datasheet HTML 5Page - TDK Electronics DEA161910LT-9031A1 Datasheet HTML 6Page - TDK Electronics  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
RF Components
• All specifications are subject to change without notice.
• Before using these products, be sure to request the delivery specifications.
20160107 / rf_lpf_dea161910lt-9031a1_en.fm
20160107 / rf_lpf_dea161910lt-9031a1_en.fm
DEA161910LT-9031A1
FREQUENCY CHARACTERISTICS
LOW-BAND
Insertion Loss
Return Loss
Attenuation
HIGH-BAND
Insertion Loss
Return Loss
Attenuation
0.0
2.0
1.5
3.0
2.5
1.0
0.5
Frequency(MHz)
500
600
700
1100
1000
900
800
1200
1300
1400
Frequency(MHz)
40
5
0
30
20
10
0
500
600
700
1100
1000
900
800
1200
1300
1400
60
30
40
20
10
0
2000
0
4000
6000
8000
12000
14000
10000
50
Frequency(MHz)
0.0
2.0
1.5
3.0
2.5
1.0
0.5
Frequency(MHz)
1400
1600
1800
2600
2400
2200
2000
2800
3000
40
5
0
30
20
10
0
1600
1400
1800
2000
2200
2600
2800
3000
2400
Frequency(MHz)
60
30
40
20
10
0
2000
0
4000
6000
8000
12000
14000
10000
50
Frequency(MHz)


Similar Part No. - DEA161910LT-9031A1

ManufacturerPart #DatasheetDescription
logo
TDK Electronics
DEA161910LT-5003C1 TDK-DEA161910LT-5003C1 Datasheet
72Kb / 6P
   Multilayer Low Pass Filter
More results

Similar Description - DEA161910LT-9031A1

ManufacturerPart #DatasheetDescription
logo
TDK Electronics
DEA211898BT-9033B1 TDK-DEA211898BT-9033B1 Datasheet
81Kb / 7P
   Multilayer Band Pass Filter (Balance Output Type) (2in1)
DEA162500LT-1217A1 TDK-DEA162500LT-1217A1_15 Datasheet
72Kb / 6P
   Multilayer Low Pass Filter
DEA070960LT-4006B1 TDK-DEA070960LT-4006B1 Datasheet
73Kb / 6P
   Multilayer Low Pass Filter
DEA161990LT-1182 TDK-DEA161990LT-1182 Datasheet
70Kb / 6P
   Multilayer Low Pass Filter
DEA162025LT-5003C3 TDK-DEA162025LT-5003C3 Datasheet
73Kb / 6P
   Multilayer Low Pass Filter
DEA160787LT-5032A1 TDK-DEA160787LT-5032A1 Datasheet
71Kb / 6P
   Multilayer Low Pass Filter
DLF162500LT-5028A1 TDK-DLF162500LT-5028A1 Datasheet
73Kb / 6P
   Multilayer Low Pass Filter
DEA165850LT-1197B2 TDK-DEA165850LT-1197B2_15 Datasheet
72Kb / 6P
   Multilayer Low Pass Filter
DEA102025LT-6313A1 TDK-DEA102025LT-6313A1 Datasheet
70Kb / 6P
   Multilayer Low Pass Filter
DEA163600LT-5017A1 TDK-DEA163600LT-5017A1 Datasheet
74Kb / 6P
   Multilayer Low Pass Filter
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com