Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DEA161990LT-1182 Datasheet(PDF) 4 Page - TDK Electronics

Part # DEA161990LT-1182
Description  Multilayer Low Pass Filter
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TDK [TDK Electronics]
Direct Link  http://www.tdk.com
Logo TDK - TDK Electronics

DEA161990LT-1182 Datasheet(HTML) 4 Page - TDK Electronics

  DEA161990LT-1182 Datasheet HTML 1Page - TDK Electronics DEA161990LT-1182 Datasheet HTML 2Page - TDK Electronics DEA161990LT-1182 Datasheet HTML 3Page - TDK Electronics DEA161990LT-1182 Datasheet HTML 4Page - TDK Electronics DEA161990LT-1182 Datasheet HTML 5Page - TDK Electronics DEA161990LT-1182 Datasheet HTML 6Page - TDK Electronics  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
RF Components
• All specifications are subject to change without notice.
• Before using these products, be sure to request the delivery specifications.
20150601 / rf_lpf_dea161990lt-1182_en.fm
20150601 / rf_lpf_dea161990lt-1182_en.fm
DEA161990LT-1182
FREQUENCY CHARACTERISTICS
INSERTION LOSS
ATTENUATION
RETURN LOSS
1000
3000
2000
2500
1500
Frequency(MHz)
5.0
4.0
4.5
3.0
3.5
2.0
2.5
1.0
1.5
0.5
0.0
800
5800
2800
3800
4800
1800
Frequency(MHz)
60
40
50
20
30
10
0
1000
6000
3000
4000
5000
2000
Frequency(MHz)
–20
–10
–40
–30
–50
40
50
20
30
10
0


Similar Part No. - DEA161990LT-1182

ManufacturerPart #DatasheetDescription
logo
TDK Electronics
DEA161990LT-1182A8 TDK-DEA161990LT-1182A8 Datasheet
70Kb / 6P
   Multilayer Low Pass Filter
More results

Similar Description - DEA161990LT-1182

ManufacturerPart #DatasheetDescription
logo
TDK Electronics
DEA162500LT-1217A1 TDK-DEA162500LT-1217A1_15 Datasheet
72Kb / 6P
   Multilayer Low Pass Filter
DEA070960LT-4006B1 TDK-DEA070960LT-4006B1 Datasheet
73Kb / 6P
   Multilayer Low Pass Filter
DEA162025LT-5003C3 TDK-DEA162025LT-5003C3 Datasheet
73Kb / 6P
   Multilayer Low Pass Filter
DEA160787LT-5032A1 TDK-DEA160787LT-5032A1 Datasheet
71Kb / 6P
   Multilayer Low Pass Filter
DLF162500LT-5028A1 TDK-DLF162500LT-5028A1 Datasheet
73Kb / 6P
   Multilayer Low Pass Filter
DEA165850LT-1197B2 TDK-DEA165850LT-1197B2_15 Datasheet
72Kb / 6P
   Multilayer Low Pass Filter
DEA102025LT-6313A1 TDK-DEA102025LT-6313A1 Datasheet
70Kb / 6P
   Multilayer Low Pass Filter
DEA163600LT-5017A1 TDK-DEA163600LT-5017A1 Datasheet
74Kb / 6P
   Multilayer Low Pass Filter
DEA160960LT-1169AA TDK-DEA160960LT-1169AA Datasheet
71Kb / 6P
   Multilayer Low Pass Filter
DEA162700LT-5014A1 TDK-DEA162700LT-5014A1 Datasheet
73Kb / 6P
   Multilayer Low Pass Filter
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com