Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DEA162450BT-1298A1 Datasheet(PDF) 4 Page - TDK Electronics

Part # DEA162450BT-1298A1
Description  Multilayer Band Pass Filter
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TDK [TDK Electronics]
Direct Link  http://www.tdk.com
Logo TDK - TDK Electronics

DEA162450BT-1298A1 Datasheet(HTML) 4 Page - TDK Electronics

  DEA162450BT-1298A1 Datasheet HTML 1Page - TDK Electronics DEA162450BT-1298A1 Datasheet HTML 2Page - TDK Electronics DEA162450BT-1298A1 Datasheet HTML 3Page - TDK Electronics DEA162450BT-1298A1 Datasheet HTML 4Page - TDK Electronics DEA162450BT-1298A1 Datasheet HTML 5Page - TDK Electronics DEA162450BT-1298A1 Datasheet HTML 6Page - TDK Electronics DEA162450BT-1298A1 Datasheet HTML 7Page - TDK Electronics  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
RF Components
• All specifications are subject to change without notice.
• Before using these products, be sure to request the delivery specifications.
20150601 / rf_bpf_dea162450bt-1298a1_en.fm
20150601 / rf_bpf_dea162450bt-1298a1_en.fm
DEA162450BT-1298A1
FREQUENCY CHARACTERISTICS
INSERTION LOSS
ATTENUATION
RETURN LOSS
2200
2100
2000
2300
2400
2500
2600
2700
2800
Frequency(MHz)
0
5
4
3
2
1
1000
2000
3000
4000
5000
6000
7000
8000
Frequency(MHz)
50
60
30
40
20
10
0
2200
2100
2000
2300
2400
2500
2600
2700
2800
Frequency(MHz)
40
5
0
30
20
10
0


Similar Part No. - DEA162450BT-1298A1

ManufacturerPart #DatasheetDescription
logo
TDK Electronics
DEA162450BT-1295A1 TDK-DEA162450BT-1295A1 Datasheet
77Kb / 7P
   Multilayer Band Pass Filter
More results

Similar Description - DEA162450BT-1298A1

ManufacturerPart #DatasheetDescription
logo
TDK Electronics
DEA252400BT-2030A1 TDK-DEA252400BT-2030A1_16 Datasheet
72Kb / 6P
   Multilayer Band Pass Filter
DEA252450BT-2031A1 TDK-DEA252450BT-2031A1_16 Datasheet
72Kb / 6P
   Multilayer Band Pass Filter
DEA252450BT-2063C1 TDK-DEA252450BT-2063C1_16 Datasheet
74Kb / 6P
   Multilayer Band Pass Filter
DEA255787BT-2044A1 TDK-DEA255787BT-2044A1 Datasheet
76Kb / 6P
   Multilayer Band Pass Filter
DEA202450BT-1283A2 TDK-DEA202450BT-1283A2 Datasheet
71Kb / 6P
   Multilayer Band Pass Filter
DEA202450BT-2114F1 TDK-DEA202450BT-2114F1 Datasheet
72Kb / 6P
   Multilayer Band Pass Filter
DEA202450BT-3201B2 TDK-DEA202450BT-3201B2 Datasheet
75Kb / 6P
   Multilayer Band Pass Filter
DEA162450BT-2096A1-H TDK-DEA162450BT-2096A1-H Datasheet
74Kb / 6P
   Multilayer Band Pass Filter
DEA252450BT-2080B2 TDK-DEA252450BT-2080B2_16 Datasheet
75Kb / 6P
   Multilayer Band Pass Filter
DEA105425BT-1293A1 TDK-DEA105425BT-1293A1 Datasheet
70Kb / 6P
   Multilayer Band Pass Filter
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com