Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AN-1035 Datasheet(PDF) 10 Page - International Rectifier

Part # AN-1035
Description  Application Note
Download  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

AN-1035 Datasheet(HTML) 10 Page - International Rectifier

Back Button AN-1035 Datasheet HTML 6Page - International Rectifier AN-1035 Datasheet HTML 7Page - International Rectifier AN-1035 Datasheet HTML 8Page - International Rectifier AN-1035 Datasheet HTML 9Page - International Rectifier AN-1035 Datasheet HTML 10Page - International Rectifier AN-1035 Datasheet HTML 11Page - International Rectifier AN-1035 Datasheet HTML 12Page - International Rectifier AN-1035 Datasheet HTML 13Page - International Rectifier AN-1035 Datasheet HTML 14Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 42 page
background image
DirectFET
® Technology
AN-1035
Board Mounting Application Note
www.irf.com
Version 28 (revision history), April 2016
Page 10 of 42
Rework guidelines
Modern rework stations for ball grid array and leadless
packages often use two heating stages. The first heats
the substrate, either with a conventional hot-plate or a
hot-air system. The second stage uses a hot-air
system for localized heating, often with the option of
unheated air for faster cooling of the solder
interconnections on the replaced device; this improves
the solder grain structure.
The device placement mechanism or arm usually has
a hot-air de-soldering gun as part of the pick head,
equipped with a vacuum cup and thermocouple. Once
the solder reflow temperature has been reached, the
vacuum is automatically engaged to allow the device
to be removed from the substrate. This reduces the
risk of causing damage by premature removal.
International Rectifier does not recommend reusing
devices removed from a substrate. Dispose of the old
device and use a new replacement.
To replace a DirectFET device:
Note: If you usually bake to remove residual moisture before
rework, insert your normal procedure here.
1.
Heat the site to approximately 100°C (150°C for
lead-free assembly) using the substrate heating
stage.
Note: Pb devices are qualified for a maximum reflow peak
temperature of 230°C (260°C for PbF devices). To avoid
overheating the device or substrate, adjust the settings on your
equipment to achieve a maximum air temperature of 300°C.
2.
Lower the placement arm to bring the de-soldering
tool into contact with the device. When the device
and the solder interconnects reach reflow
temperature, lift the placement arm to remove the
device from the substrate. Discard the device.
3.
Clear residual solder from the site using a blade-
type de-soldering tool and de-soldering braid.
Clear residual flux using a flux-reducing agent.
Take care in cleaning the site: damage to the
solder-resist may produce undesirable results.
4.
When the site is ready, apply new solder paste
with a micro-stencil and squeegee.
5.
Position a new device on the vacuum tip of the
placement head and lower the placement arm
until the device is in contact with the solder paste.
6.
Switch off the vacuum on the placement head and
retract the placement arm, leaving the device in
place.
7.
Heat the site to approximately 100°C (150°C for
lead-free assembly) using the substrate heating
stage.
8.
Use the de-soldering tool to heat both device and
solder interconnects to reflow temperature,
waiting until all the solder has reflowed.
9.
Retract the arm, leaving the device in place. Cool
as quickly as possible.
Mechanical test results
International Rectifier has subjected board-mounted
DirectFET devices to extensive mechanical tests,
conducted in accordance with industry standards and
practices. The devices tested were of medium can size,
one MQ-outline and one MT-outline. Given that all
DirectFET devices are made in the same way, other
can sizes should perform to the same high standard.
This section contains summarized results for bend
tests, compression tests, drop tests and vibration
tests. Full reports are available on request.
Bend tests
Method
These tests were carried out in accordance with BS
EN 60068-2-21:1999 Test U: Robustness of
terminations and integral mounting devices.
To gauge relative performance, DirectFET devices
were tested against ceramic capacitors of a similar
size.
Substrates were initially tested over knife edges
set at 90mm pitch but, as few devices failed, the
pitch was changed to 70mm. This meant that the
same deflection formed a more acute radius,
increasing the strain and reducing the deflection
needed to cause failure (13-14mm deflection over
70mm pitch causes approximately the same strain
as 25mm deflection over 90mm pitch).
The speed of deflection was 1mms
-1 for all tests.
The test board measured 100x40mm and was
manufactured from FR4 2oz copper, finished in
nickel gold. The solder used was Sn63 Pb37.
Devices were mounted both longitudinally and
transversely, and were tested with the devices
mounted on both front and back of the board.


Similar Part No. - AN-1035

ManufacturerPart #DatasheetDescription
logo
Cymbet Corporation
AN-1030 CYMBET-AN-1030 Datasheet
494Kb / 6P
   EVAL-08 Frequently Asked Questions & Troubleshooting
logo
Fairchild Semiconductor
AN-1032 FAIRCHILD-AN-1032 Datasheet
39Kb / 2P
   Performance Restrictions Associated with 3.5 Watts SO-8 Power MOSFETs
logo
Cymbet Corporation
AN-1036 CYMBET-AN-1036 Datasheet
674Kb / 7P
   Using the EnerChip CC in Energy Harvesting Designs
logo
Analog Devices
AN-1039 AD-AN-1039 Datasheet
209Kb / 8P
   Correcting Imperfections in IQ Modulators to Improve RF Signal Fidelity
REV. 0
More results

Similar Description - AN-1035

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AN-236 AD-AN-236 Datasheet
164Kb / 3P
   APPLICATION NOTE
AN-686 AD-AN-686 Datasheet
55Kb / 2P
   APPLICATION NOTE
REV. 0
logo
Vectron International, ...
TFS211C VECTRON-TFS211C_03 Datasheet
40Kb / 2P
   Application Note
TFS199D VECTRON-TFS199D_08 Datasheet
25Kb / 1P
   Application Note
TFS380K VECTRON-TFS380K Datasheet
28Kb / 1P
   Application Note
TFS433K VECTRON-TFS433K_01 Datasheet
25Kb / 1P
   Application Note
logo
International Rectifier
AN-1070 IRF-AN-1070 Datasheet
241Kb / 14P
   Application Note
AN-1086 IRF-AN-1086 Datasheet
181Kb / 9P
   Application Note
logo
Vectron International, ...
TFS248E_0208 VECTRON-TFS248E_0208 Datasheet
13Kb / 1P
   Application Note
TFS321_0106 VECTRON-TFS321_0106 Datasheet
43Kb / 3P
   Application Note
logo
International Rectifier
AN-1204 IRF-AN-1204 Datasheet
916Kb / 11P
   Application Note
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com