Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FR304 Datasheet(PDF) 1 Page - Jinan Jing Heng Electronics Co., Ltd.

Part # FR304
Description  FAST RECOVERY RECTIFIER
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  JINGHENG [Jinan Jing Heng Electronics Co., Ltd.]
Direct Link  http://www.jinghenggroup.com/
Logo JINGHENG - Jinan Jing Heng Electronics Co., Ltd.

FR304 Datasheet(HTML) 1 Page - Jinan Jing Heng Electronics Co., Ltd.

  FR304 Datasheet HTML 1Page - Jinan Jing Heng Electronics Co., Ltd. FR304 Datasheet HTML 2Page - Jinan Jing Heng Electronics Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
FR301 TH U FR307
R
FAST RECOVERY RECTIFIER
Reverse Voltage: 50 to 1000 Volts
Forward Current:3.0Amperes
FEATURES
MECHANICAL DATA
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Case: JEDEC DO-201AD molded plastic body
Terminals: Plated axial leads, solderable per
MIL-STD-750,Method 2026
Polarity: Color band denotes cathode end
Any
Weight: 0.041 OUNCE,1.18 grams
Mounting Position:
Note: 1.Test conditions: I 0.5A,I =1.0A,I =0.25A.
F=
R
RR
(Rating at 25 C ambient temperature unless otherwise specified.Single phase ,half wave ,60H ,resistive or inductive
load. For capacitive load,derate current by 20%.)
°
Z
2.Measured at 1MH and applied reverse voltage of 4.0 Volts D.C.
Z
Low leakage
Maximum Recurrent Peak Reverse Voltage
VRRM
Volts
Volts
Volts
Volts
Amps
Amps
VRMS
VDC
I(AV)
IFSM
TSTG
VF
IR
trr
CJ
Maximum RMS Voltage
Maximum DC Blocking Voltage
Maximum Average Forward Rectified Current
Maximum Instantaneous Forward Voltage
at 3.0A
Operating junction and storage temperature
range
Maximum reverse recovery time(Note1)
Typical junction capacitance(Note2)
Maximum DC Reverse Current
at rated DC blocking voltage
T =25 C
A
°
T =100 C
A
°
-55 to+150
150
150
60
500
250
10
°C
TJ
50
50
35
100
100
70
200
200
140
400
400
280
600
600
420
800
800
560
1000
1000
700
150
1.3
3.0
Peak Forward Surge Current 8.3ms single half
sine-wave superimposed on rated load
(JEDEC method)
DO-201AD
Dimensions in inches and (millimeters)
0.375(9.50)
0.210(5.3)
0.052(1.32)
1.0(25.4)
MIN
1.0(25.4)
MIN
0.285(7.20)
0.190(4.8)
DIA
0.045(1.14)
DIA
pF
R
SEMICONDUCT OR
Symbols
Units
FR
301
FR
302
FR
303
FR
304
FR
305
FR
306
FR
307
High reliability
High current surge
High current capability
Low forward voltage drop
Component in accordance to RoHS 2011 65 EU
//
High temperature soldering guaranteed:260°C/10 seconds at terminals
ns
JINAN JINGHENG ELECTRONICS CO., LTD.
HTTP
WWW.JINGHENGGROUP.COM
://
21
-
-55 to+125
A
μ


Similar Part No. - FR304

ManufacturerPart #DatasheetDescription
logo
Diotech Company.
FR304 DIOTECH-FR304 Datasheet
679Kb / 2P
   FAST RECOVERY RECTIFIER
logo
Won-Top Electronics
FR304 WTE-FR304 Datasheet
46Kb / 3P
   3.0A FAST RECOVERY RECTIFIER
logo
Shenzhen Yixinwei Techn...
FR304 YIXIN-FR304 Datasheet
253Kb / 2P
   3.0 AMP FAST RECOVERY RECTIFIERS
logo
Leshan Radio Company
FR304 LRC-FR304 Datasheet
50Kb / 2P
   3A FAST RECOVERY DIODES
logo
Shenzhen Luguang Electr...
FR304 LUGUANG-FR304 Datasheet
191Kb / 2P
   3.0 AMP. Fast Recovery Rectifiers
More results

Similar Description - FR304

ManufacturerPart #DatasheetDescription
logo
Diotech Company.
FR301 DIOTECH-FR301 Datasheet
679Kb / 2P
   FAST RECOVERY RECTIFIER
logo
Shenzhen Ping Sheng Ele...
1F1 PFS-1F1 Datasheet
161Kb / 2P
   FAST RECOVERY RECTIFIER
logo
EIC discrete Semiconduc...
RGP15A EIC-RGP15A Datasheet
115Kb / 2P
   FAST RECOVERY RECTIFIER
logo
Microsemi Corporation
1N3879 MICROSEMI-1N3879_07 Datasheet
119Kb / 2P
   Fast Recovery Rectifier
1N3890A MICROSEMI-1N3890A_07 Datasheet
121Kb / 2P
   Fast Recovery Rectifier
logo
TRANSYS Electronics Lim...
16FL5S02 TEL-16FL5S02 Datasheet
170Kb / 1P
   Fast Recovery Rectifier
logo
Galaxy Semi-Conductor H...
FR101 BILIN-FR101 Datasheet
65Kb / 2P
   FAST RECOVERY RECTIFIER
RGP10A BILIN-RGP10A Datasheet
63Kb / 2P
   FAST RECOVERY RECTIFIER
PG101 BILIN-PG101 Datasheet
62Kb / 2P
   FAST RECOVERY RECTIFIER
PR1001 BILIN-PR1001 Datasheet
54Kb / 2P
   FAST RECOVERY RECTIFIER
3JH45 BILIN-3JH45 Datasheet
57Kb / 2P
   FAST RECOVERY RECTIFIER
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com