Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

1804AJ5C500 Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # 1804AJ5C500
Description  28 AWG stranded (19x40) high-conductivity silver plated copper alloy conductors, polypropylene insulation, tinned copper braid shield
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

1804AJ5C500 Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  1804AJ5C500 Datasheet HTML 1Page - List of Unclassifed Manufacturers 1804AJ5C500 Datasheet HTML 2Page - List of Unclassifed Manufacturers 1804AJ5C500 Datasheet HTML 3Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
1804A Non-Paired - Microphone and Musical Instrument Cable
Overall Nominal Diameter
.115 in.
MECHANICAL CHARACTERISTICS:
Operating Temperature Range
-30°C To +60°C
Non-UL Temperature Rating
60°C
Bulk Cable Weight
8.5 lbs/1000 ft.
Max. Recommended Pulling Tension
24 lbs.
Min. Bend Radius (Install)
0.5 in.
APPLICABLE SPECIFICATIONS AND AGENCY COMPLIANCE:
PLENUM/NON-PLENUM:
Plenum (Y/N)
N
ELECTRICAL CHARACTERISTICS:
Nom. Characteristic Impedance
40 Ohms
Nom. Inductance
.21 µH/ft
Nom. Capacitance Conductor to Conductor @ 1 KHz
40 pF/ft
Nom. Cap. Between Cond. in a Quad Config. @ 1
KHz
60 pF/ft
Nominal Velocity of Propagation
66 %
Nom. Conductor DC Resistance @ 20 Deg. C
65 Ohms/1000 ft
Nominal Outer Shield DC Resistance @ 20 Deg. C
15 Ohms/1000 ft
Max. Operating Voltage - UL
100 V RMS
Other Electrical Characteristic 1
2/c 25 AWG equivalent DCR when connected to a 3-pin XLR.
NOTES:
Notes
Quad connection scheme: The two blue wires (or wires directly opposite one
another) are connected together to form one conductor, and similarly the two white
wires (or remaining wires) are connected together to form the second conductor.
PUT-UPS AND COLORS:
Item
Description
Put-Up (ft.)
Ship Weight (lbs.)
Jacket Color
Notes
1804A G7V500
4 #28 STR PP SHLD
PVC
500
5
RED, MATTE
F
1804A G7X500
4 #28 STR PP SHLD
PVC
500
5
BLUE, MATTE
F
1804A G8M500
4 #28 STR PP SHLD
PVC
500
5
YELLOW, MATTE
F
1804A J5C100
4 #28 STR PP SHLD
PVC
100
1.7
BLACK, VIVID
MATTE
1804A J5C500
4 #28 STR PP SHLD
PVC
500
5
BLACK, VIVID
MATTE
F
1804A U4F500
4 #28 STR PP SHLD
PVC
500
5
BEIGE U4F
F
F = MAY CONTAIN MORE THAN 1 PIECE. MINIMUM LENGTH OF ANY ONE PIECE IS 50'
Revision Number: 1
Revision Date: 10-28-2003
Page 2 of 3


Similar Part No. - 1804AJ5C500

ManufacturerPart #DatasheetDescription
logo
Belden Inc.
1804A BELDEN-1804A Datasheet
241Kb / 2P
   Microphone Cable
More results

Similar Description - 1804AJ5C500

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
1192A ETC2-1192A Datasheet
30Kb / 3P
   24 AWG stranded (42x40) high-conductivity bare copper conductors, polyethylene insulation, tinned copper braid shield
8723NH ETC2-8723NH Datasheet
113Kb / 3P
   22 AWG stranded (7x30) tinned copper conductors, polypropylene insulation
1348422 ETC2-1348422 Datasheet
98Kb / 3P
   Minature, 28 AWG solid .013 tinned copper conductor, polypropylene insulation, bare copper braid shield
28473 ETC2-28473 Datasheet
34Kb / 4P
   22 AWG stranded (7x30) tinned copper conductors, polypropylene insulation
1345874 ETC2-1345874 Datasheet
101Kb / 3P
   22 AWG stranded (7x30) tinned copper conductors, polypropylene insulation
29467 ETC2-29467 Datasheet
30Kb / 3P
   22 AWG stranded (7x30) tinned copper conductors, polypropylene insulation
8723 ETC2-8723 Datasheet
103Kb / 3P
   22 AWG stranded (7x30) tinned copper conductors, polypropylene insulation,
1712701 ETC2-1712701 Datasheet
103Kb / 3P
   22 AWG stranded (7x30) tinned copper conductors, polypropylene insulation
9451SB ETC2-9451SB Datasheet
103Kb / 3P
   22 AWG stranded (7x30) tinned copper conductors, polypropylene insulation
1344972 ETC2-1344972 Datasheet
101Kb / 3P
   22 AWG stranded (7x30) tinned copper conductors, polypropylene insulation
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com