Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HCNW3120 Datasheet(PDF) 6 Page - Agilent(Hewlett-Packard)

Part # HCNW3120
Description  2.0 Amp Output Current IGBT Gate Drive Optocoupler
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HP [Agilent(Hewlett-Packard)]
Direct Link  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)

HCNW3120 Datasheet(HTML) 6 Page - Agilent(Hewlett-Packard)

Back Button HCNW3120 Datasheet HTML 2Page - Agilent(Hewlett-Packard) HCNW3120 Datasheet HTML 3Page - Agilent(Hewlett-Packard) HCNW3120 Datasheet HTML 4Page - Agilent(Hewlett-Packard) HCNW3120 Datasheet HTML 5Page - Agilent(Hewlett-Packard) HCNW3120 Datasheet HTML 6Page - Agilent(Hewlett-Packard) HCNW3120 Datasheet HTML 7Page - Agilent(Hewlett-Packard) HCNW3120 Datasheet HTML 8Page - Agilent(Hewlett-Packard) HCNW3120 Datasheet HTML 9Page - Agilent(Hewlett-Packard) HCNW3120 Datasheet HTML 10Page - Agilent(Hewlett-Packard) Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 18 page
background image
6 − 166
HCPL-3120/HCNW3120
スイッチング特性(AC)
(特に指定のない限り推奨動作条件下,VEE=GND)
項 目
記 号
Min.
Typ.*
Max.
単 位
テスト条件
伝達遅延時間
tPLH
0.10
0.30
0.50
µs
10, 11,
(出力“L”→“H”)
12, 13,
14
伝達遅延時間
tPHL
0.10
0.30
0.50
µs
Rg = 10 Ω ,
14, 23
(出力“H”→“L”)
Cg = 10 nF,
パルス幅ひずみ
PWD
0.3
µs
f = 10 kHz,
15
2部品間の
PDD
− 0.35
0.35
µs
Duty Cycle = 50%
34,35
10
伝達遅延時間差
(tPHL - tPLH)
立ち上がり時間
tr
0.1
µs
23
立ち下がり時間
tf
0.1
µs
UVLO(On)遅れ
tUVLO ON
0.8
µs
VO > 5 V,
IF = 10 mA
22
UVLO(Off)遅れ
tUVLO OFF
0.6
µs
VO < 5 V,
IF = 10 mA
瞬時同相除去電圧
TA =25℃,
(出力“H”)
|CMH
15
30
kV/
µs
IF = 10 to 16 mA,
11, 12
VCM = 1500 V,
VCC = 30 V
24
瞬時同相除去電圧
TA =25℃,
(出力“L”)
|CML
15
30
kV/
µs
VCM = 1500 V,
11, 13
VF = 0 V,
VCC = 30 V
パッケージ特性
項  目
記 号
型 名
Min.
Typ.*
Max.
単 位
テスト条件
入力−出力間
HCPL-3120
2500
RH < 50%,
瞬時耐圧 **
VISO
Vrms
t = 1 min.,
8, 9
HCNW3120
5000
TA =25℃
抵抗
HCPL-3120
1012
VI-O = 500 VDC
(入力−出力間)
RI-O
Ω
HCNW3120
1012
1013
TA =25℃
9
1011
TA = 100℃
容量
CI-O
HCPL-3120
0.6
pF
f = 1 MHz
(入力−出力間)
HCNW3120
0.5
0.6
LED −ケース間
θLC
467
℃/W
Thermocoupler
温度抵抗
located at
LED −ディテクタ間
θLD
442
℃/W
center
28
温度抵抗
underside of
ディテクタ−ケース間
θDC
126
℃/W
package
温度抵抗
* 特に指定のない限り全ての Typ. 値は TA =25℃,VCC −VEE = 30 V
** 入力−出力間瞬時耐圧は入力−出力間連続電圧ではない絶縁電圧です。連続電圧は機器レベルの安全スペックを参照なさるか、Agilent アプ
リケーションノート 1074 の“オプトカプラ入力−出力耐電圧”を参照ください。
6章161-207(PDF用)
01.5.24, 4:30 PM
Page 166
Adobe PageMaker 6.0J/PPC


Similar Part No. - HCNW3120

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
HCNW3120 AVAGO-HCNW3120 Datasheet
465Kb / 24P
   2.5 Amp Output Current IGBT Gate Drive Optocoupler
HCNW3120-000E AVAGO-HCNW3120-000E Datasheet
507Kb / 24P
   2.5 Amp Output Current IGBT Gate Drive Optocoupler
HCNW3120-300E AVAGO-HCNW3120-300E Datasheet
507Kb / 24P
   2.5 Amp Output Current IGBT Gate Drive Optocoupler
HCNW3120-500E AVAGO-HCNW3120-500E Datasheet
507Kb / 24P
   2.5 Amp Output Current IGBT Gate Drive Optocoupler
More results

Similar Description - HCNW3120

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
HCPL-5120 HP-HCPL-5120 Datasheet
194Kb / 16P
   2.0 Amp Output Current IGBT Gate Drive Optocoupler
HCPL-3120 HP-HCPL-3120 Datasheet
253Kb / 15P
   2.0 Amp Output Current IGBT Gate Drive Optocoupler
logo
AVAGO TECHNOLOGIES LIMI...
HCPL-5120 AVAGO-HCPL-5120 Datasheet
161Kb / 16P
   2.0 Amp Output Current IGBT Gate Drive Hermetically Sealed Optocoupler
logo
Broadcom Corporation.
HCPL-5120 BOARDCOM-HCPL-5120 Datasheet
1Mb / 19P
   2.0 Amp Output Current IGBT Gate Drive Hermetically Sealed Optocoupler
logo
Agilent(Hewlett-Packard...
HCPL-314J HP-HCPL-314J Datasheet
420Kb / 16P
   0.4 Amp Output Current IGBT Gate Drive Optocoupler
HCPL-J314 HP-HCPL-J314 Datasheet
418Kb / 17P
   0.4 Amp Output Current IGBT Gate Drive Optocoupler
HCPL-5150 HP-HCPL-5150 Datasheet
193Kb / 16P
   0.5 Amp Output Current IGBT Gate Drive Optocoupler
logo
AVAGO TECHNOLOGIES LIMI...
HCPL-3120-560E AVAGO-HCPL-3120-560E Datasheet
507Kb / 24P
   2.5 Amp Output Current IGBT Gate Drive Optocoupler
HCPL-J314-300E AVAGO-HCPL-J314-300E Datasheet
324Kb / 16P
   0.6 Amp Output Current IGBT Gate Drive Optocoupler
HCPL-314J AVAGO-HCPL-314J_11 Datasheet
212Kb / 14P
   0.4 Amp Output Current IGBT Gate Drive Optocoupler
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com