Electronic Components Datasheet Search |
|
M37736EHL Datasheet(PDF) 5 Page - Mitsubishi Electric Semiconductor |
|
M37736EHL Datasheet(HTML) 5 Page - Mitsubishi Electric Semiconductor |
5 / 36 page MITSUBISHI MICROCOMPUTERS M37736EHLXXXHP PROM VERSION OF M37736MHLXXXHP 5 PRELIMINARY Notice: This is not a final specification. Some parametric limits are subject to change. BASIC FUNCTION BLOCKS The M37736EHLXXXHP has the same functions as the M37736MHBXXXGP except for the following : (1) The built-in ROM is PROM. (2) The package is different. (3) The reset circuit is different. Refer to the section on the M37736MHBXXXGP. RESET CIRCUIT _____ The microcomputer is released from the reset state when the RESET pin is returned to “H” level after holding it at “L” level with the power source voltage at 2.7 – 5.5 V. Program execution starts at the address formed by setting address A23 – A16 to 0016, A15 – A8 to the contents of address FFFF16, and A7 – A0 to the contents of address FFFE16. Figure 1 shows an example of a reset circuit. When the stabilized clock is input from the external to the main-clock oscillation circuit, the reset input voltage must be 0.55 V or less when the power source voltage reaches 2.7 V. When a resonator/oscillator is connected to the main-clock oscillation circuit, change the reset input voltage from “L” to “H” after the main-clock oscillation is fully stabilized. The status of the internal registers during reset is the same as the M37736MHBXXXGP’s. Fig. 1 Example of a reset circuit VCC RESET RESET VCC 0V 0V 2.7V 0.55V Power on Note. In this case, stabilized clock is input from the external to the main-clock oscillation circuit. Perform careful evalvation at the system design level before using. |
Similar Part No. - M37736EHL |
|
Similar Description - M37736EHL |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |