Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CLB1H5C6R2K1000TC1 Datasheet(PDF) 2 Page - Murata Manufacturing Co., Ltd.

Part # CLB1H5C6R2K1000TC1
Description  Microwave Integrated Circuits
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MURATA [Murata Manufacturing Co., Ltd.]
Direct Link  http://www.murata.com
Logo MURATA - Murata Manufacturing Co., Ltd.

CLB1H5C6R2K1000TC1 Datasheet(HTML) 2 Page - Murata Manufacturing Co., Ltd.

  CLB1H5C6R2K1000TC1 Datasheet HTML 1Page - Murata Manufacturing Co., Ltd. CLB1H5C6R2K1000TC1 Datasheet HTML 2Page - Murata Manufacturing Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Product Search Data Sheet
CLB1H5C6R2K1000TC1
Specifications
Shape
SMD
Operating Temperature Range
-
55
to
125
Length_Width (size)
L 1.78 X W 1.78mm
Thickness
0.45mm
Thickness Tolerance
(max)
Rated Voltage
100Vdc
Capacitance
(25
)
6.2pF
Torelance
±10%
Temperature Characteristics (-25 to
85
)
0±30ppm/
Withstanding Voltage
250Vdc
Resistance
℃:
25
100000MΩmin.
2 of 2
Atten ti o n
1.T his datasheet is downloaded from the website of Murata Manufacturing Co., Ltd. T herefore, it’s specifications are subject to change or our products in it may be discontinued
without advance notice. Please check with our sales representatives or product engineers before ordering.
2.T his datasheet has only typical specifications because there is no space for detailed specifications.
T herefore, please review our product specifications or consult the approval sheet for product specifications before ordering.
URL : http://www.murata.com/
Last
updated 2016/06/09


Similar Part No. - CLB1H5C6R2K1000TC1

ManufacturerPart #DatasheetDescription
logo
Murata Manufacturing Co...
CLB1H5C6R2K1000TC1 MURATA1-CLB1H5C6R2K1000TC1 Datasheet
181Kb / 2P
   Microwave Integrated Circuits
Last updated06/09/2022
CLB1H5C6R2K1000TC1 MURATA1-CLB1H5C6R2K1000TC1_V01 Datasheet
181Kb / 2P
   Microwave Integrated Circuits
Last updated06/09/2022
More results

Similar Description - CLB1H5C6R2K1000TC1

ManufacturerPart #DatasheetDescription
logo
Murata Manufacturing Co...
CLB0AB59R1K1000TC1 MURATA-CLB0AB59R1K1000TC1 Datasheet
163Kb / 2P
   Microwave Integrated Circuits
CLB0AF9330M1000TC1 MURATA-CLB0AF9330M1000TC1 Datasheet
163Kb / 2P
   Microwave Integrated Circuits
CLB0CB5180K1000TC1 MURATA-CLB0CB5180K1000TC1 Datasheet
160Kb / 2P
   Microwave Integrated Circuits
CLB0D5C0R3B1000TC1 MURATA-CLB0D5C0R3B1000TC1 Datasheet
160Kb / 2P
   Microwave Integrated Circuits
CLB0GF9151M1000TC1 MURATA-CLB0GF9151M1000TC1 Datasheet
161Kb / 2P
   Microwave Integrated Circuits
CLB0GF9161M1000TC1 MURATA-CLB0GF9161M1000TC1 Datasheet
163Kb / 2P
   Microwave Integrated Circuits
CLB0H5C0R7B1000TC1 MURATA-CLB0H5C0R7B1000TC1 Datasheet
160Kb / 2P
   Microwave Integrated Circuits
CLB0HF9131M1000TC1 MURATA-CLB0HF9131M1000TC1 Datasheet
161Kb / 2P
   Microwave Integrated Circuits
CLB2E5C3R3K1000TC1 MURATA-CLB2E5C3R3K1000TC1 Datasheet
163Kb / 2P
   Microwave Integrated Circuits
CLB0AB56R8K1000TC1 MURATA-CLB0AB56R8K1000TC1 Datasheet
161Kb / 2P
   Microwave Integrated Circuits
CLB0AB5110K1000TC1 MURATA-CLB0AB5110K1000TC1 Datasheet
161Kb / 2P
   Microwave Integrated Circuits
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com