Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HT6207 Datasheet(PDF) 9 Page - Holtek Semiconductor Inc

Part # HT6207
Description  3(18) Series of Encoders
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT6207 Datasheet(HTML) 9 Page - Holtek Semiconductor Inc

Back Button HT6207 Datasheet HTML 4Page - Holtek Semiconductor Inc HT6207 Datasheet HTML 5Page - Holtek Semiconductor Inc HT6207 Datasheet HTML 6Page - Holtek Semiconductor Inc HT6207 Datasheet HTML 7Page - Holtek Semiconductor Inc HT6207 Datasheet HTML 8Page - Holtek Semiconductor Inc HT6207 Datasheet HTML 9Page - Holtek Semiconductor Inc HT6207 Datasheet HTML 10Page - Holtek Semiconductor Inc HT6207 Datasheet HTML 11Page - Holtek Semiconductor Inc HT6207 Datasheet HTML 12Page - Holtek Semiconductor Inc  
Zoom Inzoom in Zoom Outzoom out
 9 / 12 page
background image
Oscillator frequency vs supply voltage
The recommended oscillator frequency is fOSCD (decoder) @ fOSCE (encoder).
318 Series of Encoders
9
July 8, 1999
fo s c
( S cal e)
3. 00
2. 75
2. 50
2. 00
1. 75
1. 50
1. 25
( 100k H z ) 1 . 00
0. 75
0. 50
0. 25
Ro s c ( W )
120k
150k
180k
220k
270k
330k
390k
470k
560k
680k
820k
1M
1. 5M
2M
2. 25
VD D ( V D C )
234
5
67891 0
1 1
1 2 1 2 . 5


Similar Part No. - HT6207

ManufacturerPart #DatasheetDescription
logo
Holtek Semiconductor In...
HT6207 HOLTEK-HT6207 Datasheet
130Kb / 11P
   318 Series of Encoders
HT6207 HOLTEK-HT6207 Datasheet
168Kb / 15P
   318 Series of Encoders
More results

Similar Description - HT6207

ManufacturerPart #DatasheetDescription
logo
Holtek Semiconductor In...
HT12A HOLTEK-HT12A Datasheet
141Kb / 13P
   Series of Encoders
HT12A HOLTEK-HT12A_03 Datasheet
165Kb / 14P
   212 Series of Encoders
HT600 HOLTEK-HT600 Datasheet
130Kb / 11P
   318 Series of Encoders
HT6010 HOLTEK-HT6010 Datasheet
121Kb / 11P
   312 Series of Encoders
HT6010 HOLTEK-HT6010_03 Datasheet
168Kb / 13P
   312 Series of Encoders
HT600 HOLTEK-HT600_03 Datasheet
168Kb / 15P
   318 Series of Encoders
logo
Panasonic Semiconductor
EVQV5 PANASONIC-EVQV5 Datasheet
111Kb / 2P
   27/18 mm Center Space Encoders
EVQ-VEMF0324B PANASONIC-EVQ-VEMF0324B Datasheet
62Kb / 1P
   27/18 mm Center Space Encoders
EVQ-WHA50K PANASONIC-EVQ-WHA50K Datasheet
64Kb / 1P
   18 mm Square Encoders (High Rotational Torque)
EVQW PANASONIC-EVQW Datasheet
102Kb / 2P
   18 mm Square Encoders (High Rotational Torque)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com