Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PQA30-D24-S15-D Datasheet(PDF) 3 Page - CUI INC

Part # PQA30-D24-S15-D
Description  DC-DC CONVERTER
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CUI [CUI INC]
Direct Link  http://www.cui.com
Logo CUI - CUI INC

PQA30-D24-S15-D Datasheet(HTML) 3 Page - CUI INC

  PQA30-D24-S15-D Datasheet HTML 1Page - CUI INC PQA30-D24-S15-D Datasheet HTML 2Page - CUI INC PQA30-D24-S15-D Datasheet HTML 3Page - CUI INC PQA30-D24-S15-D Datasheet HTML 4Page - CUI INC PQA30-D24-S15-D Datasheet HTML 5Page - CUI INC PQA30-D24-S15-D Datasheet HTML 6Page - CUI INC PQA30-D24-S15-D Datasheet HTML 7Page - CUI INC  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
cui.com
CUI Inc
│ SERIES: PQA30-D │ DESCRIPTION: DC-DC CONVERTER
date 07/08/2014
│ page 3 of 7
SAFETY AND COMPLIANCE
parameter
conditions/description
min
typ
max
units
isolation voltage
input to output for 1 minute at 1 mA max.
1,500
Vdc
isolation resistance
input to output at 500 Vdc
1,000
MΩ
EMI/EMC
CE1
conducted emissions
CISPR22/EN55022 class A (no circuit required); class B (external circuit required, see Figure 1-b)
radiated emissions
CISPR22/EN55022 class A (no circuit required); class B (external circuit required, see Figure 1-b)
ESD
IEC/EN61000-4-2 class B, contact ± 4kV
radiated immunity
IEC/EN61000-4-3 class A, 10V/m
EFT/burst
IEC/EN61000-4-4 class B, ± 2kV (external circuit required, see Figure 1-a)
surge
IEC/EN61000-4-5 class B, ± 2kV (external circuit required, see Figure 1-a)
conducted immunity
IEC/EN61000-4-6 class A, 3 Vr.m.s
voltage dips & interruptions
IEC/EN61000-4-29 class B, 0%-70%
MTBF
as per MIL-HDBK-217F @ 25°C
1,000,000
hours
RoHS
2011/65/EU
Note
1. CE mark is only on models without heatsink.
ENVIRONMENTAL
parameter
conditions/description
min
typ
max
units
operating temperature
see derating curves
-40
85
°C
storage temperature
-55
125
°C
storage humidity
non-condensing
5
95
%
case temperature
at full load, operating temperature curve range
105
°C
vibration
10~55Hz, 30 min. along x, y, and z axis
10
G
SOLDERABILITY
parameter
conditions/description
min
typ
max
units
hand soldering
1.5 mm from case for 10 seconds
300
°C
wave soldering
see wave soldering profile
260
°C
MECHANICAL
parameter
conditions/description
min
typ
max
units
dimensions
board mount: 50.80 x 25.40 x 11.80
board mount with heatsink: 50.80 x 25.40 x 16.30
mm
mm
case material
aluminum alloy
weight
board mount
board mount with heatsink
22
35
g
g
10 Sec. Max.
Wave Soldering Time
4 Sec. Max.
Peak Temp. 260°C Max.
Time (sec.)
250
200
150
100
50
0
For more information, please visit the product page.


Similar Part No. - PQA30-D24-S15-D

ManufacturerPart #DatasheetDescription
logo
CUI INC
PQA30-D24-S15-T CUI-PQA30-D24-S15-T Datasheet
836Kb / 7P
   DC-DC CONVERTER
PQA30-D24-S15-T CUI-PQA30-D24-S15-T Datasheet
1Mb / 7P
   DC-DC CONVERTER
08/30/2021
More results

Similar Description - PQA30-D24-S15-D

ManufacturerPart #DatasheetDescription
logo
Wall Industries,Inc.
JF48S12-1250 WALL-JF48S12-1250 Datasheet
766Kb / 15P
   DC/DC Converter
JFW24S15-1000 WALL-JFW24S15-1000 Datasheet
1Mb / 16P
   DC/DC Converter
logo
Power Mate Technology C...
DFEC40W P-DUKE-DFEC40W_14 Datasheet
325Kb / 3P
   DC-DC CONVERTER
DFEC60 P-DUKE-DFEC60_14 Datasheet
321Kb / 3P
   DC-DC CONVERTER
FKC08 P-DUKE-FKC08_14 Datasheet
582Kb / 3P
   DC-DC CONVERTER
UFEC15W P-DUKE-UFEC15W_14 Datasheet
521Kb / 4P
   DC-DC CONVERTER
URED20W P-DUKE-URED20W_14 Datasheet
543Kb / 4P
   DC-DC CONVERTER
SDH03W P-DUKE-SDH03W_14 Datasheet
436Kb / 3P
   DC-DC CONVERTER
SDS02 P-DUKE-SDS02_14 Datasheet
701Kb / 4P
   DC-DC CONVERTER
FKC15W P-DUKE-FKC15W_14 Datasheet
315Kb / 3P
   DC-DC CONVERTER
LCD15W P-DUKE-LCD15W_14 Datasheet
442Kb / 4P
   DC-DC CONVERTER
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com