Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM2743MTCX Datasheet(PDF) 4 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM2743MTCX
Description  N-Channel FET Synchronous Buck Regulator Controller for Conversion from 3.3V
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM2743MTCX Datasheet(HTML) 4 Page - National Semiconductor (TI)

  LM2743MTCX Datasheet HTML 1Page - National Semiconductor (TI) LM2743MTCX Datasheet HTML 2Page - National Semiconductor (TI) LM2743MTCX Datasheet HTML 3Page - National Semiconductor (TI) LM2743MTCX Datasheet HTML 4Page - National Semiconductor (TI) LM2743MTCX Datasheet HTML 5Page - National Semiconductor (TI) LM2743MTCX Datasheet HTML 6Page - National Semiconductor (TI) LM2743MTCX Datasheet HTML 7Page - National Semiconductor (TI) LM2743MTCX Datasheet HTML 8Page - National Semiconductor (TI) LM2743MTCX Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 23 page
background image
Electrical Characteristics (Continued)
V
CC = 3.3V unless otherwise indicated. Typicals and limits appearing in plain type apply for TA=TJ= 25˚C. Limits appearing in
boldface type apply over full Operating Temperature Range. Datasheet min/max specification limits are guaranteed by design,
test, or statistical analysis.
Symbol
Parameter
Conditions
Min
Typ
Max
Units
GATE DRIVE
I
Q-BOOT
BOOT Pin Quiescent Current
V
BOOT = 12V, VSD =0
18
90
µA
R
HG_UP
High-Side MOSFET Driver
Pull-Up ON resistance
V
BOOT -VSW = 9.5V@350mA
3
R
HG_DN
High-Side MOSFET Driver
Pull-Down ON resistance
V
BOOT -VSW = 4.5V@350mA
2
R
LG_UP
Low-Side MOSFET Driver
Pull-Up ON resistance
V
BOOT -VSW = 9.5V@350mA
3
R
LG_DN
Low-Side MOSFET Driver
Pull-Down ON resistance
V
BOOT -VSW = 4.5V@350mA
2
OSCILLATOR
F
SW
PWM Frequency
R
FADJ = 702.1 k
50
kHz
R
FADJ = 98.74 k
300
R
FADJ = 45.74 k
475
600
725
R
FADJ = 24.91 k
1000
D
Max High-Side Duty Cycle
F
SW = 300kHz
F
SW = 600kHz
F
SW = 1MHz
80
76
73
%
LOGIC INPUTS AND OUTPUTS
V
STBY-IH
Standby High Trip Point
V
FB = 0.575V, VBOOT = 3.3V, VSD
Rising
1.1
V
V
STBY-IL
Standby Low Trip Point
V
FB = 0.575V, VBOOT = 3.3V, VSD
Falling
0.232
V
V
SD-IH
SD Pin Logic High Trip Point
V
SD Rising
1.3
V
V
SD-IL
SD Pin Logic Low Trip Point
V
SD Falling
0.8
V
V
PWGD-TH-LO
PWGD Pin Trip Points
FB Falling
0.408
0.434
0.457
V
V
PWGD-TH-HI
PWGD Pin Trip Points
FB Rising
0.677
0.710
0.742
V
V
PWGD-HYS
PWGD Hysteresis
FB Falling
FB Rising
60
90
mV
Note 1: Absolute maximum ratings indicate limits beyond which damage to the device may occur. Operating ratings indicate conditions for which the device
operates correctly. Opearting Ratings do not imply guaranteed performance limits.
Note 2: The power MOSFETs can run on a separate 1V to 16V rail (Input voltage, VIN). Practical lower limit of VIN depends on selection of the external MOSFET.
Note 3: The human body model is a 100pF capacitor discharged through a 1.5k resistor into each pin.
www.national.com
4


Similar Part No. - LM2743MTCX

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM2743MTCX TI-LM2743MTCX Datasheet
1Mb / 37P
[Old version datasheet]   LM2743 Low Voltage N-Channel MOSFET Synchronous Buck Regulator Controller
LM2743MTCX TI1-LM2743MTCX Datasheet
1Mb / 41P
[Old version datasheet]   LM2743 Low Voltage N-Channel MOSFET Synchronous Buck Regulator Controller
LM2743MTCX/NOPB TI1-LM2743MTCX/NOPB Datasheet
1Mb / 41P
[Old version datasheet]   LM2743 Low Voltage N-Channel MOSFET Synchronous Buck Regulator Controller
More results

Similar Description - LM2743MTCX

ManufacturerPart #DatasheetDescription
logo
Winbond
W83320S WINBOND-W83320S Datasheet
506Kb / 18P
   N-Channel FET Synchronous Buck Regulator Controller
logo
Nuvoton Technology Corp...
W83321S NUVOTON-W83321S Datasheet
571Kb / 18P
   N-Channel FET Synchronous Buck Regulator Controller
logo
Winbond
W83321S WINBOND-W83321S Datasheet
795Kb / 18P
   N-Channel FET Synchronous Buck Regulator Controller
logo
Nuvoton Technology Corp...
W83320G NUVOTON-W83320G Datasheet
422Kb / 20P
   N-Channel FET Synchronous Buck Regulator Controller
logo
Texas Instruments
LM2742 TI-LM2742_15 Datasheet
1Mb / 33P
[Old version datasheet]   N-Channel FET Synchronous Buck Regulator Controller for Low Output Voltages
LM2737MTC TI1-LM2737MTC Datasheet
1Mb / 31P
[Old version datasheet]   LM2727/LM2737 N-Channel FET Synchronous Buck Regulator Controller
logo
National Semiconductor ...
LM2742 NSC-LM2742 Datasheet
619Kb / 22P
   N-Channel FET Synchronous Buck Regulator Controller for Low Output Voltages
LM2727 NSC-LM2727 Datasheet
602Kb / 22P
   N-Channel FET Synchronous Buck Regulator Controller for Low Output Voltages
logo
Texas Instruments
LM2737MTCX TI-LM2737MTCX Datasheet
1Mb / 31P
[Old version datasheet]   LM2727/LM2737 N-Channel FET Synchronous Buck Regulator Controller for Low Output
LM2727 TI-LM2727_15 Datasheet
1Mb / 32P
[Old version datasheet]   LM2727/LM2737 N-Channel FET Synchronous Buck Regulator Controller for Low Output Voltages
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com