Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

4N36-G Datasheet(PDF) 1 Page - CT Micro International Corporation

Part # 4N36-G
Description  DC Input 6-Pin Phototransistor Optocoupler
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CTMICRO [CT Micro International Corporation]
Direct Link  http://www.ct-micro.com/
Logo CTMICRO - CT Micro International Corporation

4N36-G Datasheet(HTML) 1 Page - CT Micro International Corporation

  4N36-G Datasheet HTML 1Page - CT Micro International Corporation 4N36-G Datasheet HTML 2Page - CT Micro International Corporation 4N36-G Datasheet HTML 3Page - CT Micro International Corporation 4N36-G Datasheet HTML 4Page - CT Micro International Corporation 4N36-G Datasheet HTML 5Page - CT Micro International Corporation 4N36-G Datasheet HTML 6Page - CT Micro International Corporation 4N36-G Datasheet HTML 7Page - CT Micro International Corporation 4N36-G Datasheet HTML 8Page - CT Micro International Corporation 4N36-G Datasheet HTML 9Page - CT Micro International Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
CT Micro
Rev 2
Proprietary & Confidential
Page 1
Apr, 2016
4N25, 4N26, 4N27, 4N28, 4N35, 4N36, 4N37, 4N38
H11A1, H11A2, H11A3, H11A4, H11A5
DC Input 6-Pin Phototransistor Optocoupler
Package Outline
Schematic
Note: Different bending options available. See package
dimension.
Features
High isolation 5000 VRMS
CTR flexibility available see order information
DC input with transistor output
Operating temperature range - 55 °C to 110 °C
Regulatory Approvals
UL - UL1577 (E364000)
VDE - EN60747-5-5(VDE0884-5)
CQC – GB4943.1, GB8898
IEC60065, IEC60950
Applications
Switch mode power supplies
Computer peripheral interface
Microprocessor system interface
Description
The 4N25, 4N26, 4N27, 4N28, 4N35, 4N36, 4N37,
4N38, H11A1, H11A2, H11A3, H11A4, H11A5 series
consists of a photo transistor optically coupled to a
gallium arsenide Infrared-emitting diode in a 6-lead
DIP package different lead forming options.


Similar Part No. - 4N36-G

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
4N36-M FAIRCHILD-4N36-M Datasheet
614Kb / 15P
   GENERAL PURPOSE 6-PIN PHOTOTRANSISTOR OPTOCOUPLERS
logo
Vishay Siliconix
4N36-X VISHAY-4N36-X Datasheet
152Kb / 7P
   Optocoupler, Phototransistor Output, with Base Connection
Rev. 1.8, 16-Jan-12
4N36-X000 VISHAY-4N36-X000 Datasheet
152Kb / 7P
   Optocoupler, Phototransistor Output, with Base Connection
Rev. 1.8, 16-Jan-12
4N36-X007 VISHAY-4N36-X007 Datasheet
157Kb / 9P
   Optocoupler, Phototransistor Output, With Base Connection
Rev. 1.5, 27-Jan-05
4N36-X007 VISHAY-4N36-X007 Datasheet
152Kb / 7P
   Optocoupler, Phototransistor Output, with Base Connection
Rev. 1.8, 16-Jan-12
More results

Similar Description - 4N36-G

ManufacturerPart #DatasheetDescription
logo
CT Micro International ...
CNY17-1 CTMICRO-CNY17-1 Datasheet
1Mb / 14P
   DC Input 6-Pin Phototransistor Optocoupler
CT827 CTMICRO-CT827 Datasheet
715Kb / 12P
   DC Input 8-Pin Phototransistor Optocoupler
CT817 CTMICRO-CT817 Datasheet
1Mb / 16P
   DC Input 4-Pin Phototransistor Optocoupler
CT816D3 CTMICRO-CT816D3 Datasheet
1Mb / 16P
   DC Input 4-Pin Phototransistor Optocoupler
CT851 CTMICRO-CT851 Datasheet
1Mb / 16P
   DC Input 4-Pin Phototransistor Optocoupler
CT451 CTMICRO-CT451 Datasheet
1Mb / 12P
   DC Input 4-Pin Phototransistor Optocoupler
CT816 CTMICRO-CT816 Datasheet
1Mb / 16P
   DC Input 4-Pin Phototransistor Optocoupler
logo
List of Unclassifed Man...
4N2X ETC2-4N2X Datasheet
654Kb / 17P
   6-PIN PHOTOTRANSISTOR OPTOCOUPLER
4N2X ETC1-4N2X Datasheet
654Kb / 17P
   6-PIN PHOTOTRANSISTOR OPTOCOUPLER
logo
CT Micro International ...
4N29 CTMICRO-4N29 Datasheet
1Mb / 13P
   DC Input 6-Pin Photodarlington Optocoupler
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com